Part Number Hot Search : 
G4PH30K MUR820 MX98748 TPCF8A01 0VXR56 FM105 AN8037 41051
Product Description
Full Text Search
 

To Download BP12-6-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nominal voltage nominal capacity 1.2ah @ 20 hour rate f.v.(1.75v/cell) t erminals 55m 0.36 a oo o o charge 0 c ~ 40 c(32 f ~ 104 f) oo o o discharge -20 c ~ 50 c(-4 f ~ 122 f) oo o o storage. -20 c ~ 40 c(-4 f ~ 104 f) internal resistance length 97 1.5 width 25 1.5 container height 51 1.5 total height o u te r d im e n s io n s t e r m in a l t y p e 6 v max. charge current container material dimension(mm/inch) 300g(0.66lbs.) vrla rechargeable battery bp1.2-6 technology measures innovation values 562.0 b.b. battery co., ltd. powered by application features specifications iec 61056-1 jis c 8702-1gb/t 19639.1 approx. weight max. discharge current 18 a (5 sec.) (fully charged ) operating tem perature range (3.82 0.06) (0.98 0.06) (2.01 0.06) (2.20 0.08) t1 (faston tab 187) te rm ina l t 1 4 . 7 5 ( 0 . 1 9 ) 3.2 (0. 13) 6.3 5(0 .25 ) 0 . 8 ( 0 . 0 3 ) ups security medical lojack 9 7 1 . 5 ( 3 . 8 2 0.0 6) 5 1 1 . 5 ( 2 . 0 1 0 . 0 6 ) 5 6 2 ( 2 . 2 0 0 . 0 8 ) 25 1 . 5 ( 0 . 9 8 0 . 0 6 ) (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr unit: w o o const ant po wer di scharg e char acteris tics at 25 c/77 f 21.69 25.11 26.6827.88 28.80 15.9717.30 17.92 18.35 18.72 12.8013.39 13.80 14.12 14.40 7.617.90 8.08 8.20 8.28 4.3674.498 4.579 4.634 4.680 1.7491.784 1.800 1.813 1.823 1.2061.224 1.231 1.235 1.239 0.6740.684 0.687 0.689 0.689 0.355 0.360 0.360 0.360 0.360 (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr unit: a o o const ant cu rrent d ischar ge cha racter istics at 25 c/77 f 3.91 4.614.89 5.11 5.28 2.813.05 3.16 3.23 3.30 2.232.33 2.40 2.46 2.50 1.2911.340 1.370 1.389 1.403 0.7340.756 0.770 0.779 0.787 0.2910.297 0.300 0.302 0.304 0.2010.204 0.205 0.206 0.206 0.1120.114 0.115 0.115 0.115 0.059 0.060 0.060 0.060 0.060 1.80v 1.75v 1.70v 1.65v 1.60v 1.80v 1.75v 1.70v 1.65v 1.60v maintenance free(no water topping-up required). no free acid(non-spillable battery). low self-discharge rate, lower than 3% capacity loss per month. can be used in any orientation(excluding used inverted). absorbent glass mat technology for efficient gas recombination. rev. mar . 2013 a/2 all d ata and artw orks sha ll be cha nge d w itho ut p rior noti ce, bb rese rves the righ t to exp lain and upd ate the info rma tion con tain ed h erei nto. standard: abs( ul 94-hb) bp1.2-6 bp1.2-6fr optional: flame retardant abs(ul 94-v0)


▲Up To Search▲   

 
Price & Availability of BP12-6-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X