Part Number Hot Search : 
M48T18MH FR601G K1560G3 LTC5582 LTC5582 LTC37 2SA542 MAX5413
Product Description
Full Text Search
 

To Download BP10-4-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nominal voltage nominal capacity 10.0ah @ 20 hour rate f.v.(1.75v/cell) t erminals 8m 3.0 a oo o o charge 0 c ~ 40 c(32 f ~ 104 f) oo o o discharge -20 c ~ 50 c(-4 f ~ 122 f) oo o o storage. -20 c ~ 40 c(-4 f ~ 104 f) internal resistance length 101 1.5 width 50 1.5 container height 94 1.5 total height o u te r d im e n s io n s t e r m in a l t y p e 4 v max. charge current container material dimension(mm/inch) 1310g(2.89lbs.) vrla rechargeable battery bp10-4 technology measures innovation values 1002.0 b.b. battery co., ltd. powered by rev. feb. 2013 a/2 application features specifications iec 61056-1 jis c 8702-1gb/t 19639.1 approx. weight max. discharge current 150 a (5 sec.) (fully charged ) operating tem perature range (3.98 0.06) (1.97 0.06) (3.70 0.06) (3.94 0.08) t e rm in a l t 1 t e rm in a l t 2 ups lighting medical old laptop 9 4 1 . 5 ( 3 . 7 0 0 . 0 6 ) 1 0 0 2 ( 3 . 9 4 0 . 0 8 ) all d ata and artw orks sha ll be cha nge d w itho ut p rior noti ce, bb rese rves the righ t to exp lain and upd ate the info rma tion con tain ed h erei nto. (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr unit: a o o const ant cu rrent d ischar ge cha racter istics at 25 c/77 f (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr unit: w o o const ant po wer di scharg e char acteris tics at 25 c/77 f 120.5 139.5148.2 154.9 160.0 88.796.1 99.6 102.0104.0 71.174.4 76.7 78.4 80.0 42.343.9 44.9 45.5 46.0 24.2624.99 25.44 25.74 26.00 9.729.91 10.0010.07 10.13 6.706.80 6.84 6.86 6.88 3.743.80 3.82 3.83 3.83 1.97 2.00 2.01 2.02 2.02 32.5738.39 40.79 42.62 44.04 23.4325.38 26.30 26.93 27.46 18.5519.40 20.00 20.46 20.87 10.7511.16 11.42 11.58 11.69 6.126.30 6.41 6.49 6.55 2.432.48 2.50 2.52 2.53 1.6751.700 1.709 1.715 1.720 0.9360.950 0.955 0.958 0.958 0.493 0.500 0.503 0.504 0.504 1.80v 1.75v 1.70v 1.65v 1.60v 1.80v 1.75v 1.70v 1.65v 1.60v t1 (faston tab 187) t2 is optional 10 1 1 .5 (3 .9 8 0 .0 6) 50 1 .5 (1 .9 7 0 .0 6) maintenance free(no water topping-up required). no free acid(non-spillable battery). low self-discharge rate, lower than 3% capacity loss per month. can be used in any orientation(excluding used inverted). absorbent glass mat technology for efficient gas recombination. abs( ul 94-hb) abs(ul 94-v0) standard: optional: bp10-4fr bp10-4 4 . 7 5 ( 0 . 1 9 ) 3.2(0.13) 6.35(0.25) 0 . 8 ( 0 . 0 3 ) 3.4(0.13) 6 . 3 5 ( 0 . 2 5 ) 7.95(0.31) 0 . 8 ( 0 . 0 3 )


▲Up To Search▲   

 
Price & Availability of BP10-4-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X