Part Number Hot Search : 
2SC2337 0N06L 1756I VTALF S220TBKT M66223FP ABT16 NDL1202
Product Description
Full Text Search
 

To Download 74HCHCT563 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation file under integrated circuits, ic06 december 1990 integrated circuits 74hc/hct563 octal d-type transparent latch; 3-state; inverting for a complete data sheet, please also download: the ic06 74hc/hct/hcu/hcmos logic family specifications the ic06 74hc/hct/hcu/hcmos logic package information the ic06 74hc/hct/hcu/hcmos logic package outlines
december 1990 2 philips semiconductors product speci?cation octal d-type transparent latch; 3-state; inverting 74hc/hct563 features 3-state inverting outputs for bus oriented applications inputs and outputs on opposite sides of package allowing easy interface with microprocessor common 3-state output enable input output capability: bus driver i cc category: msi general description the 74hc/hct563 are high-speed si-gate cmos devices and are pin compatible with low power schottky ttl (lsttl). they are specified in compliance with jedec standard no. 7a. the 74hc/hct563 are octal d-type transparent latches featuring separate d-type inputs for each latch and inverting 3-state outputs for bus oriented applications. a latch enable (le) input and an output enable ( oe) input are common to all latches. the 563 is functionally identical to the 573, but has inverted outputs. the 563 consists of eight d-type transparent latches with 3-state inverting outputs. the le and oe are common to all latches. when le is high, data at the d n inputs enter the latches. in this condition the latches are transparent, i.e. a latch output will change state each time its corresponding d-input changes. when le is low the latches store the information that was present at the d-inputs a set-up time preceding the high-to-low transition of le. when oe is low, the contents of the 8 latches are available at the outputs. when oe is high, the outputs go to the high impedance off-state. operation of the oe input does not affect the state of the latches. quick reference data gnd = 0 v; t amb =25 c; t r =t f = 6 ns notes 1. c pd is used to determine the dynamic power dissipation (p d in m w): p d =c pd v cc 2 f i + ? (c l v cc 2 f o ) where: f i = input frequency in mhz f o = output frequency in mhz ? (c l v cc 2 f o ) = sum of outputs c l = output load capacitance in pf v cc = supply voltage in v 2. for hc the condition is v i = gnd to v cc for hct the condition is v i = gnd to v cc - 1.5 v ordering information see 74hc/hct/hcu/hcmos logic package information . symbol parameter conditions typical unit hc hct t phl/ t plh propagation delay d n , le to q n c l = 15 pf; v cc =5 v 14 16 ns c i input capacitance 3.5 3.5 pf c pd power dissipation capacitance per latch notes 1 and 2 19 19 pf
december 1990 3 philips semiconductors product speci?cation octal d-type transparent latch; 3-state; inverting 74hc/hct563 pin description pin no. symbol name and function 2, 3, 4, 5, 6, 7, 8, 9 d 0 to d 7 data inputs 11 le latch enable input (active high) 1 oe 3-state output enable input (active low) 10 gnd ground (0 v) 19, 18, 17, 16, 15, 14, 13, 12 q 0 to q 7 3-state latch outputs 20 v cc positive supply voltage fig.1 pin configuration. fig.2 logic symbol. fig.3 iec logic symbol.
december 1990 4 philips semiconductors product speci?cation octal d-type transparent latch; 3-state; inverting 74hc/hct563 fig.4 functional diagram. function table notes 1. h = high voltage level h = high voltage level one set-up time prior to the high-to-low le transition l = low voltage level l = low voltage level one set-up time prior to the high-to-low le transition z = high impedance off-state operating modes inputs inter- nal latches out- puts oe le d n q 0 to q 7 enable and read register l l h h l h l h h l latch and read register l l l l l h l h h l latch register and disable outputs h h l l l h l h z z fig.5 logic diagram.
december 1990 5 philips semiconductors product speci?cation octal d-type transparent latch; 3-state; inverting 74hc/hct563 dc characteristics for 74hc for the dc characteristics see 74hc/hct/hcu/hcmos logic family specifications . output capability: bus driver i cc category: msi ac characteristics for 74hc gnd = 0 v; t r =t f = 6 ns; c l = 50 pf symbol parameter t amb ( c) unit test conditions 74hc v cc (v) waveforms + 25 - 40 to + 85 - 40 to + 125 min. typ. max. min. max. min. max. t phl / t plh propagation delay d n to q n 47 17 14 145 29 25 180 36 31 220 44 38 ns 2.0 4.5 6.0 fig.6 t phl / t plh propagation delay le to q n 47 17 14 145 29 25 180 36 31 220 44 38 ns 2.0 4.5 6.0 fig.7 t pzh / t pzl 3-state output enable time oe to q n 47 17 14 150 30 26 190 38 33 225 45 38 ns 2.0 4.5 6.0 fig.8 t phz / t plz 3-state output disable time oe to q n 50 18 14 150 30 26 190 38 33 225 45 38 ns 2.0 4.5 6.0 fig.8 t thl / t tlh output transition time 14 5 4 60 12 10 75 15 13 90 18 15 ns 2.0 4.5 6.0 fig.6 t w enable pulse width high 80 16 14 14 5 4 100 20 17 120 24 20 ns 2.0 4.5 6.0 fig.7 t su set-up time d n to le 50 10 9 11 4 3 65 13 11 75 15 13 ns 2.0 4.5 6.0 fig.9 t h hold time d n to le 4 4 4 - 6 - 2 - 2 4 4 4 4 4 4 ns 2.0 4.5 6.0 fig.9
december 1990 6 philips semiconductors product speci?cation octal d-type transparent latch; 3-state; inverting 74hc/hct563 dc characteristics for 74hct for the dc characteristics see 74hc/hct/hcu/hcmos logic family specifications . output capability: bus driver i cc category: msi note to hct types the value of additional quiescent supply current ( d i cc ) for a unit load of 1 is given in the family specifications. to determine d i cc per input, multiply this value by the unit load coefficient shown in the table below. ac characteristics for 74hct gnd = 0 v; t r =t f = 6 ns; c l = 50 pf input unit load coefficient d n le oe 0.35 0.65 1.25 symbol parameter t amb ( c) unit test conditions 74hct v cc (v) waveforms + 25 - 40 to + 85 - 40 to + 125 min. typ. max. min. max. min. max. t phl / t plh propagation delay d n to q n 18 30 38 45 ns 4.5 fig.6 t phl / t plh propagation delay le to q n 19 35 44 53 ns 4.5 fig.7 t pzh / t pzl 3-state output enable time oe to q n 20 35 44 53 ns 4.5 fig.8 t phz / t plz 3-state output disable time oe to q n 22 35 44 53 ns 4.5 fig.8 t thl / t tlh output transition time 5 12 15 18 ns 4.5 fig.6 t w enable pulse width high 16 5 20 24 ns 4.5 fig.7 t su set-up time d n to le 10 3 13 15 ns 4.5 fig.9 t h hold time d n to le 5 - 1 5 5 ns 4.5 fig.9
december 1990 7 philips semiconductors product speci?cation octal d-type transparent latch; 3-state; inverting 74hc/hct563 ac waveforms fig.6 waveforms showing the data input (d n ) to output ( q n ) propagation delays and the output transition times. (1) hc : v m = 50%; v i = gnd to v cc . hct: v m = 1.3 v; v i = gnd to 3 v. fig.7 waveforms showing the latch enable input (le) pulse width, the latch enable input to output ( q n ) propagation delays and the output transition times. (1) hc : v m = 50%; v i = gnd to v cc . hct: v m = 1.3 v; v i = gnd to 3 v. fig.8 waveforms showing the 3-state enable and disable times. (1) hc : v m = 50%; v i = gnd to v cc . hct: v m = 1.3 v; v i = gnd to 3 v. package outlines see 74hc/hct/hcu/hcmos logic package outlines . fig.9 waveforms showing the data set-up and hold times for d n input to le input the shaded areas indicate when the input is permitted to change for predictable output performance. (1) hc : v m = 50%; v i = gnd to v cc . hct: v m = 1.3 v; v i = gnd to 3 v.


▲Up To Search▲   

 
Price & Availability of 74HCHCT563

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X