bezeichnung : description : geh?use / case: mv a 23,5 max mm b 16,0 max mm c 25,5 max mm d 10,0 0,2 mm e 12,5 0,2 mm f 3,0 0,5 mm ? 0,6 x 0,6 typ mm eigenschaften / properties wert / value einheit / unit tol. leerlauf-induktivit?t / inductance dc-widerstand / dc-resistance nennstrom / nominal current nennspannung / nominal voltage 33% +25c 1500 v,50 hz hasa version 4 12-08-07 mst version 3 05-11-22 mst version 2 04-01-18 mst version 1 04-10-11 name ?nderung / modification datum / date i n luftfeuchtigkeit / humidity: a mechanische abmessungen / dimensions : 10 khz / 50 mv / 25c c l?tpad / soldering spec.: b elektrische eigenschaften / electrical properti es: 50 hz kunde / customer : stromkompensierte drossel we-lf current-compensated choke we-lf artikelnummer / part number : 7446220047 mh r dc l o 47.0 250 hp 34401 a fr/for i n und/and r dc fluke pm 6306 fr/for l 0 /l n u n it is recommended that the temperature of the part does geh?use / case: draht / wire: ul94v-0 klimabest?ndigkeit/ climatic class: 40/125/21 vergu? / molding: betriebstemp. / operating temperature: -40c - + 125c bertemperatur / temperature rise: < 55 k ul94v-0 p155 iec317-20 spezifikation fr freigabe / specification for rele ase datum / date : 2012-08-07 max. a testbedingungen / test conditions 0.4 1.600 30% http://www.we-online.com datum / date ................................................... ............................... unterschrift / signature kontrolliert / approved wrth elektronik eisos gmbh & co. kg d-74638 waldenburg max-eyth-strasse 1 - 3 germa ny telefon (+49) (0) 7942 - 945 - 0 telefax (+4 9) (0) 7942 - 945 - 400 geprft / checked ................................................... ............................... ................................................... ........... v f werkstoffe & zulassungen / material & approvals: g eigenschaften / general specifications: d prfger?te / test equipment: e testbedingungen / test conditions: prfspannung / testing voltage umgebungstemperatur / temperature: not exceed 125c under worst case operating conditi ons. freigabe erteilt / general release: kunde / customer wrth elektronik ................................................... ............................... this electronic component has been designed and dev eloped for usage in general electronic equipment. b efore incorporating this component into any equipme nt where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to hu man body, for example in the range of aerospace, av iation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster pre vention, medical, public information network etc, w rth elektronik eisos gmbh must be informed before the design-in stage. in addition, s ufficient reliability evaluation checks for safety must be performed on every electronic component whic h is used in electrical circuits that require high safety and reliability functions or pe rformance. f ? lf seite 1 von 1
|