Part Number Hot Search : 
F38076 MAX6373 MA28TAG MPL031 AK3713 6256A 6256A 10PF06
Product Description
Full Text Search
 

To Download 7446121007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bezeichnung : description : geh?use / case: sv a 18,5 max mm b 13,5 max mm c 20,5 max mm d 15,0 0,2 mm e 10,0 0,2 mm f 3,0 0,5 mm ? 0,6 x 0,6 typ mm @@frm 1 @@ eigenschaften / properties wert / value einheit / unit tol. leerlauf-induktivit?t / inductance dc-widerstand / dc-resistance nennstrom / nominal current nennspannung / nominal voltage 33% 25 c 1500 v,50 hz hasa version 3 12-08-07 mst version 2 05-11-22 mst version 1 04-10-11 name ?nderung / modification datum / date it is recommended that the temperature of the part does not exceed 125c under worst case operating conditi ons. freigabe erteilt / general release: kunde / customer wrth elektronik ................................................... ............................... g eigenschaften / general specifications: geh?use / case: draht / wire: ul94v-0 f werkstoffe & zulassungen / material & approvals: ul94v-0 vergu? / molding: p155 iec317-20 betriebstemp. / operating temperature : -40c - + 125c bertemperatur / temperature rise: < 55 k v prfspannung / testing voltage hp 34401 a fr/for i n und/and r dc umgebungstemperatur / temperature: http://www.we-online.com datum / date ................................................... ............................... unterschrift / signature kontrolliert / approved wrth elektronik eisos gmbh & co. kg d-74638 waldenburg max-eyth-strasse 1 - 3 germa ny telefon (+49) (0) 7942 - 945 - 0 telefax (+4 9) (0) 7942 - 945 - 400 geprft / checked ................................................... ............................... ................................................... .......... spezifikation fr freigabe / specification for rele ase datum / date : 2012-08-07 max. a testbedingungen / test conditions 1,00 0,30 30% c schaltbild / schematic: klimabest?ndigkeit/ climatic class: 40/125/21 b elektrische eigenschaften / electrical properti es: 250 50 hz mh r dc l o 6,8 d prfger?te / test equipment: kunde / customer : stromkompensierte drossel we-lf current-compensated choke we-lf artikelnummer / part number : 7446121007 fluke pm 6306 fr/for l 0 /l n u n i n luftfeuchtigkeit / humidity: a mechanische abmessungen / dimensions : 10 khz / 50 mv / 25c e testbedingungen / test conditions: f this electronic component has been designed and dev eloped for usage in general electronic equipment. b efore incorporating this component into any equipme nt where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for examp le in the range of aerospace, aviation, nuclear con trol, submarine, transportation, (automotive contro l, train control, ship control), transportation signal , disaster prevention, medical, public information network etc, wrth elektronik eisos gmbh must be in formed before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component wh ich is used in electrical circuits that require hig h safety and reliability functions or performance. ? lf 1 2 n1 3 4 n2 seite 1 von 1


▲Up To Search▲   

 
Price & Availability of 7446121007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X