Part Number Hot Search : 
74HC15 C2909 39200 A1718 RCA31W AQV212A R2000 2SK300
Product Description
Full Text Search
 

To Download 12005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2609 bartram road ? bristol, pa 19007-6810 usa tel 215-781-9956 ? fax 215-781-9845 www.arieselec.com ? info@arieselec.com 12005 rev. 4.2 1 of 1 all dimensions: inches [millimeters] all tolerances: 0.005 [0.13] unless otherwise specified for solder pin tails, see data sheets 12004 consult factory for other sizes and configurations customization: aries specializes in custom design and production. special materials, platings, sizes, and configurations can be furnished, depending on quantity. aries reserves the right to change product general specifications without notice printouts of this document may be out-of-date and should be considered uncontrolled features ? bifurcated contacts in standard dip sockets with solder tails or wire wrap pins general specifications ? standard body : black ul 94v-0 glass-filled 4/6 nylon ? bifurcated contacts : grade a spring-tempered phosphor bronze per qq-b-750 ? pin plating : 10 [0.25] min. au per mil-g-45204 over 50 [1.27] min. ni per sae ams-qq- n-290b; CorC 200 [5.08] min. matte sn per astm b545-97(2004)e1 over 50 [1.27] min. ni per sae ams-qq-n-290b; CorC 200 [5.08] min. 90/10 sn/pb per mil-t-10727 type 1 over 50 [1.27] min. ni per sae ams-qq-n-290b ? contact current rating : 1.5 amps ? insertion force : 110g/pin average ? withdrawal force : 75g/pin average ? operating temperature : -67f to 221f [-55c to 105c] sn; -67f to 257f [-55c to 125c] au ? leads accepted : flat leads up to 0.014 thick x 0.020 wide [0.36-0.51], round leads up to 0.020 [0.51] dia. ? lead lengths : from seating plane from 0.075-0.160 [1.91-4.06] mounting considerations ? suggested pcb hole size : 0.045 0.002 [1.12 0.05] dia. series 501 standard dip socket w/bifurcated contacts & wire wrap pins ordering information xx - x 501 - x xxx xx rails option wr = without rails plating 0 = sn 1 = au 0tl = sn/pb termination 2 = 2-level wire wrap 3 = 3-level wire wrap series row-to-row spacing (dim. c) 2 = 0.200 [5.08] 3 = 0.300 [7.62] 4 = 0.400 [10.16] 6 = 0.600 [15.24] no. of pins (see table) centers c width d available sizes 0.200 [5.08] 0.290 [7.36] 8, 10 0.300 [7.62] 0.390 [9.90] 8, 14-20 0.400 [10.16] 0.490 [12.45] 22 0.600 [15.24] 0.690 [17.54] 8-24, 28-40, 48 wire wrap length e 2-level 0.410 [10.41] 3-level 0.690 [17.52]


▲Up To Search▲   

 
Price & Availability of 12005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X