Part Number Hot Search : 
TDA8707 EFH3016 200BG LTKA01 MAZ7360 S1608 AT91SA G903T63T
Product Description
Full Text Search
 

To Download TC2-5D1205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model number *output voltage -08/13/2014- output current output power 5w 5w 5w 5w 5w 5w 5w 1500 ma 1000 ma 417 ma 333 ma 500 ma 208 ma 167 ma 3.3 vdc 5 vdc 12 vdc 15 vdc 5 vdc 12 vdc 15 vdc tc2-5s123.3 tc2-5s1205 tc2-5s1212 tc2-5s1215 TC2-5D1205 tc2-5d1212 tc2-5d1215 tc2-5s483.3 tc2-5s4805 tc2-5s4812 tc2-5s4815 tc2-5d4805 tc2-5d4812 tc2-5d4815 tc2-5s243.3 tc2-5s2405 tc2-5s2412 tc2-5s2415 tc2-5d2405 tc2-5d2412 tc2-5d2415 18-36 vdc in 36-72 vdc in 9-18 vdc in trumpower dc/dc converters tumbler technologies + trumpower ? santa clara, ca, usa ? 408-988-6616 ? sales@trumpower.com ? www.trumpower.com tc2 series 2:1 input, 5 watts t *contact the factory for other input and output combinations. electrical specifications all specifications typical @+25c, nominal line, and full load unless otherwise noted. input specifications nominal line, 9-18v input.................................12 vdc 18-36v input................................24 vdc 36-72v input...............................48 vdc input filter....................................................pi network output specifications voltage accuracy.........................................2%, max. voltage balance, dual ouput..................................1% line regulation.............................................1%, max. load regulation, fl-10% fl..........................1%, max. minimum load......................................................10% ripple and noise, 20mhz bw................100mvp-p, max. short circuit protection...............................continuous short circuit restart......................................automatic general specifications efficiency..................................................70% to 83% isolation voltage, input to output.......1,500 vdc, stadard 3,000 vdc, suffix "h" switching frequency...............................100 khz, min. operating temperature range..................-25c to +71c derating........................3.33%/c from +71c to +100c case temperature.......................................100c max. storage temperature range...................-40c to +125c cooling...........................................free air convection emi/rfi..........6-side or 5-side (suffix "h") shielded case conducted emi....meets fcc class a, en55022 class a case material.................metal with non-conductive base 0.44 (11.27) 2.00 (50.8) 0.60 (15.2) * np (no pin) on single output models pin size: 0.04 inch (1.0 mm) dia. all dimensions in inches (mm) +in -in -out +out 0.80 (20.3) 0.20 (5.1) 0.60 (15.2) 1.00 (25.4) bottom view com /np* 0.10 (2.54) 0.23 (5.8) 0.40 (10.2) 0.40 (10.2)


▲Up To Search▲   

 
Price & Availability of TC2-5D1205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X