Part Number Hot Search : 
RM233615 RF2494 PQMD12 UR25D S510L MCSO1ELS BD718 SPJ200S
Product Description
Full Text Search
 

To Download SR120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  schottky barrier rectifiers SR120 to sr1100 do-41p axial lead plastic package for use in low voltage, high frequency inverters, free wheeling and polarity protection applications polarity: colour band denotes cathode end maximum ratings and electrical characteristics ratings at t a =25 o c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20% electrical characteristics symbol SR120 sr130 sr140 sr150 sr160 sr180 sr1100 unit maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 80 100 v maximum rms voltage v rms 14 21 28 35 42 56 70 v maximum dc blocking voltage v dc 20 30 40 50 60 80 100 v i (av) a peak forward surge current, 8.3ms single half sine wave superimposed on rated load (jedec method) v f 0.45 0.55 0.6 v maximum dc reverse current at t j =25 o c ma at rated dc blocking voltage at t j =100 o c ma *c j pf **r th (j-l) o c/w t j o c t stg o c SR120_1100 rev110607e maximum average forward rectified current 0.375" (9.5mm) lead length at t l =100oc 1.0 a description typical thermal resistance 40 maximum forward voltage at 1.0 a i r typical junction capacitance storage temperature range *measured at 1mhz and applied reverse voltage of 4.0 v - 55 to +150 - 55 to +150 **thermal resistance junction to lead i fsm 0.7 0.85 1.0 10 110 80 15 operating junction temperature range continental device india limited data sheet page 1 of 5 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
SR120 to sr1100 do-41p axial lead plastic package 52mm - do-41p package 26mm - do-41p package dim min max dim min max a 25.40 a 14.60 b 4.20 5.20 b 4.10 5.20 c 0.70 0.90 c 0.71 0.86 d 2.00 2.70 d 2.00 2.70 all dimensions are in mm all dimensions are in mm SR120_1100 rev110607e do-41p axial lead plastic package continental device india limited data sheet page 2 of 5
SR120 to sr1100 do-41p axial lead plastic package all dimensions are in mm packaging information std. packing qty qty qty gross weig ht (kg) do-41p (52mm) 5,000 5k 45k 17.5 do-41p (26mm) 3,000 t & a: tape and ammo pack SR120_1100 rev110607e inner carton packaging type ammo packing for do-41p package/ case type outer carton size l x w x h gross weight size l x w x h 50 x 6.5 x 31 (kg) 27 x 8 x 14 (cm) (cm) t&a 46 x 35 x 25 1.96 t&a continental device india limited data sheet page 3 of 5
SR120 to sr1100 do-41p axial lead plastic package dim min max dim min max a 50.0 54.0 a 26.0 26.4 b 95.0 105.0 b 50.0 60.0 c 5.60 6.50 c 5.00 6.00 d 1.5r d 1.5r e 9.50 10.50 e 4.50 5.50 f 1.25 f 0.8 all dimensions are in mm tape specifications 1. 300 mm (min) leader tape on every roll. 2. no. of empty places allowed 0.25% without consecutive empty places. 3. ends of leads shall normally not protrude beyond the tapes. 4. components shall be held sufficiently in the tape or tapes so that they can not come free in normal handling. SR120_1100 rev110607e do-41p 52 mm tape do-41p 26 mm tape axial tape for do-41p continental device india limited data sheet page 4 of 5
component disposal instructions continental device india limited data sheet page 5 of 5 customer notes csd1207 1. cdil semiconductor devices are rohs compliant, customers?are requested to please dispose as per prevailing environmental legislation of their country. 2. in europe, please dispose as per eu directive 2002/96/ec on?waste electrical and? electronic equipment (weee). SR120_1100 rev140607e disclaimer the product information and the selection guides facilitate selection of the cdil's semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 4141 1112 fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com customer note SR120 to sr1100 do-41p axial lead plastic package


▲Up To Search▲   

 
Price & Availability of SR120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X