Part Number Hot Search : 
S8035 ACST2 719QU SC2411 N74F166N SR140 2SB942 RT919
Product Description
Full Text Search
 

To Download SBT30150VCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p s bt 3 01 5 0 v ct april 2 1 ,2015 - rev.00 page 1 ultra low vf schottky barrier rectifier voltage 15 0 v current 30 a f eatures ? ideal for automated placement ? ultra low forward voltage drop, low power loss ? high efficiency operation ? low thermal resistance ? lead free in compliance with e u rohs 2011/65/eu directive mechanical data ? case: molded plastic, to - 220ab ? terminals: solder plated, solderable per mil - std - 750,method 2026 ? approx. weight: 0.067 ounces, 1.89 grams ? marking: part number note : 1. device mounted on a infinite heatsink , then measured the center of the marking side. maximum r atings and electrical characteristics ( t a =25 o c unless otherwise noted) parameter symbol limit unit maximum repetitive peak reverse voltage v rrm 1 5 0 v maximum rms voltage v rm s 105 v maximum dc blocking voltage v r 15 0 v maximum average forward rectified current per diode per device i f(av) 1 5 3 0 a peak forward surge current : 8.3ms single half sine - wave
superimposed on rated load per diode i fsm 2 5 0 a typical thermal resistance per diode (note 1) r j c 2 o c /w operating junction temperature range t j - 55 to +150 o c storage temperature range t stg - 55 to +150 o c 0.419(10.66) 0.387(9.85) 0.156(3.95) 0.147(3.75) 0.058(1.47) 0.042(1.07) 0.038(0.96) 0.019(0.50) 0.100(2.54) 0.100(2.54) 0.196(5.00) 0.163(4.16) 0.054(1.39) 0.045(1.15) 0.115(2.92) 0.080(2.03) 0.025(0.65)max. 0 . 1 7 7 ( 4 . 5 ) m a x . 0 . 5 0 ( 1 2 . 7 ) m i n . 0 . 6 2 4 ( 1 5 . 8 7 ) 0 . 1 4 6 ( 3 . 7 ) 0 . 5 4 8 ( 1 3 . 9 3 ) 0 . 1 3 0 ( 3 . 3 )
p s bt 3 01 5 0 v ct april 21,2015-rev.00 page 2 electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol test condition min. typ. max. units breakdown voltage per diode v br i r =0. 5ma t j =25 o c 1 5 0 - - v instantaneous forward voltage per diode v f i f =1a i f = 5 a i f = 1 5 a t j =25 o c - - - 0.49 0.68 0. 7 9 - - 0. 8 4 v i f =1a i f = 5 a t j =125 o c - - 0.4 0. 5 6 - - v reverse current per diode i r v r = 120 v t j =25 o c - 2 .6 - ? ? ? 0 2.5 5 7.5 10 12.5 15 17.5 0 25 50 75 100 125 150 t c , case temperature ( c) i f , forward current (a) per diode 0.001 0.01 0.1 1 10 100 10 20 30 40 50 60 70 80 90 100 i r , reverse current (ma) t j = 25 c t j = 75 c t j = 125 c t j = 150 c fig.3 typical reverse characteristics fig.4 typical forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitance 1 10 100 1000 10000 1 10 100 c j , junction capacitance (pf) v r , reverse bias voltage (v) 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 i f , forward current (a) v f , forward voltage (v) t j = 150 c t j = 125 c t j = 25 c t j = 75 c per diode per diode per diode percent of rated peak reverse voltage (%)
p s bt 3 01 5 0 v ct april 2 1 ,2015 - rev.00 page 3 part no_packing code_version s b t 3 01 5 0 v c t_t0_00001 s b t30150v c t _t0_10001 for example : r b500v - 40 _ r2 _ 00 0 01 B serial number B B version co de means hf part no. B packing size code means 13" B packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs
1 st code 2 nd ~5 th code tape and ammunition box
(t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing
(b/p) b 13" 2 tube packing
(t/p) t 26mm x tape and reel (right oriented)
(trr) s 52mm y tape and reel (left oriented)
(trl) l panasert t/b cathode up
(pbcu) u forming f panasert t/b cathode down
(pbcd) d
p s bt 3 01 5 0 v ct april 2 1 ,2015 - rev.00 page 4 disclaimer


▲Up To Search▲   

 
Price & Availability of SBT30150VCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X