Part Number Hot Search : 
HC00M PC924 H15H2 KSC945G 2SD1803 2203161 74HCT NSS4020
Product Description
Full Text Search
 

To Download RU7080L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  RU7080L n-channel advanced power mosfet symbol rating unit v dss 70 v gss 25 t j 175 c t stg -55 to 175 c i s t c =25c 80 a i dp t c =25c 320 a t c =25c 80 t c =100c 56 t c =25c 125 t c =100c 62.5 r jc 1.2 c/w r ja 100 c/w e as 225 mj ruichips semiconductor co., ltd rev. a? may., 2013 1 www.ruichips.com maximum junction temperature storage temperature range thermal resistance-junction to case drain-source avalanche ratings avalanche energy, single pulsed diode continuous forward current 300s pulse drain current tested continuous drain current(v gs =10v) maximum power dissipation mounted on large heat sink i d a p d w thermal resistance-junction to ambient parameter common ratings (t c =25c unless otherwise noted) ? 70v/80a, r ds (on) =5.7m(typ.)@v gs =10v ? super high dense cell design ? ultra low on-resistance ? 100% avalanche tested ? lead free and green devices available (rohs compliant) ? power supply drain-source voltage v gate-source voltage pin description features applications absolute maximum ratings to252 n-channel mosfet g s d d s g
RU7080L min. typ. max. bv dss drain-source breakdown voltage 70 v 1 t j =125c 30 v gs(th) gate threshold voltage 2 3 4 v i gss gate leakage current 100 na r ds(on) drain-source on-state resistance 5.7 8 m v sd diode forward voltage 1.2 v t rr reverse recovery time 45 ns q rr reverse recovery charge 93 nc r g gate resistance 1.5 c iss input capacitance 3450 c oss output capacitance 930 c rss reverse transfer capacitance 230 t d(on) turn-on delay time 40 t r turn-on rise time 132 t d(off) turn-off delay time 180 t f turn-off fall time 90 q g total gate charge 67 q gs gate-source charge 14 q gd gate-drain charge 22 notes: ruichips semiconductor co., ltd rev. a? may., 2013 2 www.ruichips.com v ds =v gs , i ds =250a static characteristics symbol parameter test condition RU7080L unit v gs =0v, i ds =250a i dss zero gate voltage drain current v ds =70v, v gs =0v a electrical characteristics (t c =25c unless otherwise noted) v dd =35v, i ds =40a, v gen =10v,r g =4.7 v ds =56v, v gs =10v, i ds =40a pulse width limited by safe operating area. calculated continuous current based on maximum allowable junction temperature. the package limitation current is 60a. limited by t jmax , i as =30a, v dd = 48v, r g = 50 , starting t j = 25c. pulse test;pulse width 300s, duty cycle 2%. guaranteed by design, not subject to production testing. gate charge characteristics nc ns i sd =40a, v gs =0v i sd =40a, dl sd /dt=100a/s v gs =0v,v ds =0v,f=1mhz v gs =0v, v ds =35v, frequency=1.0mhz pf dynamic characteristics v gs =25v, v ds =0v v gs =10v, i ds =40a diode characteristics
RU7080L device marking package packaging quantity reel size tape width RU7080L RU7080L to252 tape&reel 2500 13'' 16mm ruichips semiconductor co., ltd rev. a? may., 2013 3 www.ruichips.com ordering and marking information
RU7080L ruichips semiconductor co., ltd rev. a? may., 2013 4 www.ruichips.com typical characteristics 0 10 20 30 40 50 60 70 80 90 25 50 75 100 125 150 175 i d - drain current (a) t j - junction temperature ( c) drain current vgs=10v 0 5 10 15 20 25 30 35 0 1 2 3 4 5 6 7 8 9 10 r ds(on) - on - resistance (m ) v gs - gate - source voltage (v) drain current ids=40a 0 20 40 60 80 100 120 140 0 25 50 75 100 125 150 175 p d - power (w) t j - junction temperature ( c) power dissipation 0.1 1 10 100 1000 0.1 1 10 100 1000 i d - drain current (a) v ds - drain - source voltage (v) safe operation area 10 s 100 s 1ms 10ms dc r ds(on) limited t c =25 c 0.001 0.01 0.1 1 1e -05 0.0001 0.001 0.01 0.1 1 zthjc - thermal response ( c/w) square wave pulse duration (sec) thermal transient impedance single pulse duty=0.5, 0.2, 0.1, 0.05, 0.02, 0.01, single pulse r jc = 1.2 c/w
RU7080L ruichips semiconductor co., ltd rev. a? may., 2013 5 www.ruichips.com typical characteristics 0 30 60 90 120 150 180 0 1 2 3 4 5 i d - drain current (a) v ds - drain - source voltage (v) output characteristics 4v 5v 6v vgs=8.9.10 v 0 5 10 15 20 25 30 0 10 20 30 40 50 60 70 80 90 100 r ds(on) - on resistance (m) i d - drain current (a) drain - source on resistance vgs=10v 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 - 50 - 25 0 25 50 75 100 125 150 normalized on resistance t j - junction temperature ( c) drain - source on resistance v gs =10v i d =40a t j =25 c rds(on)=5.7m 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 i s - source current (a) v sd - source - drain voltage (v) source - drain diode forward t j =25 c t j =175 c 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 1 10 100 c - capacitance (pf) v ds - drain - source voltage (v) capacitance ciss coss crss frequency=1.0mhz 0 1 2 3 4 5 6 7 8 9 10 0 20 40 60 80 v gs - gate - source voltage (v) q g - gate charge (nc) gate charge vds=56v ids=40a
RU7080L ruichips semiconductor co., ltd rev. a? may., 2013 6 www.ruichips.com avalanche test circuit and waveforms switching time test circuit and waveforms
RU7080L ruichips semiconductor co., ltd rev. a? may., 2013 7 www.ruichips.com package information to252 l2 1 1 1 c a1 l a l3 l1 e1 d1 b e h d l4 e b3 2 min nom max min nom max a 2.200 2.290 2.380 0.087 0.090 0.094 a1 0.000 0.100 0.000 0.004 b 0.720 0.785 0.850 0.028 0.031 0.033 b3 5.230 5.345 5.460 0.206 0.210 0.215 c 0.470 0.525 0.580 0.019 0.021 0.023 d 6.000 6.100 6.200 0.236 0.240 0.244 d1 5.30 ref 0.20 ref e 6.500 6.600 6.700 0.256 0.260 0.264 e1 4.700 4.810 4.920 0.185 0.189 0.194 e h 9.900 10.100 10.300 0.390 0.398 0.406 l 1.400 1.550 1.700 0.055 0.061 0.067 l1 2.743 ref 0.108 ref l2 l3 0.900 1.075 1.250 0.035 0.042 0.049 l4 0.600 0.800 1.000 0.024 0.031 0.039 0 8 0 8 1 5 7 9 5 7 9 2 5 7 9 5 7 9 0.510 bsc 0.020 bsc symbol mm inch 2.28 ref 0.09 ref
RU7080L ruichips semiconductor co., ltd rev. a? may., 2013 8 www.ruichips.com customer service worldwide sales and service: sales@ruichips.com technical support: technical@ruichips.com investor relations contacts: investor@ruichips.com marcom contact: marcom@ruichips.com editorial contact: editorial@ruichips.comm hr contact: hr@ruichips.com legal contact: legal@ruichips.com shen zhen ruichips semiconductor co., ltd room 501, the 5floor an tong industrial building, no.207 mei hua road fu tian area shen zhen city, china tel: (86 - 755) 8311 - 5334 fax: (86 - 755) 8311 - 4278 e - mail: sales - sz@ruichips.com


▲Up To Search▲   

 
Price & Availability of RU7080L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X