Part Number Hot Search : 
POT100 EPE6347S C106D SLD10VCA MB15E07 FF111 HI3507 101M3
Product Description
Full Text Search
 

To Download P556010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dvi to vga monitor cable, high resolution cable with rgb coax (dvi-a to hd15 m/m), 10-ft. model number: p556-010 description tripp lite's 10-ft. dvi to hd15 cable allows pc users with a dvi-i port to connect to monitors with a vga connector. gold-plated contacts ensure excellent conductivity, while double shielding (foil and braid) provides maximum emi/rfi protection. both the dvi and hd15 connectors are molded and have integral strain relief for long life reliability. features superior molded cables with foil-shielding for maximum emi/rfi protection constructed from mini-coax (rgb) and paired video wire construction for superior signal quality gold plated copper contacts ensure excellent conductivity dvi male to hd15 male molded connectors pc and mac compatible meets dvi ddwg standard supports analog signal only specifications overview chromebook compatible no style dvi display style adapter model type vga cable types dvi highlights connects a dvi-i port on a computer to a monitor with a vga connector compatible with flat-panel displays, digital crt displays and projectors supports analog signals only superior molded cables with foil/braid shielding for maximum emi/rfi protection meets dvi ddwg standard system requirements pc with dvi-i connector, and monitor with svga (hd15f) connector package includes 10ft, dvi-i male to vga male adapter cable 1 / 2
input cable length (ft.) 10 cable length (m) 3.05 physical color black connections connector a dvi-a (male) connector b hd15 (male) warranty product warranty period (worldwide) lifetime limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of P556010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X