Part Number Hot Search : 
A8920SLR XXXBA HY5DU SK22X LSC2606 VR203 MPO40S03 74H78
Product Description
Full Text Search
 

To Download P556006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dvi to vga monitor cable, high resolution cable with rgb coax (dvi-a to hd15 m/m), 6-ft. model number: p556-006 description tripp lite's 6 foot dvi to vga cable allows pc users with a standard hd15 connector to connect to lcd flat panel displays, projectors, and hdtv with dvi-i connectors. gold plated contacts ensure excellent conductivity, while double shielding (foil and braid) provides maximum emi/rfi protection. both the dvi and hd15 connectors are molded and have integral strain relief for long life reliability. features superior molded cables with foil-shielding for maximum emi/rfi protection constructed from mini-coax (rgb) and paired video wire construction for superior signal quality gold plated copper contacts ensure excellent conductivity dvi-a male to hd15 male molded connectors pc and mac compatible meets dvi ddwg standard supports analog signal only specifications overview chromebook compatible no style dvi display style adapter model type vga cable types dvi input highlights connects a svga port on a computer to a monitor with a dvi-i connector compatible with flat panel displays, digital crt displays and projectors supports analog signals only superior molded cables with foil/braid shielding for maximum emi/rfi protection meets dvi ddwg standard system requirements monitor or projector with dvi-i connector, and pc with svga (hd15f) connector package includes dvi-a male to hd15 male, 6' 1 / 2
cable length (ft.) 6 cable length (m) 1.83 physical color black connections connector a dvi-a (male) connector b hd15 (male) number of connectors 2 certifications certifications rohs-compliant warranty product warranty period (worldwide) lifetime limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of P556006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X