Part Number Hot Search : 
28F32 35000 BCR16 MBRS1660 V910ME19 NTE30 ELM415P DF10LC30
Product Description
Full Text Search
 

To Download NSS12600CF8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2007 march, 2007 ? rev. 1 1 publication order number: NSS12600CF8/d NSS12600CF8t1g 12 v, 6.0 a, low v ce(sat) pnp transistor on semiconductor?s e 2 poweredge family of low v ce(sat) transistors are miniature surface mount devices featuring ultra low saturation voltage (v ce(sat) ) and high current gain capability. these are designed for use in low voltage, high speed switching applications where affordable efficient energy control is important. typical applications are dc ? dc converters and power management in portable and battery powered products such as cellular and cordless phones, pdas, computers, printers, digital cameras and mp3 players. other applications are low voltage motor controls in mass storage products such as disc drives and tape drives. in the automotive industry they can be used in air bag deployment and in the instrument cluster. the high current gain allows e 2 poweredge devices to be driven directly from pmu?s control outputs, and the linear gain (beta) makes them ideal components in analog amplifiers. ? this is a pb ? free device maximum ratings (t a = 25 c) rating symbol max unit collector-emitter voltage v ceo ? 12 vdc collector-base voltage v cbo ? 12 vdc emitter-base voltage v ebo ? 7.0 vdc collector current ? continuous i c ? 5.0 adc collector current ? peak i cm ? 6.0 a electrostatic discharge esd hbm class 3b mm class c thermal characteristics characteristic symbol max unit total device dissipation, t a = 25 c derate above 25 c p d (note 1) 830 6.7 mw mw/ c thermal resistance, junction ? to ? ambient r  ja (note 1) 150 c/w total device dissipation, t a = 25 c derate above 25 c p d (note 2) 1.4 11.1 w mw/ c thermal resistance, junction ? to ? ambient r  ja (note 2) 90 c/w thermal resistance, junction ? to ? lead #1 r  jl (note 2) 15 c/w total device dissipation (single pulse < 10 sec) p dsingle (notes 2 & 3) 2.75 w junction and storage temperature range t j , t stg ? 55 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. fr ? 4 @ 100 mm 2 , 1 oz copper traces. 2. fr ? 4 @ 500 mm 2 , 1 oz copper traces. 3. thermal response. collector 1, 2, 3, 6, 7, 8 4 base 5 emitter http://onsemi.com device package shipping ? ordering information ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. chipfet  case 1206a style 4 marking diagram c c c b c c c e pin connections 5 6 7 81 2 3 4 ve = specific device code m = date code  = pb ? free package NSS12600CF8t1g chipfet (pb ? free) 3000/ tape & reel ? 12 volts, 6.0 amps pnp low v ce(sat) transistor equivalent r ds(on) 45 m  ve m 
NSS12600CF8t1g http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typical max unit off characteristics collector ? emitter breakdown voltage (i c = ? 10 madc, i b = 0) v (br)ceo ? 12 ? ? vdc collector ? base breakdown voltage (i c = ? 0.1 madc, i e = 0) v (br)cbo ? 12 ? ? vdc emitter ? base breakdown voltage (i e = ? 0.1 madc, i c = 0) v (br)ebo ? 7.0 ? ? vdc collector cutoff current (v cb = ? 12 vdc, i e = 0) i cbo ? ? ? 0.1  adc emitter cutoff current (v eb = ? 7.0 vdc) i ebo ? ? ? 0.1  adc on characteristics dc current gain (note 4) (i c = ? 10 ma, v ce = ? 2.0 v) (i c = ? 500 ma, v ce = ? 2.0 v) (i c = ? 1.0 a, v ce = ? 2.0 v) (i c = ? 2.0 a, v ce = ? 2.0 v) (i c = ? 3.0 a, v ce = ? 2.0 v) h fe 250 250 250 200 180 ? ? 300 ? ? ? ? ? ? ? collector ? emitter saturation voltage (note 4) (i c = ? 0.1 a, i b = ? 0.010 a) (note 5) (i c = ? 1.0 a, i b = ? 0.100 a) (i c = ? 1.0 a, i b = ? 0.010 a) (i c = ? 2.0 a, i b = ? 0.020 a) (i c = ? 3.0 a, i b = ? 0.030 a) (i c = ? 4.0 a, i b = ? 0.400 a) v ce(sat) ? ? ? ? ? ? ? 0.005 ? 0.045 ? 0.070 ? 0.095 ? 0.120 ? 0.140 ? 0.010 ? 0.060 ? 0.080 ? 0.120 ? 0.160 ? 0.170 v base ? emitter saturation voltage (note 4) (i c = ? 1.0 a, i b = ? 0.01 a) v be(sat) ? ? ? 0.90 v base ? emitter turn ? on voltage (note 4) (i c = ? 2.0 a, v ce = ? 3.0 v) v be(on) ? ? ? 0.90 v cutoff frequency (i c = ? 100 ma, v ce = ? 5.0 v, f = 100 mhz) f t 100 ? ? mhz input capacitance (v eb = ? 0.5 v, f = 1.0 mhz) cibo ? ? 800 pf output capacitance (v cb = ? 3.0 v, f = 1.0 mhz) cobo ? ? 300 pf switching characteristics delay (v cc = ? 10 v, i c = 750 ma, i b1 = 15 ma) t d ? ? 130 ns rise (v cc = ? 10 v, i c = 750 ma, i b1 = 15 ma) t r ? ? 220 ns storage (v cc = ? 10 v, i c = 750 ma, i b1 = 15 ma) t s ? ? 350 ns fall (v cc = ? 10 v, i c = 750 ma, i b1 = 15 ma) t f ? ? 240 ns 4. pulsed condition: pulse width = 300  sec, duty cycle 2%. 5. guaranteed by design but not tested.
NSS12600CF8t1g http://onsemi.com 3 150 c (5 v) figure 1. collector emitter saturation voltage vs. collector current figure 2. collector emitter saturation voltage vs. collector current 0.001 i c , collector current (a) 0.20 0.05 0 0.01 0.1 1.0 10 0.10 0.15 0.25 i c /i b = 10 v ce(sat) , collector emitter saturation voltage (v) v ce(sat) = 150 c 25 c ? 55 c 0.001 i c , collector current (a) 0.20 0.05 0 0.01 0.1 1.0 10 0.10 0.15 0.40 i c /i b = 100 v ce(sat) , collector emitter saturation voltage (v) v ce(sat) = ? 55 c 25 c 150 c 0.25 150 c 25 c ? 55 c figure 3. dc current gain vs. collector current figure 4. base emitter saturation voltage vs. collector current figure 5. base emitter turn ? on voltage vs. collector current figure 6. saturation region i c , collector current (a) i c , collector current (a) 0.01 0.001 1.0 0.4 0.1 0.001 i c , collector current (a) 0.6 0.4 0.2 0.1 i b , base current (ma) 1.0 0.6 0.4 0.2 0 0.01 0.1 10 1.0 0.1 0.6 0.8 0.8 0.3 150 c 25 c ? 55 c 0.8 1.0 1.0 100 100 200 300 400 500 600 800 0.001 0.01 0.1 1.0 10 h fe , dc current gain 1.0 1.1 1.2 v be(sat) , base emitter saturation voltage (v) v be(on) , base emitter turn ? on voltage (v) 10 v ce , collector ? emitter voltage (v) i c = 500 ma 10 ma 100 ma 300 ma v ce = ? 1.0 v 0.30 700 0.7 0.5 0.3 0.9 0.35 150 c (2 v) 25 c (5 v) 25 c (2 v) ? 55 c (5 v) ? 55 c (2 v) 0.5 0.7 0.9 0.01 10 i c /i b = 10
NSS12600CF8t1g http://onsemi.com 4 v ce (v dc ) figure 7. input capacitance v eb , emitter base voltage (v) 0 700 650 450 350 300 3.0 1.0 2.0 400 900 850 5.0 4.0 6.0 0.01 0.1 1.0 10 1.0 10 100 c ibo (pf) c ibo , input capacitance (pf) figure 8. output capacitance v cb , collector base voltage (v) 0 450 400 300 150 2.0 350 4.0 6.0 10 c obo (pf) c obo , output capacitance (pf) figure 9. safe operating area 8.0 i c (a) 1.0 ms 10 ms 100 ms 1.0 s thermal limit 0.1 12 200 250 600 500 550 800 750 0.01
NSS12600CF8t1g http://onsemi.com 5 package dimensions chipfet case 1206a ? 03 issue g 0.457 0.018 2.032 0.08 0.635 0.025 0.66 0.026 0.711 0.028  mm inches  scale 20:1 0.178 0.007 2.032 0.08 1.727 0.068 0.66 0.026 0.711 0.028  mm inches  scale 20:1 style 4 basic 0.457 0.018 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* e a b e e1 d 1234 8765 c l 1 2 3 4 8 7 6 5 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. mold gate burrs shall not exceed 0.13 mm per side. 4. leadframe to molded body offset in horizontal and vertical shall not exceed 0.08 mm. 5. dimensions a and b exclusive of mold gate burrs. 6. no mold flash allowed on the top and bottom lead surface. 0.05 (0.002) dim a min nom max min millimeters 1.00 1.05 1.10 0.039 inches b 0.25 0.30 0.35 0.010 c 0.10 0.15 0.20 0.004 d 2.95 3.05 3.10 0.116 e 1.55 1.65 1.70 0.061 e 0.65 bsc e1 0.55 bsc l 0.28 0.35 0.42 0.011 0.041 0.043 0.012 0.014 0.006 0.008 0.120 0.122 0.065 0.067 0.025 bsc 0.022 bsc 0.014 0.017 nom max 1.80 1.90 2.00 0.071 0.075 0.079 h e 5 nom  5 nom h e  on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 NSS12600CF8/d chipfet is a trademark of vishay siliconix. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NSS12600CF8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X