Part Number Hot Search : 
X5645S14 MPL031 MCR22 00M35 KBP306 HC406 SD141 4C7V5
Product Description
Full Text Search
 

To Download M74HC132YTTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. january 2014 docid1896 rev 3 1/13 m74hc132 quad 2-input schmitt nand gate datasheet - production data features ? high-speed: t pd = 11 ns (typ.) at v cc = 6 v ? low power dissipation: i cc = 1 a (max.) at t a = 25 c ? high noise immunity: v h (typ) = 0.9 v at v cc = 5 v ? symmetrical output impedance: |i oh | = i ol = 4 ma (min.) ? balanced propagation delays: t plh ? t phl ? wide operating voltage range: v cc (opr) = 2 v to 6 v ? pin and function compatible with 74 series 132 ? esd performance ?hbm: 2 kv ? mm: 200 v ?cdm: 1 kv description the m74hc132 is a high-speed cmos quad 2- input schmitt nand gate fabricated with silicon gate c 2 mos technology. pin configuration and function are identical to those of the m74hc00. the hysteresis characteristics (around 20 % v cc ) of all inputs allow slowly changing input signals to be transformed into sharply defined jitter-free output signals. all inputs are equipped with protection circuits against static discharge and transient excess voltage. so14 tssop14 table 1. device summary order code temp. range package packing marking m74hc132rm13tr -55 c to 125 c s014 tape and reel 74hc132 m74hc132yrm13tr (1) 1. qualification and characterization acco rding to aec q100 and q003 or equivalen t, advanced screening according to aec q001 and q002 or equivalent. -40 c to 125 c so14 (automotive grade) 74hc132y m74hc132ttr -55 c to 125 c tssop14 hc132 M74HC132YTTR (1) -40 c to 125 c tssop14 (automotive grade) hc132y www.st.com
contents m74hc132 2/13 docid1896 rev 3 contents 1 pin information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 functional description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 3 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 4 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4.1 so14 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 4.2 tssop14 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11 5 ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
docid1896 rev 3 3/13 m74hc132 pin information 13 1 pin information figure 1. pin connecti on and ied logic symbols table 2. pin description pin no symbol name and function 1, 4, 9, 12 1a to 4a data inputs 2, 5, 10, 13 1b to 4b 3, 6, 8, 11 1y to 4y data outputs 7 gnd ground (0 v) 14 v cc positive supply voltage gams0301141652cb
functional description m74hc132 4/13 docid1896 rev 3 2 functional description figure 2. input and output equivalent circuit table 3. truth table ab y ll h lh h hl h hh l output v cc v cc gnd gnd input
docid1896 rev 3 5/13 m74hc132 electrical characteristics 13 3 electrical characteristics ?absolute maximum ratings? are those values beyond which damage to the device may occur. functional operation under these conditions is not implied. table 4. absolute maximum ratings symbol parameter value unit v cc supply voltage -0.5 to +7 v v i dc input voltage -0.5 to v cc + 0.5 v o dc output voltage i ik dc input diode current 20 ma i ok dc output diode current i o dc output current 25 i cc or i gnd dc v cc or ground current 50 p d power dissipation so14 500 (1) 1. power dissipation at 65 c. derating from 65 c to 125 c: so14 -7 mw/c, tssop14 -6.1 mw/c. mw tssop14 450 (1) t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 table 5. recommended operating conditions symbol parameter value unit v cc supply voltage 2 to 6 v v i input voltage 0 to v cc v o output voltage t op operating temperature -55 to 125 c
electrical characteristics m74hc132 6/13 docid1896 rev 3 table 6. dc specifications symbol parameter test condition value unit v cc (v) t a = 25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. v p high level threshold voltage 2.0 1.0 1.25 1.5 1.0 1.5 1.0 1.5 v 4.5 2.3 2.7 3.15 2.3 3.15 2.3 3.15 6.0 3.0 3.5 4.2 3.0 4.2 3.0 4.2 v n low level threshold voltage 2.0 0.3 0.65 0.9 0.3 0.9 0.3 0.9 v 4.5 1.13 1.6 2.0 1.13 2.0 1.13 2.0 6.0 1.5 2.3 2.6 1.5 2.6 1.5 2.6 v h hysteresis voltage 2.0 0.3 0.6 1.0 0.3 1.0 0.3 1.0 v 4.5 0.6 1.1 1.4 0.6 1.4 0.6 1.4 6.0 0.8 1.2 1.4 0.8 1.7 0.8 1.7 v oh high level output voltage 2.0 i o = -20 a1.92.0 1.9 1.9 v 4.5 i o = -20 a4.44.5 4.4 4.4 6.0 i o = -20 a5.96.0 5.9 5.9 4.5 i o = -4.0 ma 4.18 4.31 4.13 4.10 6.0 i o = -5.2 ma 5.68 5.8 5.63 5.60 v ol low level output voltage 2.0 i o = -20 a 0.1 0.1 0.1 v 4.5 i o = -20 a 0.1 0.1 0.1 6.0 i o = -20 a 0.1 0.1 0.1 4.5 i o = -4.0 ma 0.17 0.26 0.33 0.40 6.0 i o = -5.2 ma 0.18 0.26 0.33 0.40 i i input leakage current 6.0 v i = v cc or gnd 0.1 1 1 a i cc quiescent supply current 6.0 v i = v cc or gnd 1 10 20 a
docid1896 rev 3 7/13 m74hc132 electrical characteristics 13 figure 3. test circuit 1. legend: c l = 50 pf or equivalent (includes jig and probe capacitance). r t = z out of pulse generator (typically 50 ). table 7. ac electrical characteristics (c l = 50 pf, input t r = t f = 6 ns) symbol parameter test condition value unit v cc (v) t a = 25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. t tlh , t thl output transition time 2.0 - 30 75 - 95 - 110 ns 4.5 8 15 19 22 6.0 7 13 16 19 t plh , t phl propagation delay time 2.0 52 105 130 160 ns 4.5 13 21 26 32 6.0 11 18 22 27 table 8. capacitive characteristics sym parameter test condition value unit v cc (v) t a = 25c -40 to 85 c -55 to 125 c min typ max min max min max c in input capacitance 5.0 - 510 - 10 - 10 pf c pd power dissipation capacitance (1) 29 1. c pd is defined as the value of the ic?s internal equivalent capacitance which is calculated from the operating current consumption without load (refer to test circuit). average operating current can be obtained by the following equation: i cc(opr) = c pd x v cc x f in + i cc /4 (per gate). gams0301141630cb
electrical characteristics m74hc132 8/13 docid1896 rev 3 figure 4. propagation delay times (f = 1 mhz; 50 % duty cycle) gams0301141646cb
docid1896 rev 3 9/13 m74hc132 package information 13 4 package information in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions a nd product status are available at: www.st.com . ecopack ? is an st trademark.
package information m74hc132 10/13 docid1896 rev 3 4.1 so14 package information figure 5. so14 package mechanical drawing table 9. so14 package mechanical data ref dimensions millimeters inches min. typ. max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c0.5 0.019 c1 45 45 d 8.55 8.75 0.336 0.344 e 5.8 6.2 0.228 0.244 e1.27 0.050 e3 7.62 0.300 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.68 0.026 s8 8 *$06&% / * f & d e ( 6 $ d h h e ' 0 )    
docid1896 rev 3 11/13 m74hc132 package information 13 4.2 tssop14 package information figure 6. tssop14 package mechanical drawing table 10. tssop14 package mechanical data ref dimensions millimeters inches min. typ. max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 4.9 5 5.1 0.193 0.197 0.201 e 6.2 6.4 6.6 0.244 0.252 0.260 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 0.0256 k0 8 0 8 l 0.45 0.60 0.75 0.018 0.024 0.030 f ( e $ $ ( '  3,1,'(17,),&$7,21 $ / . h *$06&%
ordering information m74hc132 12/13 docid1896 rev 3 5 ordering information 6 revision history table 11. order codes order code temp. range package packing marking m74hc132rm13tr -55 c to 125 c s014 tape and reel 74hc132 m74hc132yrm13tr (1) -40 c to 125 c so14 (automotive grade) 74hc132y m74hc132ttr -55 c to 125 c tssop14 hc132 M74HC132YTTR (1) -40 c to 125 c tssop14 (automotive grade) hc132y 1. qualification and characterization acco rding to aec q100 and q003 or equivalen t, advanced screening according to aec q001 and q002 or equivalent. table 12. document revision history date revision changes 10-jan-2014 3 removed dip14 package added esd data to features table 1: device summary : added automotive grade order codes, added temperature range and marking details. added section 5: ordering information .
docid1896 rev 3 13/13 m74hc132 13 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. st products are not designed or authorized for use in: (a) safety critical applications such as life supporting, active implanted devices or systems wi th product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchaser?s sole risk, even if st has been informed in writing of such usage, unless a product is expressly designated by st as being intended for ?automotive, automotive safety or medical? industry domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2014 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of M74HC132YTTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X