Part Number Hot Search : 
45800 050650 OPTION M2532 WT78L08K 00AEEVDF AD790S LTC4271
Product Description
Full Text Search
 

To Download LMV324TSG-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lmv321/ 358/ 324 document number: ds33196 rev. 7 - 2 1 of 15 www.diodes.com january 2013 ? diodes incorporated lmv321/ 324/ 358 general purpose, low voltage, rail-to-rail output operational amplifiers description the lmv321/lmv358/lmv324 are low voltage (2.7v to 5.5v) single, dual and quad operational amplifiers. the lmv321/lmv358/lmv324 are designed to effectively reduce cost and space at low voltage levels. these devices have the capability of rail-to-rail output swing and input common-mode voltage range includes ground. they can also achieve an efficient speed-to-power ratio, utilizing 1 mhz bandwidth and 1v/s slew rate at a low supply current. reducing noise pickup and increasing signal integrity can be achieved by pl acing the device close to the signal source. the lmv321 is available in 5- pin sot353/sot25 packages that reduce space on pc boards and por table electronic devices. the lmv324 is available in the so-14 and tssop-14 package. the lmv358 is available in t he msop-8 and so-8 packages. features (for v + = 5v and v - = 0v typical unless otherwise noted) ? guaranteed 2.7v and 5v performance ? crossover distortion eliminated ? operating temperature range (-40c to +125c) ? gain-bandwidth product 1 mhz ? low supply current - lmv321 110a typ - lmv358 190a typ - lmv324 340a typ ? rail-to-rail output swing @ 10k ? - v + -10 mv - v - +10 mv ? input common mode voltage range (-0.2 to v + -0.8v) ? manufactured in standard cmos process ? sot353, sot25, msop-8, so-8, so-14 & tssop-14: available in ?green? molding compound (no br, sb) ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? pin assignments 1 2 3 5 4 in + v - v + out + in - - ( top view ) sot25 / sot353 ( top view ) 1 2 3 7 6 5 4 8 so-8 / msop-8 out a in a- in a+ v - v + out b in b- in b+ b + - a -+ applications ? active filters ? general purpose low voltage applications ? general purpose portable devices notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm br omine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. (top view) 1 2 3 13 12 11 4 14 sop-14l / tssop-14l out a in a - in a + v + out d in d - in d + d + - a - + 7 6 5 9 10 8 out b in b - in b + v - out c in c - in c + + - c - + b (top view) 1 2 3 13 12 11 4 14 sop-14l / tssop-14l out a in a - in a + v + out d in d - in d + d + - a - + 7 6 5 9 10 8 out b in b - in b + v - out c in c - in c + + - c - + b
lmv321/ 358/ 324 document number: ds33196 rev. 7 - 2 2 of 15 www.diodes.com january 2013 ? diodes incorporated lmv321/ 324/ 358 absolute maximum ratings (note 4) (@t a = +25c, unless otherwise specified.) symbol parameter rating unit esd hbm human body model esd protection lmv321 4.0 kv lmv358 4.0 lmv324 4.5 esd mm machine model esd protection lmv321 350 v lmv358 350 lmv324 250 differential input voltage supply voltage v v + -v - supply voltage 5.5 v output short circuit to v + (note 5) output short circuit to v - (note 6) t st storage temperature -65 to +150 c t j maximum junction temperature +150 c notes: 4. absolute maximum ratings indicate limits beyond which damage to the device may occur. operating ratings indicate cond itions for which the device is intended to be functional , but specific performance is not guaranteed. for guaranteed specifications and the tes t conditions, see the electrical characteristics. 5. shorting output to v+ will adversely affect reliability. 6. shorting output to v- will adversely affect reliability. recommended operating conditions (@t a = +25c, unless otherwise specified.) symbol parameter rating unit v + -v - supply voltage 2.7 to 5.5 v t a operating ambient temperature range -40 to +125 c electrical characteristics (@t a = +25c, unless otherwise specified.) 2.7v dc electrical characteristics unless otherwise specified, all limits guaranteed for t a = +25c, v + = 2.7v, v - = 0v, v cm = 1.0v, v o = v + /2 and r l > 1 m ? . symbol parameter test conditions min (note 8) typ (note 7) max (note 8) unit v os input offset voltage 1.7 7 mv tcv os input offset voltage average drift 5 v/c i b input bias current 10 na i os input offset current 5 50 na cmrr common mode rejection ratio 0v v cm 1.7v 50 63 db psrr power supply rejection ratio 2.7v v + 5v, v o = 1v 50 60 db v cmr input common-mode voltage range for cmrr 50db 0 -0.2 v 1.9 1.7 v o output swing r l = 10 k ? ? to 1.35v v + - 100 v + - 20 mv 20 100 i s supply current lmv321 single amplifier 110 140 a lmv358 both amplifiers 190 340 a lmv324 all four amplifiers 340 680 a 2.7v ac electrical characteristics unless otherwise specified, all limits guaranteed for t a = +25c, v + = 2.7v, v - = 0v, v cm = 1.0v, v o = v + /2 and r l > 1 m ? . gbwp gain-bandwidth product c l = 200 pf 1 mhz m phase margin 60 deg gm gain margin 10 db e n input-referred voltage noise f > 50 khz 23 z h nv
lmv321/ 358/ 324 document number: ds33196 rev. 7 - 2 3 of 15 www.diodes.com january 2013 ? diodes incorporated lmv321/ 324/ 358 electrical characteristics (cont.) (@t a = +25c, unless otherwise specified.) 5v dc electrical characteristics unless otherwise specifi ed, all limits guaranteed for t a = +25c, v + = 5v, v - = 0v, v cm = 2.0v, v o = v + /2 and r l > 1 m ? . symbol parameter test conditions min (note 8) typ (note 7) max (note 8) unit v os input offset voltage t a = +25c 1.7 7 mv t a = full range 9 tcv os input offset voltage average drift 5 v/c i b input bias current t a = +25c 15 250 na t a = full range 500 i os input offset current t a = +25c 5 50 na t a = full range 150 cmrr common mode rejection ratio 0v v cm 4.0v 50 65 db psrr power supply rejection ratio 2.7v v + 5v v o = 1v, v cm = 1v 50 60 db v cmr input common-mode voltage range for cmrr 50db 0 -0.2 v 4.2 4.0 a v large signal voltage gain r l = 2 k ? (note 9) t a = +25c 15 100 v/mv t a = full range 10 v o output swing r l = 2 k ? ? to 2.5v high level t a = +25c v + - 300 v + -50 mv t a = full range v + - 400 low level t a = +25c 50 300 t a = full range 400 r l = 10 k ? ? to 2.5v high level t a = +25c v + - 100 v + -10 t a = full range v + - 200 low level t a = +25c 10 180 t a = full range 280 i o output short circuit current sourcing, v o = 0v 5 60 ma sinking, v o = 5v 10 90 i s supply current lmv321 single amplifier 110 140 a lmv358 both amplifiers t a = +25c 190 340 t a = full range 600 lmv324 all four amplifiers t a = +25c 340 680 t a = full range 1100 ja thermal resistance junction-to- ambient sot353 (note 10) 330 c/w sot25 (note 10) 250 tssop-14 (note 10) 100 msop-8 (note 10) 203 so-8 (note 10) 150 so-14 (note 10) 83 5v ac electrical characteristics unless otherwise specified, all limits guaranteed for t a = 25c, v + = 5v, v - = 0v, v cm = 2.0v, vo = v + /2 and r l > 1 m ? . boldface limits apply at the temperature extremes. sr slew rate (note 11) 1 v/s gbwp gain-bandwidth product c l = 200pf 1 mhz m phase margin 60 deg g m gain margin 10 db e n input-referred voltage noise f > 50 khz 23 z h nv notes: 7. typical values represent the most likely parametric norm as determined at the time of characterization. actual typica l values may vary over time and will also depend on the application and config uration. the typical values are not tested and are not guaranteed o n shipped production material. 8. all limits are guaranteed by testing or statistical analysis. 9. r l is connected to v-. the output voltage is 0.5v v o 4.5v. 10. all numbers are typical, and apply for packages soldered directly onto a pc board in still air. 11. connected as voltage follower with 3v step input. number specified is the slower of the positive and nega tive slew rates.
lmv321/ 358/ 324 document number: ds33196 rev. 7 - 2 4 of 15 www.diodes.com january 2013 ? diodes incorporated lmv321/ 324/ 358 typical performance characteristics (v s = +5v, single supply, @t a = +25c, unless otherwise specified.) supply current vs. supply voltage 2.5 3.0 3.5 4.0 4.5 5.0 3.0 3.5 4.0 4.5 5.0 5.5 6.0 output voltage from power supply (mv) r l =10kohm supply voltage (v) positive swing negative swing output voltage swing vs. supply voltage 100 1k 10k 100k 1m 0 10 20 30 40 50 60 70 80 psrr (db) frequency (hz) vs = 5v r l = 10kohm psrr vs. frequency 100 1k 10k 100k 1m 30 40 50 60 70 80 90 100 cmrr (db) frequency (hz) vs = 5v v in = vs / 2 r l = 5kohm cmrr vs. frequency cmrr vs. input common mode voltage ? vos vs. cmr 0.0 0.2 0.4 0.8 0.10 0.12 0.14 0.16 0.18 0.24 0.22 0.20 0.6 1 2 035 4 supply voltage (v) supply c urrent (ma) 30 40 50 60 70 80 90 -0.2 0.2 0.6 1 1.4 1.8 2.2 2.6 3 3.4 3.8 4.2 4.6 5 common-mode input voltage (v) common-mode rejection ratio (db) 2.7v supply 5v supply 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 -0.2 0.2 0.6 1 1.4 1.8 2.2 2.6 3 3.4 3.8 4.2 4.6 5 common-mode input voltage (v) input offset voltage (mv)
lmv321/ 358/ 324 document number: ds33196 rev. 7 - 2 5 of 15 www.diodes.com january 2013 ? diodes incorporated lmv321/ 324/ 358 typical performance characteristics (cont.) 1e-3 0.01 0.1 1 10 1e-3 0.01 0.1 1 10 100 sourcing current-ma output voltage referenced to vcc-v v cc =2.7v sourcing current vs. output voltage (2.7v) 1e-3 0.01 0.1 1 10 1e-3 0.01 0.1 1 10 100 sourcing current-ma output voltage referenced to vcc-v vcc=5v sourcing current vs. output voltage (5v) 1e-3 0.01 0.1 1 10 1e-3 0.01 0.1 1 10 100 sinking current-ma out p ut volta g e referenced to gnd-v vcc=2.7v sinking current vs. output voltage (2.7v) 1e-3 0.01 0.1 1 10 1e-3 0.01 0.1 1 10 100 sinking current-ma output voltage referenced to gnd-v vcc=5v sinking current vs. output voltage (5v) 0 50 100 150 200 250 300 0.0 0.5 1.0 1.5 2.0 vs=+/- 2v rl=600ohm rl=10kohm rl=2k ohm output voltage(v) input voltage(uv) input voltage vs. output voltage output voltage vs. input voltage -600 -400 -200 0 200 400 600 -2.5 -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 2.5 input voltage (v) output voltage (v) r l = 600 ohm r l = 10 kohm r l = 2 kohm
lmv321/ 358/ 324 document number: ds33196 rev. 7 - 2 6 of 15 www.diodes.com january 2013 ? diodes incorporated lmv321/ 324/ 358 typical performance characteristics (cont.) frequency response vs. resistive load (2.7v) frequency response vs. resistive load (5v) frequency response vs. capacitive load (2.7v) frequency response vs. capacitive load (5v) crosstalk vs. frequency 60 70 80 90 100 110 120 130 0.1 1 10 100 frequency (khz) crosstalk (db)
lmv321/ 358/ 324 document number: ds33196 rev. 7 - 2 7 of 15 www.diodes.com january 2013 ? diodes incorporated lmv321/ 324/ 358 typical performance characteristics (cont.) inverting large signal pulse response inverting large signal pulse response inverting large signal pulse response inverting small signal pulse response inverting small signal pulse response inverting small signal pulse response
lmv321/ 358/ 324 document number: ds33196 rev. 7 - 2 8 of 15 www.diodes.com january 2013 ? diodes incorporated lmv321/ 324/ 358 typical performance characteristics (cont.) stability vs. capacitive load stability vs. capacitive load stability vs. capacitive load stability vs. capacitive load supply voltage (v) slew rate (v/us) slew rate vs. supply voltage input voltage noise 0 10 20 30 40 50 60 70 80 90 100 1000 10000 100000 1000000 frequency (hz) z h nv lmv3xx (25% overshoot) lmv3xx (25% overshoot) lmv3xx (25% overshoot) lmv3xx (25% overshoot) 134 k ? 1.21 m ? 134 k ? 1.21 m ?
lmv321/ 358/ 324 document number: ds33196 rev. 7 - 2 9 of 15 www.diodes.com january 2013 ? diodes incorporated lmv321/ 324/ 358 ordering information part number package code packaging 7?/13? tape and reel quantity part number suffix lmv321wg-7 w sot25 3000/tape & reel -7 lmv321seg-7 se sot353 3000/tape & reel -7 lmv324bg-13 b so-14 2500/tape & reel -13 LMV324TSG-13 ts tssop-14 2500/tape & reel -13 lmv358sg-13 s so-8 2500/tape & reel -13 lmv358m8g-13 m8 msop-8 2500/tape & reel -13 notes: 12. lmv321 is only available for sot25 and sot353. 13. lmv324 is only available for so-14 and tssop-14. 14. lmv358 is only available for so-8 and msop-8. marking information sot25/sot353 1 2 3 5 7 4 xx y w x xx : identification code w : week : a~z : 1~26 week; x : a~z : green (top view) y : year : 0~9 a~z : 27~52 week; z represents 52 and 53 week ? part number package 24 : quad packing green g : green 58 : dual 7/13 : tape & reel 21 : single part number package 24 : quad packing green g : green 58 : dual 7/13 : tape & reel 21 : single (note 12) (note 13) (note 14) w : sot25 se : sot353 b : so-14 ts : tssop-14 s : so-8 m8 : msop-8 lmv3 - x xxxg x device package type identification code lmv321w sot25 bx lmv321se sot353 by
lmv321/ 358/ 324 document number: ds33196 rev. 7 - 2 10 of 15 www.diodes.com january 2013 ? diodes incorporated lmv321/ 324/ 358 marking information (cont.) so-14 / tssop-14 ( top view ) 1 lmv324 yy ww x x logo 14 part number 8 7 g : green ww : week : 01~52; 52 yy : year : 08, 09,10~ x : internal code represents 52 and 53 week so-8 lmv358 (top view) yy ww x x part number logo g : green 8765 1 234 ww : week : 01~52; 52 yy : year : 08, 09,10~ x : internal code represents 52 and 53 week msop-8 lmv358 ( top view ) y w x part number logo y : year : 0~9 x : a~z : green 87 65 1 234 w : week : a~z :1~26 week; a~z : 27~52 week; z represents 52 and 53 week
lmv321/ 358/ 324 document number: ds33196 rev. 7 - 2 11 of 15 www.diodes.com january 2013 ? diodes incorporated lmv321/ 324/ 358 package outline dimensions (all dimensions in mm.) please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. sot25 sot353 so-14 sot25 dim min max typ a 0.35 0.50 0.38 b 1.50 1.70 1.60 c 2.70 3.00 2.80 d ? ? 0.95 h 2.90 3.10 3.00 j 0.013 0.10 0.05 k 1.00 1.30 1.10 l 0.35 0.55 0.40 m 0.10 0.20 0.15 n 0.70 0.80 0.75 0 8 ? all dimensions in mm sot353 dim min max typ a 0.10 0.30 0.25 b 1.15 1.35 1.30 c 2.00 2.20 2.10 d 0.65 typ f 0.40 0.45 0.425 h 1.80 2.20 2.15 j 0 0.10 0.05 k 0.90 1.00 1.00 l 0.25 0.40 0.30 m 0.10 0.22 0.11 0 8 - all dimensions in mm so-14 dim min max a 1.47 1.73 a1 0.10 0.25 a2 1.45 typ b 0.33 0.51 d 8.53 8.74 e 3.80 3.99 e 1.27 typ h 5.80 6.20 l 0.38 1.27 0 8 all dimensions in mm a m j l d b c h k n a m j l d b c h k f e h a a2 e d a1 l gauge plane detail ?a? detail ?a? 7 ( 4 x ) b
lmv321/ 358/ 324 document number: ds33196 rev. 7 - 2 12 of 15 www.diodes.com january 2013 ? diodes incorporated lmv321/ 324/ 358 package outline dimensions (cont.) (all dimensions in mm.) please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. tssop-14 so-8 msop-8 tssop-14 dim min max a1 7 (4x) a2 0 8 a 4.9 5.10 b 4.30 4.50 c ? 1.2 d 0.8 1.05 f 1.00 typ f1 0.45 0.75 g 0.65 typ k 0.19 0.30 l 6.40 typ all dimensions in mm so-8 dim min max a - 1.75 a1 0.10 0.20 a2 1.30 1.50 a3 0.15 0.25 b 0.3 0.5 d 4.85 4.95 e 5.90 6.10 e1 3.85 3.95 e 1.27 typ h - 0.35 l 0.62 0.82 0 8 all dimensions in mm msop-8 dim min max typ a - 1.10 - a1 0.05 0.15 0.10 a2 0.75 0.95 0.86 a3 0.29 0.49 0.39 b 0.22 0.38 0.30 c 0.08 0.23 0.15 d 2.90 3.10 3.00 e 4.70 5.10 4.90 e1 2.90 3.10 3.00 e3 2.85 3.05 2.95 e - - 0.65 l 0.40 0.80 0.60 a 0 8 4 x - - 0.750 y - - 0.750 all dimensions in mm gauge plane seating plane detail ?a? detail ?a? e e1 h l d e b a2 a1 a 45 7 ~ 9 a3 0.254 g l a k a 1 d c a 2 f f1 pin# 1 indent detail ?a? detail ?a? 0 . 2 5 gauge plane seating plane b a a1 a2 e seating plane gauge plane l see detail c detail c c a e1 e3 a3 1 e y x d b 0.25 4 x 1 0 4 x 1 0
lmv321/ 358/ 324 document number: ds33196 rev. 7 - 2 13 of 15 www.diodes.com january 2013 ? diodes incorporated lmv321/ 324/ 358 suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. sot25 sot353 so-14 tssop-14 dimensions value (in mm) z 3.20 g 1.60 x 0.55 y 0.80 c1 2.40 c2 0.95 dimensions value (in mm) z 2.5 g 1.3 x 0.42 y 0.6 c1 1.9 c2 0.65 dimensions value (in mm) x 0.60 y 1.50 c1 5.4 c2 1.27 dimensions value (in mm) x 0.45 y 1.45 c1 5.9 c2 0.65 x z y c1 c2 c2 g x z y c1 c2 c2 g x c1 c2 y x c1 c2 y
lmv321/ 358/ 324 document number: ds33196 rev. 7 - 2 14 of 15 www.diodes.com january 2013 ? diodes incorporated lmv321/ 324/ 358 suggested pad layout (cont.) please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. so-8 msop-8 dimensions value (in mm) x 0.60 y 1.55 c1 5.4 c2 1.27 dimensions value (in mm) c 0.650 x 0.450 y 1.350 y1 5.300 x c1 c2 y x c y y1
lmv321/ 358/ 324 document number: ds33196 rev. 7 - 2 15 of 15 www.diodes.com january 2013 ? diodes incorporated lmv321/ 324/ 358 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated products in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of LMV324TSG-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X