Part Number Hot Search : 
AN17821 HUL7281 6025074 PC250 DS18B20 AN79M20F B2520 LM618
Product Description
Full Text Search
 

To Download KN2222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1996. 1. 28 1/3 semiconductor technical data KN2222/a epitaxial planar npn transistor revision no : 0 general purpose application. switching application. features  low leakage current : i cex =10na(max.) ; v ce =60v, v eb(off) =3v.  low saturation voltage : v ce(sat) =0.3v(max.) ; i c =150ma, i b =15ma.  complementary to the kn2907/2907a. maximum rating (ta=25 1 ) to-92 dim millimeters a b c d f g h j k l 4.70 max 4.80 max 3.70 max 0.45 1.00 1.27 0.85 0.45 14.00 0.50 0.55 max 2.30 d 1 2 3 b a j k g h f f l e c e c m n 0.45 max m 1.00 n 1. emitter 3. collector 2. base + _ characteristic symbol rating unit KN2222 KN2222a collector-base voltage v cbo 60 75 v collector-emitter voltage v ceo 30 40 v emitter-base voltage v ebo 5 6 v collector current i c 600 ma collector power dissipation (ta=25 1 ) p c 625 mw junction temperature t j 150 1 storage temperature range t stg -55  150 1
1996. 1. 28 2/3 revision no : 0 electrical characteristics (ta=25 1 ) KN2222/a * pulse test : pulse width # 300  s, duty cycle # 2%. characteristic symbol test condition min. typ. max. unit collector cut-off current KN2222a i cex v ce =60v, v eb(off) =3v - - 10 na collector cut-off current KN2222 i cbo v cb =50v, i e =0 - - 10 na KN2222a v cb =60v, i e =0 - - 10 emitter cut-off current KN2222a i ebo v eb =3v, i c =0 - - 10 na collector-base breakdown voltage KN2222 v (br)cbo i c =10  a, i e =0 60 - - v KN2222a 75 - - collector-emitter * breakdown voltage KN2222 v (br)ceo i e =10ma, i b =0 30 - - v KN2222a 40 - - emitter-base breakdown voltage KN2222 v (br)ebo i e =10  a, i c =0 5 - - v KN2222a 6 - - dc current gain * KN2222 KN2222a h fe (1) i c =0.1ma, v ce =10v 35 - - h fe (2) i c =1ma, v ce =10v 50 - - h fe (3) i c =10ma, v ce =10v 75 - - h fe (4) i c =150ma, v ce =10v 100 - 300 KN2222 h fe (5) i c =500ma, v ce =10v 30 - - KN2222a 40 - - collector-emitter * saturation voltage KN2222 v ce(sat) 1 i c =150ma, i b =15ma - - 0.4 v KN2222a - - 0.3 KN2222 v ce(sat) 2 i c =500ma, i b =50ma - - 1.6 KN2222a - - 1.0 base-emitter * saturation voltage KN2222 v be(sat) 1 i c =150ma, i b =15ma - - 1.3 v KN2222a 0.6 - 1.2 KN2222 v be(sat) 2 i c =500ma, i b =50ma - - 2.6 KN2222a - - 2.0 transition frequency KN2222 f t i c =20ma, v ce =20v f=100mhz 250 - - mhz KN2222a 300 - - collector output capacitance c ob v cb =10v, i e =0, f=1.0mhz - - 8 pf
1996. 1. 28 3/3 KN2222/a revision no : 0 collector power dissipation 0 c 0 ambient temperature ta ( c) pc - ta capacitance c (pf) 0 ob 30 10 3 1 collector-base voltage v (v) cb c - v h - i c collector current i (ma) 1 3 10 30 1k fe dc current gain h 10 collector current i (ma) saturation voltage 3 1 be(sat) 30 10 c v , v - i fe c 300 1k 30 50 100 300 500 100 v =10v ce be(sat) ce(sat) c v ,v (v) ce(sat) 100 300 1k 0.01 0.03 0.05 0.1 0.3 0.5 1 3 5 10 v be(sat) ce(sat) v ob cb 100 200 p (mw) 25 50 75 100 125 150 175 100 200 300 400 500 600 700 i /i =10 c b 2 4 6 8 12 i =0 f=1mhz e 10


▲Up To Search▲   

 
Price & Availability of KN2222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X