Part Number Hot Search : 
RJH60F5 448640 ITR20420 KA2284 PT100 MM3144BR HM628 HCT00
Product Description
Full Text Search
 

To Download IN74HC534ADW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data 398 octal 3-state inverting d flip-flop high-performance silicon-gate cmos the in74hc534a is identical in pinout to the ls/als534. the device inputs are compatible with standard cmos outputs; with pullup resistors, they are compatible with ls/alsttl outputs. data meeting the setup time is clocked, in inverted form, to the outputs with the rising edge of the clock. the output enable input does not affect the states of the flip-flops, but when output enable is high, the outputs are forced to the high impedance state. thus, data may be stored even when the outputs are not enabled. ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 2.0 to 6.0 v ? low input current: 1.0 a ? high noise immunity characteristic of cmos devices in74hc534a ordering information in74hc534an plastic IN74HC534ADW soic t a = -55 to 125 c for all packages function table inputs output output enable clock d q lhl llh ll,h, x no change hxxz x = don?t care z = high impedance logic diagram pin 20=v cc pin 10 = gnd pin assignment
in74hc534a 399 maximum ratings * symbol parameter value unit v cc dc supply voltage (referenced to gnd) -0.5 to +7.0 v v in dc input voltage (referenced to gnd) -1.5 to v cc +1.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input current, per pin 20 ma i out dc output current, per pin 35 ma i cc dc supply current, v cc and gnd pins 75 ma p d power dissipation in still air, plastic dip+ soic package+ 750 500 mw tstg storage temperature -65 to +150 c t l lead temperature, 1 mm from case for 10 seconds (plastic dip or soic package) 260 c * maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the recommended operating conditions. +derating - plastic dip: - 10 mw/ c from 65 to 125 c soic package: : - 7 mw/ c from 65 to 125 c recommended operating conditions symbol parameter min max unit v cc dc supply voltage (referenced to gnd) 2.0 6.0 v v in , v out dc input voltage, output voltage (referenced to gnd) 0 v cc v t a operating temperature, all package types -55 +125 c t r , t f input rise and fall time (figure 1) v cc =2.0 v v cc =4.5 v v cc =6.0 v 0 0 0 1000 500 400 ns this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. for proper operation, v in and v out should be constrained to the range gnd (v in or v out ) v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
in74hc534a 400 dc electrical characteristics (voltages referenced to gnd) v cc guaranteed limit symbol parameter test conditions v 25 c to -55 c 85 c 125 c unit v ih minimum high-level input voltage v out =0.1 v or v cc -0.1 v ? i out ? 20 a 2.0 4.5 6.0 1.5 3.15 4.2 1.5 3.15 4.2 1.5 3.15 4.2 v v il maximum low - level input voltage v out =0.1 v or v cc -0.1 v ? i out ? 20 a 2.0 4.5 6.0 0.5 1.35 1.8 0.5 1.35 1.8 0.5 1.35 1.8 v v oh minimum high-level output voltage v in =v ih or v il ? i out ? 20 a 2.0 4.5 6.0 1.9 4.4 5.9 1.9 4.4 5.9 1.9 4.4 5.9 v v in =v ih or v il ? i out ? 6.0 ma ? i out ? 7.8 ma 4.5 6.0 3.98 5.48 3.84 5.34 3.7 5.2 v ol maximum low-level output voltage v in = v il or v ih ? i out ? 20 a 2.0 4.5 6.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v il or v ih ? i out ? 6.0 ma ? i out ? 7.8 ma 4.5 6.0 0.26 0.26 0.33 0.33 0.4 0.4 i in maximum input leakage current v in =v cc or gnd 6.0 0.1 1.0 1.0 a i oz maximum three state leakage current output in high-impedance state v in =v ih or v il v out = v cc or gnd 6.0 0.5 5.0 10 a i cc maximum quiescent supply current (per package) v in =v cc or gnd i out =0 a 6.0 4.0 40 160 a
in74hc534a 401 ac electrical characteristics (c l =50pf,input t r =t f =6.0 ns) v cc guaranteed limit symbol parameter v 25 c to -55 c 85 c 125 c unit f max maximum clock frequency (50% duty cycle) (figures 1 and 4) 2.0 4.5 6.0 6.0 30 35 5.0 24 28 4.0 20 24 mhz t plh , t phl maximum propagation delay, clock to q (figures 1 and 4) 2.0 4.5 6.0 125 25 21 155 31 26 190 38 32 ns t plz , t phz maximum propagation delay, output enable to q (figures 2 and 5) 2.0 4.5 6.0 150 30 26 190 38 33 225 45 38 ns t pzh , t pzl maximum propagation delay, output enable to q (figures 2 and 5) 2.0 4.5 6.0 150 30 26 190 38 33 225 45 38 ns t tlh , t thl maximum output transition time, any output (figures 1 and 4) 2.0 4.5 6.0 75 15 13 95 19 16 110 22 19 ns c in maximum input capacitance - 10 10 10 pf c out maximum three-state output capacitance (output in high-impedance state) -151515pf power dissipation capacitance (per flip-flop) typical @25 c,v cc =5.0 v c pd used to determine the no-load dynamic power consumption: p d =c pd v cc 2 f+i cc v cc 34 pf timing requirements (c l =50pf,input t r =t f =6.0 ns) v cc guaranteed limit symbol parameter v 25 c to -55 c 85 c 125 c unit t su minimum setup time, data to clock (figure 3) 2.0 4.5 6.0 50 10 9 65 13 11 75 15 13 ns t h minimum hold time, clock to data (figure 3) 2.0 4.5 6.0 5 5 5 5 5 5 5 5 5 ns t w minimum pulse width, clock (figure 1) 2.0 4.5 6.0 60 12 10 75 15 13 90 18 15 ns t r, t f maximum input rise and fall times (figure 1) 2.0 4.5 6.0 1000 500 400 1000 500 400 1000 500 400 ns
in74hc534a 402 figure 1. switching waveforms figure 2. switching waveforms figure 3. switching waveforms figure 4. test circuit figure 5. test circuit expanded logic diagram


▲Up To Search▲   

 
Price & Availability of IN74HC534ADW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X