Part Number Hot Search : 
1553A 254850 TML30205 QL8050 CA5010LT 2059D 2SD2242A HER206
Product Description
Full Text Search
 

To Download IN74HC240ADW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data 271 octal 3-state inverting buffer/line driver/line receiver high-performance silicon-gate cmos the in74hc240a is identical in pinout to the ls/als240. the device inputs are compatible with standard cmos outputs; with pullup resistors, they are compatible with ls/alsttl outputs. this octal inverting buffer/line driver/line receiver is designed to be used with 3-state memory address drivers, clock drivers, and other bus-oriented systems. the device has inverting outputs and two active- low output enables. ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 2.0 to 6.0 v ? low input current: 1.0 a ? high noise immunity characteristic of cmos devices in74hc240a ordering information in74hc240an plastic IN74HC240ADW soic t a = -55 to 125 c for all packages function table inputs outputs enable a, enable b a,b ya,yb llh lhl hxz x = don?t care z = high impedance logic diagram pin 20=v cc pin 10 = gnd pin assignment
in74hc240a 272 maximum ratings * symbol parameter value unit v cc dc supply voltage (referenced to gnd) -0.5 to +7.0 v v in dc input voltage (referenced to gnd) -1.5 to v cc +1.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input current, per pin 20 ma i out dc output current, per pin 35 ma i cc dc supply current, v cc and gnd pins 75 ma p d power dissipation in still air, plastic dip+ soic package+ 750 500 mw tstg storage temperature -65 to +150 c t l lead temperature, 1 mm from case for 10 seconds (plastic dip or soic package) 260 c * maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the recommended operating conditions. +derating - plastic dip: - 10 mw/ c from 65 to 125 c soic package: : - 7 mw/ c from 65 to 125 c recommended operating conditions symbol parameter min max unit v cc dc supply voltage (referenced to gnd) 2.0 6.0 v v in , v out dc input voltage, output voltage (referenced to gnd) 0 v cc v t a operating temperature, all package types -55 +125 c t r , t f input rise and fall time (figure 1) v cc =2.0 v v cc =4.5 v v cc =6.0 v 0 0 0 1000 500 400 ns this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. for proper operation, v in and v out should be constrained to the range gnd (v in or v out ) v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
in74hc240a 273 dc electrical characteristics (voltages referenced to gnd) v cc guaranteed limit symbol parameter test conditions v 25 c to -55 c 85 c 125 c unit v ih minimum high-level input voltage v out =0.1 v ? i out ? 20 a 2.0 4.5 6.0 1.5 3.15 4.2 1.5 3.15 4.2 1.5 3.15 4.2 v v il maximum low - level input voltage v out = v cc -0.1 v ? i out ? 20 a 2.0 4.5 6.0 0.5 1.35 1.8 0.5 1.35 1.8 0.5 1.35 1.8 v v oh minimum high-level output voltage v in = v il ? i out ? 20 a 2.0 4.5 6.0 1.9 4.4 5.9 1.9 4.4 5.9 1.9 4.4 5.9 v v in =v il ? i out ? 6.0 ma ? i out ? 7.8 ma 4.5 6.0 3.98 5.48 3.84 5.34 3.7 5.2 v ol maximum low-level output voltage v in =v ih ? i out ? 20 a 2.0 4.5 6.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v ih ? i out ? 6.0 ma ? i out ? 7.8 ma 4.5 6.0 0.26 0.26 0.33 0.33 0.4 0.4 i in maximum input leakage current v in =v cc or gnd 6.0 0.1 1.0 1.0 a i oz maximum three state leakage current output in high-impedance state v in = v il or v ih v out =v cc or gnd 6.0 0.5 5.0 10.0 a i cc maximum quiescent supply current (per package) v in =v cc or gnd i out =0 a 6.0 4.0 40 160 a
in74hc240a 274 ac electrical characteristics (c l =50pf,input t r =t f =6.0 ns) v cc guaranteed limit symbol parameter v 25 c to -55 c 85 c 125 c unit t plh , t phl maximum propagation delay, a to ya or b to yb (figures 1 and 3) 2.0 4.5 6.0 80 16 14 100 20 17 120 24 20 ns t plz , t phz maximum propagation delay, output enable to ya or yb (figures 2 and 4) 2.0 4.5 6.0 110 22 19 140 28 24 165 33 28 ns t pzh , t pzl maximum propagation delay, output enable to ya or yb (figures 2 and 4) 2.0 4.5 6.0 110 22 19 140 28 24 165 33 28 ns t tlh , t thl maximum output transition time, any output (figures 1 and 3) 2.0 4.5 6.0 60 12 10 75 15 13 90 18 15 ns c in maximum input capacitance - 10 10 10 pf c out maximum three-state output capacitance (output in high-impedance state) -151515pf power dissipation capacitance (per transceiver channel) typical @25 c,v cc =5.0 v c pd used to determine the no-load dynamic power consumption: p d =c pd v cc 2 f+i cc v cc 32 pf figure 1. switching waveforms figure 2. switching waveforms
in74hc240a 275 figure 3. test circuit figure 4. test circuit expanded logic diagram (1/8 of the device)


▲Up To Search▲   

 
Price & Availability of IN74HC240ADW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X