Part Number Hot Search : 
FRM240H HHR300SC ML9XX35 SJA1000T TSOP1 XXXLXX 98463 HMCS44C
Product Description
Full Text Search
 

To Download HUSMH8010BSS200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  800gb, 400gb, 200gb and 100gb mlc | 2.5-inch sff | sas 12gb/s data sheet ultrastar? ssd800mh.b highlights ? mlc nand flash for ultra-high performance and endurance ? high endurance 25dw/d for 5 years ? best iops/watt for reduced tco ? 12gb/s sas interface for maximum throughput ? advanced power loss data management technology ? self-encrypting models conform to tcgs enterprise specification applications/environments ? ultra-high performance tier-0 enterprise storage ? enterprise-class servers and high performance computing ? space and/or power constrained environments ? online transaction processing (oltp) ? financial and e-commerce ? database analytics ? zil/slog caching applications (100-400gb nexenta-qualified) enterprise solid-state drives maximum performance, reliability and endurance the ultrastar ssd800mh.b delivers high sequential throughput, up to 1100mb/s read and 765mb/s write (12gb/s sas). it also delivers up to 130,000 read and 110,000 write iops, reaching speeds >100 times faster than hdds and double the speed of current 6gb/s ssds, allowing rapid access to hot enterprise data for improved productivity and operational eficiency. the ultrastar ssd800mh.b family ofers significant value in terms of iops per watt, while reducing total cost of ownership (tco) through low power consumption, eficient cooling and reduced space requirements. the ultrastar ssd800mh.b family combines enterprise-grade mlc nand flash memory, advanced endurance management firmware and power loss data management techniques to extend reliability, endurance and sustained performance over the life of the ssd. the ultrastar ssd800mh.b family achieves an extraordinary 0.35% annual failure rate (afr) or 2.5 million hour mean- time-between-failure (mtbf). the 800gb capacity model endures up to 36.5 petabytes (pb) of random writes over the life of the drivethe equivalent of writing 20 terabytes (tb) per day for five years. for complete end-to-end data protection and reliability, the ultrastar ssd800mh.b family incorporates the t10 data integrity field (dif) standard, extended error correction code (ecc), exclusive-or (xor) parity to protect against flash die failure, parity-checked internal data paths without an external write cache, and an exclusive power loss data management feature that does not require supercapacitors. the ultrastar ssd800mh.b family is backed by a five year limited warranty, or the maximum petabytes (pb) written (based on capacity). hgst enterprise storage experience hgst leverages decades of proven enterprise storage expertise in serial attached scsi (sas) design, reliability, firmware, customer qualification and system integration to the ultrastar? ssd800mh.b solid-state drive (ssd) family. the synergistic relationship between hgsts throughput-enhancing ssds and traditional hdds provides cost efective, end-to-end enterprise-class storage solutions, delivering reliability, compatibility, capacity, cost and system performance. this combination makes hgst a leading ssd/hdd provider with the experience and technology needed to meet escalating reliability, endurance and performance in the most demanding enterprise environments. hgst quality and service hgsts ultrastar ssd800mh.b family extends the companys long-standing tradition of performance and reliability leadership. a balanced combination of new and proven technologies enables high reliability and availability to customer data. hgst drives are backed by an array of technical support and services, which may include customer and integration assistance. hgst is dedicated to providing a complete portfolio of ssd/hdd solutions to satisfy todays monumental computing needs. features & benefits performance power capacity reliability integration feature/function ? sas 12gb/s ? mlc nand flash memory ? 1100mb/s / 765mb/s sequential r/w ? 130k / 110k iops random r/w ? 110k iops on 70/30 mix r/w 9.0 and 11.0 watt options ? 800gb ? 400gb ? 200gb ? 100gb ? 0.35% afr (2.5m hours mtbf) ? 1e-17 bit error rate ? t10 end-to-end data protection ? exclusive-or (xor) nand ? power loss data management ? unlimited reads, up to 36.5pb random writes (800gb) ? hdd architecture commonality ? systems integration and test lab benefit ? 12gb/s / 6gb/s active-active dual port ? highest write performance with cost improved nand for high endurance ? maximum throughput and iops for ultra-fast access to data; >100x faster than typical hdd improved performance with higher power option more capacity for less space and power ? reduced field replacement efort ? enhanced error detection and correction for optimal data integrity ? protection against flash die failure ? assures data integrity during power failure ? maximum endurance over the life of ssd ? compatibility with ultrastar sas hdds ? extensive interoperability and compliance testing
specifications ultrastar? ssd800mh.b data sheet enterprise solid-state drives model / part no. husmh8080bss204 / 0b32071 husmh8080bss200 / 0b31072 husmh8080bss201 / 0b32043 husmh8080bss205 / 0b32093 husmh8040bss204 / 0b32070 husmh8040bss200 / 0b31071 husmh8040bss201 / 0b32043 husmh8040bss205 / 0b32092 husmh8020bss204 / 0b32069 husmh8020bss200 / 0b31070 husmh8020bss201 / 0b32041 husmh8020bss205 / 0b32091 husmh8010bss204 / 0b32068 HUSMH8010BSS200 / 0b31069 husmh8010bss201 / 0b32040 husmh8010bss205 / 0b32090 configuration interface sas 12gb/s capacity (gb 1 ) at 512 bytes/sector 800 / 400 / 200 / 100 form factor 2.5-inch flash memory technology multi level cell (mlc) sector size support 512, 520, 528, 4k performance read throughput (max mb/s, sequential 64k) 1100 write throughput (max mb/s, sequential 64k) 765 read iops (max iops, random 4k) 130,000 write iops (max iops, random 4k) 110,000 reliability error rate (non-recoverable bits read) 1 in 10 17 mtbf 2 (m hours) 2.5 annual failure rate 2 (afr) 0.35% availability (hrs/day x days/wk) 24x7 endurance (max pb 1 , random write) 36.5 / 18.3 / 9.1 power requirement +5 vdc (+/-5%) +12 vdc (+/-5%) operating (w, typical) 9.0 and 11.0 idle (w) 2.2 physical z-height (mm) 15.0 dimensions (width x depth, mm) 70.1 x 100.6 weight (g, max) 187 environmental (operating) case temperature 0o to 70oc shock (half-sine wave) 1000g (0.5ms) 500g (2ms) vibration, random (g rms) 2.16, all axis (5 to 700 hz) 1 one gigabyte (gb) is equal to one billion bytes, one terabyte (tb) is equal to 1,000gb (one trillion bytes), and one petabyte (pb) is equal to 1,000tb (one quadrillion bytes) when referring to solid- state drive or hard drive capacity. accessible capacity will vary from the stated capacity due to formatting and partitioning of the drive, the computers operating system, and other factors. 2 mtbf and afr targets are based on a sample population and are estimated by statistical measurements and acceleration algorithms under median operating conditions. mtbf and afr ratings do not predict an individual drives reliability and do not constitute a warranty. how to read the ultrastar model number husmh8080bss200 = 800gb, sas 12gb/s h = hgst u = ultrastar s = standard mh = multi level cell, high endurance (25dw/d) 80 = full capacity (800gb) 80 = capacity of this model (80 = 800gb, 40 = 400gb, 20 = 200gb, etc.) b = generation code s = small form factor (vs. l for large ff) s2 = interface, sas 12gb/s 0 = standard 0 = crypto sanitize (1 = tcg encryption, 4 = no encryption, 5 = tcg + fips certified encryption) ds21-en-us-0815-04 ? 2015 hgst, inc., 3403 yerba buena road, san jose, ca 95135 usa. produced in the united states 4/15, revised 8/15. all rights reserved. ultrastar is a registered trademark of hgst, inc. and its afiliates in the united states and/or other countries. hgst trademarks are intended and authorized for use only in countries and jurisdictions in which hgst has obtained the rights to use, market and advertise the brand. contact hgst for additional information. hgst shall not be liable to third parties for unauthorized use of this document or unauthorized use of its trademarks. references in this publication to hgsts products, programs or services do not imply that hgst intends to make these available in all countries in which it operates. product specifications provided are sample specifications and do not constitute a warranty. information is true as of the date of publication and is subject to change. actual specifications for unique part numbers may vary. please visit the support section of our website www.hgst.com/support for additional information on product specifications. photographs may show design models. information & technical support www.hgst.com www.hgst.com/support partners first program channelpartners@hgst.com www.hgst.com/partners


▲Up To Search▲   

 
Price & Availability of HUSMH8010BSS200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X