Part Number Hot Search : 
AHA4012B M81738FP KJ12ETT BA021 440GX M68PA11 M5132 MN3611
Product Description
Full Text Search
 

To Download HDM16216L-C-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 92 electrical characteristics (vdd=5.00.25v 25c) parameter sym condition min typ max unit input high voltage v ih - 2.2--v input low voltage v il - --.06v output high voltage v oh i oh =0.2ma2.4--v output low voltage v ol i ol =1.2ma--0.4v power supply current i dd v dd =5.0v--2.8ma power supply for lcd v dd -v l ta=25c 4.3 4.8 - v led forward voltage v f i f =170 3.9 4.1 4.5 v pin connections pin no. symbol level function 1v ss -0v power supply 2v dd -5v 3v l -- 4rsh/lh: data input l: instruction data input 5 r/w h/l h: data read l: data write 6e h,h l enable signal 7d0h/l data bus 8d1h/l 9d2h/l 10 d3 h/l 11 d4 h/l 12 d5 h/l 13 d6 h/l 14 d7 h/l 15 a anode for backlight 16 k cathode for backlight absolute maximum ratings parameter symbol min max unit supply voltage v dd -v ss -0.3 6.5 v supply voltage for lcd v dd -v l 0 13.5 v input voltage v in -0.3 v dd v operating temperature t op 050c storage temperature t stg -20 70 c features character format .......................................5x7 dots with cursor backlight...............................................................................led options..........gray stn/yellow stn, 12 o?clock/6 o?clock view normal/extended temperature normal/negative displays physical data module size......................................71.5w x 36.0h x 14.5t mm viewing area size.........................................62.0w x 16.0h mm weight...................................................................................35g block diagram d0 - d7 e r/w rs v l v dd v ss k a lcd controller hd44780 or equivalent lcd panel com 1 - 16 seg 40 4 driver 40 dimensional drawing 2.78 0.75 0.07 0.50 .53 0.07 4.89 1.2 16 character x 2 lines led backlight, short length pcb dimension tolerance: +/-0.3mm hdm16216l-c 4-?2.5 8.0 p2.54x(16-1)=38.1 2.5 71.30.5 16-?1.0 2.5 2.5 10.980.1 16.0 26.4 55.730.1 62.0 15.50.1 31.0 36.00.5 max 14.5 1.6 led backlight resistor supplied by user 1 16


▲Up To Search▲   

 
Price & Availability of HDM16216L-C-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X