Part Number Hot Search : 
B99048 645TS DT72V FST19240 806AC N5817 BZX79 30L30CT
Product Description
Full Text Search
 

To Download HDM16216L-2-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 72 pin connections pin no. symbol level function 1v ss -0v power supply 2v dd -5v 3v l -- 4rsh/lh: data input l: instruction data input 5 r/w h/l h: data read l: data write 6e h,h l enable signal 7d0h/l data bus 8d1h/l 9d2h/l 10 d3 h/l 11 d4 h/l 12 d5 h/l 13 d6 h/l 14 d7 h/l 15 a - anode for led backlighting 16 k - cathod for led backlighting electrical characteristics (vdd=5.00.25v 25c) parameter sym condition min typ max unit power supply current i dd v dd =5.0v - 1.0 2.2 ma power supply for lcd v dd -v l t a =25c 4.3 - 4.7 v led forward vtg (white) (yellow) v f i f =20ma 3.0 3.4 3.6 v i f =120ma 3.9 4.1 4.5 v brightness (white) (yellow) l i f =20ma 6075- cd/m 2 i f =120ma 30 50 - drive method 1/16 duty absolute maximum ratings parameter symbol min max unit supply voltage v dd -v ss -0.3 7.0 v supply voltage for lcd v dd -v l -0.3 12.0 v operating temperature t op 050c storage temperature t stg -20 70 c led forward current (white) (yellow) i f - 25 ma - 120 led reverse voltage (white) (yellow) v r - 5v - 8 led power consumption (white) (yellow) p d - 80 mw - 540 physical data module size...................................85.0w x 36.0h x 13.0t mm viewing area size.......................................65.8w x 15.8h mm weight.................................................................................35g features character format ................................... 5x7 dots with cursor backlight....................................................white or yellow led options..............................................tn/gray stn/yellow stn 12 o?clock/6 o?clock view normal/extended temperature normal/negative displays dimensional drawing 13.0 max dimension tolerance: +/-0.3mm 16 character x 2 lines led backlight, 2 row connector block diagram d0 - d7 e r/w rs v l v dd v ss k a lcd controller hd44780 or equivalent lcd panel led backlight com 1 - 16 seg 40 4 driver 40 resistor supplied by user hdm16216l-2 71.0 65.8 2.96 0.59 0.04 0.56 0.66 1.6 2.5 hole 0.38 0.04 5.56 4-r1.0 2.54 36.0 0.5 31.0 0.2 17.78 1 16 4- 2.5 16- 1.0 56.21 85.0 0.5 9.35 11.5 25.0 15.8 3.9 5.34 8.6 85.0 0.5 80.0 0.2 2.5


▲Up To Search▲   

 
Price & Availability of HDM16216L-2-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X