Part Number Hot Search : 
6DQ6B 1631A AXLE7050 SC900 S78D25PI TSOP348 KM4164 BR1300
Product Description
Full Text Search
 

To Download HDM16216H-S-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 59 features character format ........................................5x7 dots with cursor backlight.....................................................................el optional options..............................................yellow stn, 6 o?clock view normal/extended temperature normal/negative displays physical data module size.........................................53.0w x 20.0h x 8.5t mm viewing area size..........................................36.0w x 10.0h mm weight....................................................................................10g block diagram pin connections pin no. symbol level function 1v ss -0v power supply 2v dd -5v 3v l -- 4rsh/lh: data input l: instruction data input 5r/wh/lh: data read l: data write 6e h,h l enable signal 7d0h/l data bus 8d1h/l 9d2h/l 10 d3 h/l 11 d4 h/l 12 d5 h/l 13 d6 h/l 14 d7 h/l 15 n/c 16 n/c dimensional drawing dimension tolerance: +/-0.3mm 16 character x 2 lines, very small size electrical characteristics (vdd=5.00.25v 25c) parameter sym condition min typ max unit input high voltage v ih -2.2-v dd v input low voltage v il -v ss -0.6v output high voltage v oh i oh =0.2ma 2.4 - v dd v output low voltage v ol i ol =1.2ma v ss -0.4v power supply current i dd v dd =5.0v, v l =4.4v -1.02.0ma power supply for lcd v dd -v l t a =25c - 4.4 - v drive method 1/16 duty absolute maximum ratings parameter symbol min max unit supply voltage v dd -v ss -0.3 7.0 v supply voltage for lcd v dd -v l 013.5v input voltage v in -0.3 v dd +0.3 v operating temperature t op 050c storage temperature t stg -20 70 c hdm16216h-s d0 - d7 e r/w rs v l v dd v ss lcd controller hd66730 or equivalent lcd panel com seg 16 40 driver x2 4 40


▲Up To Search▲   

 
Price & Availability of HDM16216H-S-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X