Part Number Hot Search : 
FO112 IRF7311 MAX984 36510 P6SMB68A AN663 ON1072 HVP350
Product Description
Full Text Search
 

To Download GST160A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  160w ac-dc high reliability industrial adaptor gs 160 t a series 
           
        {  
  file name:gst120a-spec 2015-06-12 
  
  !!!      " 
  #  $%      &    '%!   ( 
 )*+, !""  !#$ %& 
- ./$01(2 1  #$(34'1#' 5+   6 .  .7 '  8.   $  $    $  
  %  .9:/ ; 
  % -    <0 ! -    - = >  ..- ?1>,;  -     * .         6 .%=71"  .         .   !
@+5 >5* .  !! 
 .    ?  50 @50 .   !- .
!   -!
 * , . .!!-  ab  .c 
- 
 ?*+,1= >  
   .#/$01   (2 1     (3  4'1#'1  !  675+ * .  
!   .      .-.  .   . 
 . ?-
* .  d .a5!
       *= > !! .    ! -  * 2/&8' !  
1'0(' .; - 0  -     -   ??-  
"  
specification gs 160 t a series file name:gs 160-spec 2015-06-12 t order no. dc voltage note.2 safety model no. rated current current range rated power (max.) ripple & noise (max.) note.3 output voltage range note.7 frequency range power factor (typ.) efficiency (typ.) ac current input environment inrush current (max.) leakage current(max.) safety standards safety & emc (note. 8) working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing protection GST160A15 GST160A15-r7b GST160A12 GST160A12-r7b GST160A20 GST160A20-r7b GST160A24 GST160A24-r7b GST160A48 GST160A48-r7b 15v 12v 20v 24v 48v 100mvp-p 80mvp-p 150mvp-p 180mvp-p 240mvp-p voltage tolerance note.4 line regulation note.5 load regulation 5.0% 3.0% 3.0% 1.0% 1.0% 1.0% 5.0% 3.0% 3.0% 85 ~ 264vac 120 ~ 370vdc 47 ~ 63hz 12v/15v:pf>0.93 / 230vac 20v,24v,48v:pf>0.94 / 230vac pf>0.98 / 115vac at full load 91% 90% 93% 93% 94% 1.85a / 115vac 1a / 230vac 120a / 230vac 0.75ma / 240vac withstand voltage isolation resistance i/p-o/p:100m ohms / 500vdc / 25 / 70% rh 236.4k hrs min. mil-hdbk-217f(25 ) -30 ~ +70 (refer to "derating curve") 20% ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.03% / (0~50 ) 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes 175*72*35mm (l*w*h) 0.66kg; 20pcs/ 14.2kg/ 1.06cuft connector plug cable see page 3 ; other type available by customer requested see page 3 ; other type available by customer requested * 
  ! 5 1  1+ /b2e
? * *0 8 .      
  ?-  
 f+b  *  *2 f  
   4ed?-   g    
  .  * !f/ !    * *  8     1  1   * +*<  
  !
 ..   * >*< .!   

   !   *  ($ %% . -
-   ! .   
* /*0 
-?   *' .; .  !
 * @*  . -     1?  .! " 
   !
 .  ..- 
 
 . . 4  * for guidance on how to perform these emc tests, please refer to ?emi testing of component power supplies.? (as available on http://www.meanwell.com) compliance to en61000-4-2,3,4,5,6,8,11, light industry level, criteria a overload over voltage 105 ~ 150% rated output power protection type : hiccup mode, recovers automatically after fault condition is removed 105 ~ 135% rated output voltage 9.6a 11.5a 8a 6.67a 3.34a 0 ~ 9.6a 0 ~ 11.5a 0 ~ 8a 0 ~ 6.67a 0 ~ 3.34a 144w 138w 160w 160w 160w protection type : h mode iccup @ 10%load ul60950-1,csa c22.2, tuv en60950-1, bsmi cns14336, ccc gb4943, approved pse j60950-1 compliance to en55022 class b, en61000-3-2,3, fcc part 15 / cispr22 class b, cns13438 class b, gb9254, gb17625.1 setup, rise time note.6 hold up time (typ.) 2000ms, 50ms / 230vac 2500ms, 50ms / 115vac at full load 20ms / 230vac 20ms / 115vac at full load over temperature protection type : shut down o/p voltage, re-power on to recover 5.0% 1.0% 5.0% 4.0% 1.0% 4.0% emc immunity emc emission 160w ac-dc high reliability industrial adaptor i/p-o/p: 3kvac i/p-fg: 2kvac o/p-fg:short
derating curve static characteristics mechanical specification installation manual please refer to : http://www.meanwell.com/webnet/search/installationsearch.html plug assignment case no. gs160a unit:mm 35 72 gs 160 t a series 30 3mm 175 ul2464 18awgx4c 1200 50mm for 15v~48v 1 2 4 3 power led file name:gs 160-spec 2015-06-12 t ambient temperature ( ) load (%) -30 20 10 30 40 20 40 80 60 100 60 50 70 (horizontal) 50 230vac 100vac input voltage (vac) 60hz 85 100 95 120 110 160 140 200 180 240 220 264 load (%) 85 100 80 70 60 50 40 r7b pin no. 1,4 2,3 output +v -v 2 3 1 4 ac fg -v connected to ac fg 160w ac-dc high reliability industrial adaptor ul2464 16awgx4c 1000 50mm for 12v output plug (power din 4 pin with lock type) : kycon kppx-4p equivalent mating plug (customer side , not provide with power supply) : kycon kpjx-cm-4s equivalent


▲Up To Search▲   

 
Price & Availability of GST160A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X