Part Number Hot Search : 
79L12 R1000 SG2644J 74HC163 IRL6903 M62436FP B20200 SD111
Product Description
Full Text Search
 

To Download GRM155R71C103KA01D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rf to if single downconverting mixer 6 00m hz to 10 60mhz idt zero - distortion tm mixer 1 revo december 2013 idtf1701nbgi datasheet g eneral d escription this document describes the specification for the idtf1 7 01 zero - distortion tm lowband rf to if single downconverting mixer . th is device is part of a series of mixers using lowside or highside lo injection options for all utra frequency bands. see the part# matrix for the detail of all devices in this series. the f1701 single channel device is designed to operate with a single 5v supply. it is optimized for operation in a multi - mode, multi - carrier basestation receiver over the frequency range from 600 mhz to 10 6 0 mh z using either lowside or highside lo . if frequencie s from 7 0 mhz to 30 0 mhz are supported. nominally, the device offers +4 3 dbm output ip3 using hs lo with 184 ma of i cc . c ompetitive a dvantage in typical basestation receivers, t he rf to if mixer dominates the linearity performance for the entire receive system. the zero - distortion tm family of mixers dramatically improve the maximum signal levels (im 3 tones) that the bts can withstand at a desired signal to noise ratio (snr.) z ero - distortion tm technology allows realization of either benefit. in basestation transmitters , digital pre - distortion (dpd) is employed to improve the transmitter performance . by utilizing an ultra - l inear mixer in the dpd rx path, such as the idtf17 0 1 , t he aclr and/ or power consumption of the full tx system can be improved significantly. this is because the f17 0 1 can directly drive an adc through an anti - alias filter. downstream amplification is not necessary in the dpd application. ? ip3 o : ? 9 db ? diss ipation: ? 14 % ? allows for higher rf gain improving sensitivity ? elimin ates the need for an adc driver or if vga in dpd linearization path p art # m atrix f eatures ? ideal for multi - carrier systems ? lowside or highside lo ? 11 .8 db gain ? ultra linear +4 3 dbm ip3 o us ing h s lo or + 42 dbm ip3 o using ls lo ? ? 9 .2 db nf ? 200 output impedance ? wide flat performance if bw ? drives adc directly for dpd applications ? low power consumption ? 5x5 20 pin package ? standby mode d evice b lock d iagram o rdering i nformation part# rf r ange utra bands if freq range typ. gain injection f f 1 1 7 7 0 0 1 1 6 6 0 0 0 0 - - 1 1 0 0 6 6 0 0 5 5 , , 6 6 , , 8 8 , , 1 1 2 2 , , 1 1 3 3 , , 1 1 4 4 , , 1 1 7 7 , , 1 1 8 8 , , 1 1 9 9 , , 2 2 0 0 , , 2 2 6 6 7 7 0 0 - - 3 3 0 0 0 0 1 1 1 1 . . 8 8 b b o o t t h h f f 1 1 7 7 5 5 1 1 1 1 4 4 0 0 0 0 - - 2 2 5 5 0 0 0 0 1 1 , , 2 2 , , 3 3 , , 4 4 , , 9 9 , , 1 1 0 0 , , 1 1 1 1 , , 2 2 1 1 , , 2 2 3 3 , , 2 2 4 4 , , 2 2 5 5 , , 3 3 3 3 , , 3 3 4 4 , , 3 3 5 5 , , 3 3 6 6 , , 3 3 7 7 , , 3 3 9 9 , , 4 4 0 0 5 5 0 0 - - 5 5 0 0 0 0 1 1 1 1 . . 8 8 b b o o t t h h f f 1 1 7 7 6 6 3 3 2 2 0 0 0 0 0 0 - - 2 2 9 9 0 0 0 0 7 7 , , 3 3 8 8 , , 4 4 0 0 , , 4 4 1 1 5 5 0 0 - - 5 5 0 0 0 0 1 1 1 1 . . 7 7 b b o o t t h h idt f 1701nb gi8 0.8 mm height package green industrial temp range tape & reel omit idt prefix rf product line i f o u t l o i s e t b i a s c o n t r o l s t b y r f v c c
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 2 revo december 2013 idtf1701nbgi da tasheet a bsolute m aximum r at ings vcc to gnd - 0.3v to +5 .5v stby - 0.3v to (vcc + 0.3v) if_out+, if_out - , rf_in - 0.3v to (vcc + 0.3v) lo_in - 0.3v to +0.3v if_set to gnd, if_bias to gnd - 0.3v to +1.2v rf input power +20dbm continuous power dissipation 1.3w ja (junction C ambient) +40c/w jc (junction C case) the case is defined as the exposed paddle +3c/w operating temperature range (case temperature) t c = - 40c to +105c maximum junction temperature 150c storage temperature range - 65c to +150c lead te mperature (soldering, 10s) +260c stresses above those listed above may cause permanent damage to the device. functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is no t implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability.
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 3 revo december 2013 idtf1701nbgi da tasheet idt f1701 r ecommended o perating c onditions parameter comment symbol min typ max units supply voltage(s) all v cc pins v cc 4.75 5.25 v operating temperature range case temperature t case - 40 +105 degc rf freq range sets lo freq range f rf1 698 960 mhz oversample rf range ? measure gain at 200mhz if ? flo = 800mhz, 1260mhz f rf2 600 1060 lo freq range 630 1260 if freq range sets lo freq range f if 70 300
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 4 revo december 2013 idtf1701nbgi da tasheet idtf1701 s p ecification refer to typical application circuit when operated with v cc = +5.0v, t c = +25c, f rf = 950 mhz , f if = 200 mhz , f lo = 1150 mhz , p lo = 0 dbm, output power = + 1 dbm per tone, stby = gnd unless otherwise noted. transform er loss is de - embedded unless otherwise noted . parameter comment symbol min typ max units logic input high for standby pin v ih 2 v logic input low for standby pin v il 0.8 1 v logic current for standby pin i ih, i il - 1 +1 a supply current total v cc i supp 184 2 10 ma supply current standby mode ? stby = v ih i stby 20 2 5 ma lo power p lo - 3 2 +3 dbm settling time ? pin = - 13 dbm ? gate stby from v ih to v il ? time for if signal to settle to within 1 db of final value t sett 130 n sec gain ? f rf = 600mhz ? f lo = 800mhz g lb 11. 3 db ? f rf = 950mhz ? f lo = 1150mhz g mb 10. 9 11. 8 12. 6 ? f rf = 1060mhz ? f lo = 1260mhz g hb 11 .4 noise figure nf 9 .2 db nf w/blocker ? - 100 mhz offset blocker ? p blkr = +4 dbm nf blk 17.5 db output ip3 ? f rf1 = 950mhz ? f lo = 11 50mhz ? p in = - 10dbm per tone ? 5mhz tone separation ip3 ohslo 36 43 dbm ? f rf1 = 950mhz ? f lo = 7 50mhz ? p in = - 10dbm per tone ? 5mhz tone separation ip3 olslo 42 2rf C 2lo rejection ? p rf = - 10dbm ? frequency = 1050mhz 2x2 - 77 - 72 dbc 2 nd harmonic ? pout = - 3dbm h2 - 78 - 7 2 dbc
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 5 revo december 2013 idtf1701nbgi da tasheet idtf1701 s pecification - c ontinued refer to typical application circuit when operated with v cc = +5.0v, t c = +25c, f rf = 950 mhz , f if = 200 mhz , f lo = 1150 mhz , p lo = 0 dbm, output power = +1dbm per tone, stby = gnd unless otherwise noted. transf ormer loss is de - embedded unless otherwise noted . im2 sum product (im2+) ? pout = - 3 dbm each tone ? f if1 = 200 mhz, f if2 = 205 mhz ? im2 product = 405 mhz im2+ - 75 - 69 dbc im2 diff product (im2 - ) ? pout = - 3 dbm each tone ? f if1 = 200 mhz, f if2 = 205 mhz ? im2 prod uct = 5 mhz im2 - - 80 - 75 dbc 1db output compression output referred p1db o 17 21 dbm 1db input compression input referred p1db i 10. 2 dbm gain comp. w/blocker ? unmodulated blocker ? p in = - 4 dbm, - 100mhz offset ? signal pin tone = - 20dbm ? measure gain of signal g ac 0.1 0.15 db gain ripple ? fixed lo = 1100 mhz ? rf = 770 to 105 0 mhz ? if = 5 0 to 330 mhz 1 1.2 db rf input impedance single ended z rf 50 lo port impedance single ended z lo 50 if output impedance differential z if 2 00 rf input return loss single ended rf rl 14 20 db lo port return loss single ended lo rl 18 22 db if output return loss differential if rl 17 19 db lo to if leakage 2 iso li - 5 5 - 39 dbm rf to if leakage referenced to pin = - 10dbm iso ri - 41 - 34 d bc lo to rf leakage iso lr - 43.5 - 38 dbm 1 C items in min/max columns in bold italics are guaranteed by test 2 C all other items in min/max columns are guaranteed by design characterization
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 6 revo december 2013 idtf1701nbgi da tasheet t ypical o perating c onditi ons unless otherwise noted, the fol lowing conditions apply to the typ ops graphs: ? v cc = +5.0v ? st b y = gnd ? t c = +25c ? f rf = 950 mhz ? f if = 200 mhz ? f lo = 1150 mhz ? p lo = 0 dbm ? pin = - 10dbm per tone ? transformer loss is de - embedded for gain, output p1db and oip3 graphs
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 7 revo december 2013 idtf1701nbgi da tasheet toc s [if = 200mh z , h igh s ide i njection ] gain, oip3 (1) gain vs. t case gain vs. vcc output ip3 vs. lo level gain vs. lo level output ip3 vs. t case output ip3 vs. vcc 4 5 6 7 8 9 10 11 12 13 14 650 700 750 800 850 900 950 1000 1050 1100 gain (db) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm 4 5 6 7 8 9 10 11 12 13 14 650 700 750 800 850 900 950 1000 1050 1100 gain (db) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm 0 5 10 15 20 25 30 35 40 45 50 650 700 750 800 850 900 950 1000 1050 1100 oip3 (dbm) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm 4 5 6 7 8 9 10 11 12 13 14 650 700 750 800 850 900 950 1000 1050 1100 gain (db) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm 0 5 10 15 20 25 30 35 40 45 50 650 700 750 800 850 900 950 1000 1050 1100 oip3 (dbm) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm 0 5 10 15 20 25 30 35 40 45 50 650 700 750 800 850 900 950 1000 1050 1100 oip3 (dbm) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 8 revo december 2013 idtf1701nbgi da tasheet toc s [if = 200mh z , h igh s ide i njection ] p1dbo , 2 x 2 (2) p1dbo vs. t case p1dbo vs. vcc 2x2 rejection vs. lo level p1dbo vs. lo level 2x2 rejection vs. t case 2x2 rejection vs. vcc 10 12 14 16 18 20 22 24 26 28 30 650 700 750 800 850 900 950 1000 1050 1100 p1db output (dbm) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm 10 12 14 16 18 20 22 24 26 28 30 650 700 750 800 850 900 950 1000 1050 1100 p1db output (dbm) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 650 700 750 800 850 900 950 1000 1050 1100 2x2 rejection (dbc) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm 10 12 14 16 18 20 22 24 26 28 30 650 700 750 800 850 900 950 1000 1050 1100 p1db output (dbm) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 650 700 750 800 850 900 950 1000 1050 1100 2x2 rejection (dbc) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 650 700 750 800 850 900 950 1000 1050 1100 2x2 rejection (dbc) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 9 revo december 2013 idtf1701nbgi da tasheet toc s [if = 200mh z , h igh s ide i njection ] 3x3, h2 rejection (3) 3x3 rejection vs. t case 3x3 rejection vs. vcc h2 rejection vs. lo level 3x3 rej ection vs. lo level h2 rejection vs. t case h2 rejection vs. vcc - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 650 700 750 800 850 900 950 1000 1050 1100 3x3 rejection (dbc) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 650 700 750 800 850 900 950 1000 1050 1100 3x3 rejection (dbc) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm - 100 - 90 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 650 700 750 800 850 900 950 1000 1050 1100 h2 rejection (dbc) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 650 700 750 800 850 900 950 1000 1050 1100 3x3 rejection (dbc) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm - 100 - 90 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 650 700 750 800 850 900 950 1000 1050 1100 h2 rejection (dbc) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm - 100 - 90 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 650 700 750 800 850 900 950 1000 1050 1100 h2 rejection (dbc) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 10 revo december 2013 idtf1701nbgi da tasheet toc s [if = 200mh z , h igh s ide i njection ] icc, lo - if leakage [4] icc vs. t case icc vs. vcc lo to if leakage vs. lo level icc vs. lo level lo to if leakage vs. t case lo t o if leakage vs. vcc 0.15 0.16 0.17 0.18 0.19 0.2 0.21 0.22 0.23 0.24 0.25 650 700 750 800 850 900 950 1000 1050 1100 icc (a) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm 0.15 0.16 0.17 0.18 0.19 0.2 0.21 0.22 0.23 0.24 0.25 650 700 750 800 850 900 950 1000 1050 1100 icc (a) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm - 100 - 90 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 650 700 750 800 850 900 950 1000 1050 1100 lo to if leakage (dbm) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm 0.15 0.16 0.17 0.18 0.19 0.2 0.21 0.22 0.23 0.24 0.25 650 700 750 800 850 900 950 1000 1050 1100 icc (a) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm - 100 - 90 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 650 700 750 800 850 900 950 1000 1050 1100 lo to if leakage (dbm) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm - 100 - 90 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 650 700 750 800 850 900 950 1000 1050 1100 lo to if leakage (dbm) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 11 revo december 2013 idtf1701nbgi da tasheet toc s [if = 200mh z , h igh s ide i njection ] rf to if leakage, oip3, hd2 (5) rf to if leakage vs. t case rf to if leakage vs. vcc hd2 vs. input power rf to if leakage vs. lo level oip3 vs. input power oip3 vs. delta fre quency of two tones - 60 - 54 - 48 - 42 - 36 - 30 - 24 - 18 - 12 - 6 0 650 750 850 950 1050 rf to if leakage (dbc) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm - 60 - 54 - 48 - 42 - 36 - 30 - 24 - 18 - 12 - 6 0 650 750 850 950 1050 rf to if leakage (dbc) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm - 100 - 90 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 - 20 - 18 - 16 - 14 - 12 - 10 - 8 - 6 - 4 - 2 0 2 4 6 8 10 hd2 (dbc) input power (dbm) 25degc - +5.0v - 0dbm - 650mhz 25degc - +5.0v - 0dbm - 800mhz 25degc - +5.0v - 0dbm - 950mhz 25degc - +5.0v - 0dbm - 1100mhz - 60 - 54 - 48 - 42 - 36 - 30 - 24 - 18 - 12 - 6 0 650 750 850 950 1050 rf to if leakage (dbc) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm 0 5 10 15 20 25 30 35 40 45 50 - 20 - 18 - 16 - 14 - 12 - 10 - 8 - 6 - 4 - 2 0 2 4 6 8 10 oip3 (dbm) input power (dbm) 25degc - +5.0v - 0dbm - 650mhz 25degc - +5.0v - 0dbm - 800mhz 25degc - +5.0v - 0dbm - 950mhz 25degc - +5.0v - 0dbm - 1100mhz 0 5 10 15 20 25 30 35 40 45 50 0.8 2.8 4.8 6.8 8.8 10.8 12.8 14.8 16.8 18.8 20.8 22.8 24.8 26.8 28.8 30.8 oip3 (dbm) two tones delta frequency (mhz) 25degc - +5.0v - 0dbm - 650mhz 25degc - +5.0v - 0dbm - 800mhz 25degc - +5.0v - 0dbm - 950mhz 25degc - +5.0v - 0dbm - 1100mhz
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 12 revo december 2013 idtf1701nbgi da tasheet toc s [if = 200mh z , l ow s ide i njection ] gain, oip3 (6) gain vs. t case gain vs. vcc output ip3 vs . lo level gain vs. lo level output ip3 vs . t case output ip3 vs . vcc 4 5 6 7 8 9 10 11 12 13 14 650 700 750 800 850 900 950 1000 1050 1100 gain (db) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm 4 5 6 7 8 9 10 11 12 13 14 650 700 750 800 850 900 950 1000 1050 1100 gain (db) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm 0 5 10 15 20 25 30 35 40 45 50 650 700 750 800 850 900 950 1000 1050 1100 oip3 (dbm) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm 4 5 6 7 8 9 10 11 12 13 14 650 700 750 800 850 900 950 1000 1050 1100 gain (db) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm 0 5 10 15 20 25 30 35 40 45 50 650 700 750 800 850 900 950 1000 1050 1100 oip3 (dbm) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm 0 5 10 15 20 25 30 35 40 45 50 650 700 750 800 850 900 950 1000 1050 1100 oip3 (dbm) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 13 revo december 2013 idtf1701nbgi da tasheet toc s [if = 200mh z , l ow s ide i njection ] p1dbo, 2x 2 (7) p1dbo vs. t case p1dbo vs. vcc 2x2 rejection vs. lo level p1dbo vs. lo level 2x2 rejection vs. t case 2x2 rejection vs. vcc 10 12 14 16 18 20 22 24 26 28 30 650 700 750 800 850 900 950 1000 1050 1100 p1db output (dbm) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm 10 12 14 16 18 20 22 24 26 28 30 650 700 750 800 850 900 950 1000 1050 1100 p1db output (dbm) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 650 700 750 800 850 900 950 1000 1050 1100 2x2 rejection (dbc) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm 10 12 14 16 18 20 22 24 26 28 30 650 700 750 800 850 900 950 1000 1050 1100 p1db output (dbm) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 650 700 750 800 850 900 950 1000 1050 1100 2x2 rejection (dbc) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 650 700 750 800 850 900 950 1000 1050 1100 2x2 rejection (dbc) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 14 revo december 2013 idtf1701nbgi da tasheet toc s [if = 200mh z , l ow s ide i njection ] 3x3, h2 rejection (8) 3x3 rejection vs. t case 3x3 rejection vs. vcc h2 rejection vs. lo level 3x3 rejection vs. lo level h2 rejection vs. t case h2 rejection vs. vcc - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 650 700 750 800 850 900 950 1000 1050 1100 3x3 rejection (dbc) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 650 700 750 800 850 900 950 1000 1050 1100 3x3 rejection (dbc) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm - 100 - 90 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 650 700 750 800 850 900 950 1000 1050 1100 h2 rejection(dbc) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm - 100 - 95 - 90 - 85 - 80 - 75 - 70 - 65 - 60 - 55 - 50 650 700 750 800 850 900 950 1000 1050 1100 3x3 rejection (dbc) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm - 100 - 90 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 650 700 750 800 850 900 950 1000 1050 1100 h2 rejection(dbc) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm - 100 - 90 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 650 700 750 800 850 900 950 1000 1050 1100 h2 rejection(dbc) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 15 revo december 2013 idtf1701nbgi da tasheet toc s [if = 200mh z , l ow s ide i njection ] icc, lo to if leakage (9) icc vs. t case icc vs. vcc lo to if leakage vs. lo level icc vs. lo level lo to if leakage vs. t case lo to if leakage vs. vcc 0.15 0.16 0.17 0.18 0.19 0.2 0.21 0.22 0.23 0.24 0.25 650 700 750 800 850 900 950 1000 1050 1100 icc (a) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm 0.15 0.16 0.17 0.18 0.19 0.2 0.21 0.22 0.23 0.24 0.25 650 700 750 800 850 900 950 1000 1050 1100 icc (a) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm - 40 - 36 - 32 - 28 - 24 - 20 - 16 - 12 - 8 - 4 0 650 700 750 800 850 900 950 1000 1050 1100 lo to if leakage (dbm) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm 0.15 0.16 0.17 0.18 0.19 0.2 0.21 0.22 0.23 0.24 0.25 650 700 750 800 850 900 950 1000 1050 1100 icc (a) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm - 40 - 36 - 32 - 28 - 24 - 20 - 16 - 12 - 8 - 4 0 650 700 750 800 850 900 950 1000 1050 1100 lo to if leakage (dbm) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm - 40 - 36 - 32 - 28 - 24 - 20 - 16 - 12 - 8 - 4 0 650 700 750 800 850 900 950 1000 1050 1100 lo to if leakage (dbm) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 16 revo december 2013 idtf1701nbgi da tasheet toc s [if = 200mh z , l ow s ide i njection ] rf to if leakage, oip3, h2 (10) rf to if leakage vs. t case rf to if leakage vs. vcc hd2 vs. input power rf to if leakage vs. lo l evel oip3 vs. input power oip3 vs. delta frequency of two tones - 60 - 54 - 48 - 42 - 36 - 30 - 24 - 18 - 12 - 6 0 650 750 850 950 1050 rf to if leakage (dbc) rf frequency (mhz) 105degc - +5.0v - 0dbm 25degc - +5.0v - 0dbm - 40degc - +5.0v - 0dbm - 60 - 54 - 48 - 42 - 36 - 30 - 24 - 18 - 12 - 6 0 650 750 850 950 1050 rf to if leakage (dbc) rf frequency (mhz) 25degc - +4.75v - 0dbm 25degc - +5.0v - 0dbm 25degc - +5.25v - 0dbm - 100 - 90 - 80 - 70 - 60 - 50 - 40 - 30 - 20 - 10 0 - 20 - 18 - 16 - 14 - 12 - 10 - 8 - 6 - 4 - 2 0 2 4 6 8 10 hd2 (dbc) input power (dbm) 25degc - +5.0v - 0dbm - 650mhz 25degc - +5.0v - 0dbm - 800mhz 25degc - +5.0v - 0dbm - 950mhz 25degc - +5.0v - 0dbm - 1100mhz - 60 - 54 - 48 - 42 - 36 - 30 - 24 - 18 - 12 - 6 0 650 750 850 950 1050 rf to if leakage (dbc) rf frequency (mhz) 25degc - +5.0v - 0dbm 25degc - +5.0v - 3dbm 25degc - +5.0v - - 3dbm 0 5 10 15 20 25 30 35 40 45 50 - 20 - 18 - 16 - 14 - 12 - 10 - 8 - 6 - 4 - 2 0 2 4 6 8 10 oip3 (dbm) input power (dbm) 25degc - +5.0v - 0dbm - 650mhz 25degc - +5.0v - 0dbm - 800mhz 25degc - +5.0v - 0dbm - 950mhz 25degc - +5.0v - 0dbm - 1100mhz 0 5 10 15 20 25 30 35 40 45 50 0.8 2.8 4.8 6.8 8.8 10.8 12.8 14.8 16.8 18.8 20.8 22.8 24.8 26.8 28.8 30.8 oip3 (dbm) two tones delta frequency (mhz) 25degc - +5.0v - 0dbm - 650mhz 25degc - +5.0v - 0dbm - 800mhz 25degc - +5.0v - 0dbm - 950mhz 25degc - +5.0v - 0dbm - 1100mhz
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 17 revo december 2013 idtf1701nbgi da tasheet toc s nf , settling t ime, return los s (11) noise figure vs. t case turn on settling lo port return los s noise figure with blocker (rf: 950mhz, blocker: 8 50mhz) turn off settl ing rf port return los s 0 2 4 6 8 10 12 14 16 600 700 800 900 1000 1100 1200 1300 noise figure (db) rf frequency (mhz) 105degc 25degc - 40degc - 0.4 - 0.3 - 0.2 - 0.1 0.0 0.1 0.2 0.3 0.4 - 40 - 20 0 20 40 60 80 100 120 140 160 180 200 amplitude (vlots) time (ns) signal stby - 30 - 27 - 24 - 21 - 18 - 15 - 12 - 9 - 6 - 3 0 500 593 686 780 873 967 1060 1154 1247 1341 1434 return loss (db) frequency (mhz) 0 3 6 9 12 15 18 21 24 27 30 - 30 - 28 - 26 - 24 - 22 - 20 - 18 - 16 - 14 - 12 - 10 - 8 - 6 - 4 - 2 0 2 4 6 noise figure (db) blocker power (dbm) - 0.4 - 0.3 - 0.2 - 0.1 0.0 0.1 0.2 0.3 0.4 - 40 - 20 0 20 40 60 80 100 120 140 160 180 200 amplitude (volts) time (ns) signal stby - 30 - 27 - 24 - 21 - 18 - 15 - 12 - 9 - 6 - 3 0 500 621 743 864 985 1107 1228 1350 1471 return loss (db) frequency (mhz)
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 18 revo december 2013 idtf1701nbgi da tasheet toc s return lo ss ( 12) if port return los s - 30 - 27 - 24 - 21 - 18 - 15 - 12 - 9 - 6 - 3 0 30 122 216 309 402 496 589 683 return loss (db) frequency (mhz)
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 19 revo december 2013 idtf1701nbgi datasheet p ackage d rawing (nbg20)
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 20 revo december 2013 idtf1701nbgi datasheet p in d iagram p a c k a g e d r a w i n g 5 m m x 5 m m p a c k a g e d i m e n s i o n 3 . 1 m m x 3 . 1 m m e x p o s e d p a d d l e 0 . 6 5 m m p i t c h 2 0 p i n s 0 . 7 5 m m h e i g h t 0 . 3 0 m m p a d w i d t h 0 . 5 5 m m p a d l e n g t h g n d [ n c ] g n d [ r f r t n ] r f _ i n v c c t o p v i e w ( l o o k i n g t h r o u g h t h e t o p o f t h e p a c k a g e ) e x p o s e d p a d 5 4 3 2 1 c o 0 . 3 5 m m n c g n d g n d [ l o _ a d j ] g n d l o _ i n 1 5 1 4 1 3 1 2 1 1 g n d n c [ d i e i d ] v c c i f _ b i a s v c c [ n c ] 1 0 9 8 7 6 i f _ s e t i f o u t + i f o u t - s t b y 2 0 1 9 1 8 1 7 1 6 v c c b l a c k t e x t i s r e c o m m e n d e d e x t e r n a l c o n n e c t i o n r e d t e x t d e n o t e s i n t e r n a l f u n c t i o n o r c o n n e c t i o n l _ e x t
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 21 revo december 2013 idtf1701nbgi datasheet p in d escriptions pin name function 1 vcc power supply. bypass to gnd with capacitors shown in the typ ical application circuit as close as possible to pin. 2 rf_in rf input. internally matched to 50 . do not apply dc to this pin. 3 gnd [rf_rtn] rf input balun return. ground this pin 4 gnd internally bonded to gnd 5 gnd [nc] no connection. not internally connected. ok to connect to vcc. ok to connect to gnd. 6 vcc [nc] no connection. not internally connected. ok to connect to vcc. ok to connect to gnd. 7 if_bias connect the specified resistor from this pin to ground to optimize linearity. 8 vcc power supply. bypass to gnd with capacitors shown in the typical application circuit as close as possible to pin. 9 nc [die id] this pin serves as the die id. leave it unconnected 10 gnd internally bonded to gnd 11 lo_in local oscillator input. this input is internally matched to 50. this pin requires an input dc - blocking capacitor 12 gnd internally bonded to gnd 13 gnd [ lo_adj ] ground this pin for best linearity performance . a resistor from this pin to gnd can be used to reduce dc power consumption while slightly degrading linearity performance. 14 vcc power supply. bypass to gnd with capacitors shown in the typical application circuit as close as possible to pin. 15 nc no connection. not internally connected. ok t o connect to vcc. ok to connect to gnd. 16 l_ext connect an external inductor to gnd to optimize lo - if leakage performance . 17 stby ground for normal operation. pull high to disable 18 if_out - mixer differential if output. connect pullup inductor from this pin to v cc (see the typical application circuit). 19 if_out+ mixer differential if output. connect pullup inductor from this pin to v cc (see the typical application circuit). 20 if_set connect the specified resistor from this pin to ground to set t he correct icc for the if amplifier. ep exposed pad. internally connected to gnd. connect to ground with multiple vias for good thermal relief
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 22 revo december 2013 idtf1701nbgi datasheet ev kit / a pplication c ircuit
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 23 revo december 2013 idtf1701nbgi datasheet p ower s upplies all supply pins should be bypa ssed with external capacitors to minimize noise and fast transients. supply noise can degrade noise figure and fast transients can trigger esd clamps and cause them to fail. supply voltage change or transients should have a slew rate smaller than 1v/20us. in addition, all control pins should remain at 0v (+/ - 0.3v) while the supply voltage ramps or while it returns to zero. ev kit p icture /l ayout /o peration o u t p u t 4 : 1 t r a n s f o r m e r 5 0 o h m i f o u t p o r t c l o s e f o r n o r m a l o p e r a t i o n d c p o w e r u n u s e d
rf to if single downconverting mixer 600mhz to 1060mhz idt zero - distortion tm mixer 24 revo december 2013 idtf1701nbgi datasheet evk it bom t op m arkings f1701 item # value size/rev desc mfr. part # mfr. supplier part # supplier part reference qty 1 10nf 0402 cap cer 10000pf 16v 10% x7r 0402 GRM155R71C103KA01D murata 490-1313-1-nd digikey c2,3,7,9,12 5 2 10uf 0603 cap cer 10uf 6.3v x5r 0603 grm188r60j106me47d murata 490-3896-1-nd digikey c4 1 3 0.5pf 0402 cap cer 0.5pf 50v np0 0402 gjm1555c1hr50bb01d murata 490-6077-1-nd digikey c13 1 4 3pf 0402 cap cer 3pf 50v c0g 0402 grm1555c1h3r0cz01d murata 490-3205-1-nd digikey c14,15 2 5 39pf 0402 cap cer 39pf 50v 5% c0g 0402 grm1555c1h390jz010 murata 490-1286-1-nd digikey c8,10 2 6 0 0402 res 0.0 ohm 1/10w 0402 smd erj-2ge0r00x panasonic p0.0jct-nd digikey r2,3,4,5,6,7,10, 11,14,c1,c5 11 7 100 0402 res 100 ohm 1/10w 1% 0402 smd erj-2rkf1000x panasonic p100lct-nd digikey r15 1 8 806 0402 res 806 ohm 1/10w 1% 0402 smd erj-2rkf8060x panasonic p806lct-nd digikey r9 1 9 6.19k 0402 res 6.19k ohm 1/10w 1% 0402 smd erj-2rkf6191x panasonic p6.19klct-nd digikey r13 1 10 47k 0402 res 47.0k ohm 1/16w 1% 0402 smd rc0402fr-0747kl yageo 311-47.0klrct-nd digikey r8 1 11 36nh 0402 0402 inductor 36nh lqw series lqw15an36nj00d murata lqw15an36nj00d-nd digikey l1,4 2 12 820nh 0805 0805cs (2012) ceramic chip inductor 0805cs-821xjlb coilcraft 0805cs-821xjlb coilcraft l2,3 2 13 10nh 402 0402cs ceramic chip inductor 0402cs-10nxjlu coilcraft 0402cs-10nxjlu coilcraft l5 1 14 header_2pin th_2 conn header vert sgl 2pos gold 961102-6404-ar 3m 3m9447-nd digikey jp1,2,3 3 15 sma_end_launch .062 conn sma jack end launch pcb (big) 142-0701-851 emerson johnson 530-142-0701-851 mouser j5,6 2 16 sma_end_launch .062 conn sma jack end launch pcb (small) 142-0711-821 emerson johnson 530-142-0711-821 mouser j2,3 2 17 4:1 balun sm-22 4:1 center tap balun 50 ohm 3 to 800mhz tc4-6tg2+ mini circuits tc4-6tg2+ mini circuits t1 1 18 f1701 qfn-24 if mixer nbg24 f1701 idt f1701-014 u1 1 19 pcb 03 printed circuit board f1751 ev kit rev 03 1 20 bom 01 bill of material 21 dnp 402 r1,12,c6,11,jp3 total 41 11/26/2013 i d t f 1 7 0 1 n b g i z b 1 3 2 1 a q 9 6 c 0 1 4 m y p a r t n u m b e r d a t e c o d e [ y y w w ] ( w e e k 2 1 o f 2 0 1 3 ) l o t c o d e d i e s t e p


▲Up To Search▲   

 
Price & Availability of GRM155R71C103KA01D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X