Part Number Hot Search : 
12D12 2SC1213D A1000 SLD323V 4AHCT1 5ETTT 4AHCT1 HVC133A
Product Description
Full Text Search
 

To Download FPAB20BH60B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FPAB20BH60B pfc spm? 3 series for 1-phase boost pfc ?2010 fairchild semiconductor corporation 1 www.fairchildsemi.com FPAB20BH60B rev. c1 april 2013 fig. 1. package overview package marking & ordering information device marking device package packing type reel size tape width quantity FPAB20BH60B FPAB20BH60B spmic-027 rail - - 10 FPAB20BH60B pfc spm ? 3 series for 1-phase boost pfc features ? low thermal resistance thanks to al 2 o 3 -dbc substrate ? 600 v - 20 a 1-phase boost pfc including a drive ic for gate driving and protection ? built-in ntc thermistor for monitoring over- temperature ? typical switching frequency of 20 khz ? isolation rating of 2500 vrms/min. applications ? 1-phase boost pfc conv erter for air conditioner general description FPAB20BH60B is an advanced pfc spm 3 series for 1-phase boost pfc (pow er factor correction) that fairchild has newly developed for mid-power applications such as air conditioners. it combines optimized circuit protections and a drive ic matched to high frequency switching igbt. the system reliability is further enhanced by the integrated under-volt age lock-out and over- current protection function. related source ? will be released
FPAB20BH60B pfc spm? 3 series for 1-phase boost pfc ?2010 fairchild semiconductor corporation 2 www.fairchildsemi.com FPAB20BH60B rev. c1 integrated power functions ? pfc converter for 1-phase ac/dc power conversion (please refer to fig. 3) integrated drive, protecti on and system control functions ? for igbts : gate drive circuit, over current(oc) protection, control supply circuit under-voltage(uv) protection ? fault signal : corresponding to oc and uv fault ? built-in thermistor: over-temperature monitoring ? input interface : active-high interface, can work with 3.3 / 5 v logic, schmitt trigger input pin configuration fig. 2. note : for the measurement point of case temperature(t c ), please refer to fig. 2. 12.205 18.345 (1)v cc (2)com (3)com (4)com (5)in (6)v fo (7)c fod (8)c sc (9)r th (10)v th (11)n.c (12)n.c (13)n (14)n (15)n (16)n (17)nr (18)nr (19)nr (20)nr (21)p (22)p (23)n.c (24)l (25)pr (26)r (27)s dbc substrate case temperature (t c ) detecting point top view 12.205 18.345 (1)v cc (2)com (3)com (4)com (5)in (6)v fo (7)c fod (8)c sc (9)r th (10)v th (11)n.c (12)n.c (13)n (14)n (15)n (16)n (17)nr (18)nr (19)nr (20)nr (21)p (22)p (23)n.c (24)l (25)pr (26)r (27)s dbc substrate case temperature (t c ) detecting point top view
FPAB20BH60B pfc spm? 3 series for 1-phase boost pfc ?2010 fairchild semiconductor corporation 3 www.fairchildsemi.com FPAB20BH60B rev. c1 pin descriptions * 11th and 12th pins are cut. please refer to package outline drawings for more detail. internal equivalent circ uit and input/output pins fig. 3. pin number pin name pin description 1v cc common bias voltage for ic and igbt driving 2,3,4 com common supply ground 5 in signal input for igbt 6v fo fault output 7c fod capacitor for fault output duration time selection 8c sc capacitor (low-pass filter) for over current detection 9r (th) ntc thermistor terminal 10 v (th) ntc thermistor terminal 11,12 n.c no connection* 13~16 n igbt emitter 17~20 n r negative dc-link of rectifier 21,22 p positive rail of dc?link 23 n.c no connection 24 l reactor connection pin 25 p r positive dc?link of rectifier 26 r ac input for r-phase 27 s ac input for s-phase csc cfod vfo in com vcc out (21,22) p (24) l (25) pr ntc thermistor (26) r (27) s (5) in (2~4) com (1) vcc (6) vfo (7) cfod (8) csc (10) vth (9) rth (13~16) n (17~20) nr
FPAB20BH60B pfc spm? 3 series for 1-phase boost pfc ?2010 fairchild semiconductor corporation 4 www.fairchildsemi.com FPAB20BH60B rev. c1 absolute maximum ratings (t j = 25c, unless otherwise specified) converter part control part total system thermal resistance item symbol condition rating unit input supply voltage v i applied between r-s 264 v rms input supply voltage (surge) v i(surge) applied between r-s 500 v output voltage v pn applied between p- n 450 v output voltage (surge) v pn(surge) applied between p- n 500 v collector-emitter voltage v ces 600 v each igbt collector current i c t c = 25c, t j < 150c 20 a each igbt collector current (peak) i cp t c = 25c, t j < 150c under 1ms pulse width 40 a collector dissipation p c t c = 25c per one igbt 89 w repititive peak reverse voltage v rrm 600 v peak forward surge current i fsm single half sine-wave 250 a operating junction temperature t j -40 ~ 150 c item symbol condition rating unit control supply voltage v cc applied between v cc - com 20 v input signal voltage v in applied between in - com -0.3~v cc +0.3 v fault output supply voltage v fo applied between v fo - com -0.3~v cc +0.3 v fault output current i fo sink current at v fo pin 5 ma current sensing input voltage v sc applied between c sc - com -0.3~v cc +0.3 v item symbol condition rating unit storage temperature t stg -40 ~ 125 c isolation voltage v iso 60 hz, sinusoidal, ac 1 minute, connection pins to dbc 2500 v rms item symbol condition min. typ. max. unit junction to case thermal resistance r ? (j-c)q igbt - - 1.4 c/w r ? (j-c)f frd - - 1.4 c/w r ? (j-c)r rectifier - - 2.1 c/w
FPAB20BH60B pfc spm? 3 series for 1-phase boost pfc ?2010 fairchild semiconductor corporation 5 www.fairchildsemi.com FPAB20BH60B rev. c1 electrical characteristics (t j = 25c, unless otherwise specified) converter part note 1. t on and t off include the propagation delay time of the internal drive ic. t c(on) and t c(off) are the switching time of igbt itself under the given gate driving condition internally. for the detailed information, please see fig. 4 electrical characteristics fig. 4. switching time definition control part note 2. the fault-out pulse width t fod depends on the capacitance value of c fod according to the following approximate equation : c fod = 18.3 x 10 -6 x t fod [f] 3. t th is the temperature of thermister itselt. to know case temperature (t c ), please make the experiment considering your application. item symbol condition min. typ. max. unit igbt saturation voltage v ce(sat) v cc = 15 v, v in = 5 v; i c = 20 a - 2.3 3.0 v frd forward voltage v ff i f = 20 a - 1.8 2.5 v rectifier forward voltage v fr i f = 20 a - 1.2 1.5 v switching times t on v pn = 400 v, v cc = 15 v, i c = 20 a v in = 0 v ? 5 v, inductive load (note 1) - 450 - ns t c(on) - 200 - ns t off - 350 - ns t c(off) -80-ns t rr -70-ns i rr -6-a collector - emitter leakage current i ces v ce = v ces --250 ? a item symbol condition min. typ. max. unit quiescent v cc supply cur- rent i qccl v cc = 15 v, in = 0 v v cc - com - - 26 ma fault output voltage v foh v sc = 0 v, v fo circuit: 4.7 k ? to 5 v pull-up 4.5 - - v v fol v sc = 1 v, v fo circuit: 4.7 k ? to 5 v pull-up - - 0.8 v over current trip level v sc(ref) v cc = 15 v 0.45 0.5 0.55 v supply circuit under- voltage protection uv ccd detection level 10.7 11.9 13.0 v uv ccr reset level 11.2 12.4 13.2 v fault-out pulse width t fod c fod = 33 nf (note 2) 1.4 1.8 2.0 ms on threshold voltage v in(on) applied between in - com 2.8 - - v off threshold voltage v in(off) --0.8v resistance of thermistor r th @ t th = 25c (note3, fig. 9) - 47.0 - k ? @ t th = 100c (note3, fig. 9) - 2.9 - k ? t on t c(on) t rr i rr 10% of i c 100% of i c 90% of i c 120% of i c 15% of v ce (a) turn-on t off t c(off) (b) turn-off i c v ce v ce i c v in v in 15% of v ce 10% of i c
FPAB20BH60B pfc spm? 3 series for 1-phase boost pfc ?2010 fairchild semiconductor corporation 6 www.fairchildsemi.com FPAB20BH60B rev. c1 recommended operating condition mechanical characteristics and ratings fig. 5. flatness measurement position item symbol condition min. typ. max. unit input supply voltage v i applied between r-s 187 220 253 v output voltage v pn applied between p-n 380 400 v control supply voltage v cc applied between v cc(l) - com 13.5 15 16.5 v control supply variation dv cc /dt -1 - 1 v/ ? s pwm input frequency f pwm t j ?? 150c per igbt 20 khz allowable input current (peak) i i t c < 95c, v i = 220 v, v pn = 380 v v pwm = 20 khz 20 a item condition limit unit min. typ. max. mounting torque mounting screw: m3 recommended 0.62 n?m 0.51 0.62 0.72 n?m device flatness note fig. 5 0 - +120 ? m weight -15.00- g (+) (+) (+)
FPAB20BH60B pfc spm? 3 series for 1-phase boost pfc ?2010 fairchild semiconductor corporation 7 www.fairchildsemi.com FPAB20BH60B rev. c1 time charts of spms protective function p1 : normal operation - igbt on and conducting current p2 : under voltage detection p3 : igbt gate interrupt p4 : fault signal generation p5 : under voltage reset p6 : normal operation - igbt on and conducting current fig. 6. under-voltage protection p1 : normal operation - igbt on and conducting current p2 : over current detection p3 : igbt gate interrupt / fault signal generation p4 : igbt is slowly turned off p5 : igbt off signal p6 : igbt on signal - but igbt cannot be turned on during the fault output activation p7 : igbt off state p8 : fault output reset and normal operation start fig. 7. over current protection internal ig b t g ate-e m itter v oltage input signal output current fault output signal control supply voltage p1 p2 p3 p4 p6 p5 uv detect uv reset inte rn al ig b t gate-em itter voltage inp ut s ig nal o utp ut c u rre nt sensing voltage fault output signal p1 p2 p3 p4 p6 p5 p7 p8 o c r eference voltage (0.5v) rc filter delay oc detection
FPAB20BH60B pfc spm? 3 series for 1-phase boost pfc ?2010 fairchild semiconductor corporation 8 www.fairchildsemi.com FPAB20BH60B rev. c1 note: 1. each capacitors should be located as close to pfc spm ? product pins as possible. 2. it?s recommended that anti-parallel diode should be connected with igbt. fig. 8. application example fig. 9. r-t curve of the built-in thermistor csc cfod vfo in com vcc out p l pr ntc thermistor controller +5v +15v +5v r s v ac n nr in com vcc vfo cfod csc vth rth 0 25 50 75 100 125 0 50 100 150 200 min typ max r-t curve resistance r th [k ? ] temperature t th [] 95 100 105 110 115 120 125 1 2 3 4 min typ max resistance r th [k ? ] temperature t th []
FPAB20BH60B pfc spm? 3 series for 1-phase boost pfc ?2010 fairchild semiconductor corporation 9 www.fairchildsemi.com FPAB20BH60B rev. c1 detailed package outline drawings
FPAB20BH60B pfc spm? 3 series for 1-phase boost pfc ?2010 fairchild semiconductor corporation 10 www.fairchildsemi.com FPAB20BH60B rev. c1 detailed package outline drawings
FPAB20BH60B pfc spm? 3 series for 1-phase boost pfc ?2010 fairchild semiconductor corporation 11 www.fairchildsemi.com FPAB20BH60B rev. c1 detailed package outline drawings
?2010 fairchild semiconductor corporation 12 www.fairchildsemi.com FPAB20BH60B rev. c1 FPAB20BH60B pfc spm? 3 series for 1-phase boost pfc


▲Up To Search▲   

 
Price & Availability of FPAB20BH60B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X