Part Number Hot Search : 
DG418DK 2N3528 C1672 TSOP41 FM201 M810T SMA5913 PIC12HV
Product Description
Full Text Search
 

To Download DFLS230LH-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dfls230lh document number: ds30583 rev. 5 - 2 1 of 4 www.diodes.com may 2011 ? diodes incorporated dfls230lh powerdi is a registered tradema rk of diodes incorporated. 2.0a high efficiency schottky barrier rectifier powerdi ? 123 features ? guard ring die constructi on for transient protection ? low power loss, high efficiency ? low v f and low leakage current ? patented interlocking clip design for high surge current capacity ? lead free finish, rohs compliant (note 1) ? "green" molding compound (no br, sb) ? qualified to aec-q101 standards for high reliability mechanical data ? case: powerdi ? 123 ? case material: molded plastic, "green" molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminal connections: cathode band ? terminals: finish ? matte ti n annealed over copper leadframe. solderable per mil-std-202, method 208 ? weight: 0.01 grams (approximate) ordering information (note 2) part number case packaging dfls230lh-7 powerdi ? 123 3000/tape & reel notes: 1. eu directive 2002/95/ec (rohs). all applicable rohs exemptions applied, see eu directive 2002/95/ec annex notes 2. for packaging details, go to our website at http://www.diodes.com. marking information date code key year 2005 2006 2007 2008 2009 2010 2011 2012 code s t u v w x y z month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d top view f03h = product type marking code ym = date code marking y = year (ex: t = 2006) m = month (ex: 9 = september) f03h ym
dfls230lh document number: ds30583 rev. 5 - 2 2 of 4 www.diodes.com may 2011 ? diodes incorporated dfls230lh powerdi is a registered tradema rk of diodes incorporated. maximum ratings @t a = 25c unless otherwise specified single phase, half wave, 60hz, re sistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 v rms reverse voltage v r ( rms ) 21 v average forward current i f ( av ) 2.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 75 a thermal characteristics characteristic symbol typ max unit thermal resistance junction to soldering point (note 3) r js ? 6 c/w operating temperature range t j -65 to +150 c storage temperature range t stg -65 to +150 c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition reverse breakdown voltage (note 4) v ( br ) r 30 ? ? v i r = 200 a forward voltage v f ? ? ? ? 0.45 0.375 v i f = 2a, t j = 25 c i f = 2a, t j = 125 c leakage current (note 4) i r ? ? ? 6 0.200 15 ma v r = 30v, t j = 25 c v r = 30v, t j = 100 c total capacitance c t ? 85 ? pf v r = 10v, f = 1.0mhz notes: 3. theoretical r js calculated from the top center of the die straig ht down to the pcb/cathode tab solder junction. 4. short duration pulse test used to minimize self-heating effect. 5. part mounted on fr-4 board with 2 oz., minimum recommended copper pad layout which can be found on our website at http://www .diodes.com. t a = 25 c 0.001 0.0001 0.01 10 1 0.1 0.2 0.1 0 0.3 0.4 0.5 0.6 0.7 0.8 i , ins t an t ane o u s f o r wa r d c u r r en t (a) f v , instantaneous forward voltage (v) fig. 1 typical forward characteristics f 100 10 1 0.1 0.01 0.001 0.0001 0.00001 0.000001 i, i n s t a n t a n e o u s r eve r se c u r r e n t (ma) r v , instantaneous reverse voltage (v) fig. 2 typical reverse characteristics r 10 15 20 25 30 5 0
dfls230lh document number: ds30583 rev. 5 - 2 3 of 4 www.diodes.com may 2011 ? diodes incorporated dfls230lh powerdi is a registered tradema rk of diodes incorporated. 0 100 150 50 300 250 0 5 10 15 20 25 30 c , t o t al c a p a c i t an c e (p f ) t v , dc reverse voltage (v) fig. 3 total capacitance vs. reverse voltage r 200 f = 1mhz 0 1.5 t , ambient temperature (oc) fig. 4 forward current derating curve a i, ave r a g e f o r wa r d c u r r e n t (a) f(av) 0.5 1.0 2.0 2.5 25 50 75 100 125 150 note 5 package outline dimensions suggested pad layout powerdi ? 123 dim min max typ a 3.50 3.90 3.70 b 2.60 3.00 2.80 c 1.63 1.93 1.78 d 0.93 1.00 0.98 e 0.85 1.25 1.00 h 0.15 0.25 0.20 l 0.40 0.50 0.45 l1 - - 1.35 l2 - - 1.10 l3 - - 0.20 all dimensions in mm dimensions value (in mm) g 1.0 x1 2.2 x2 0.9 y1 1.4 y2 1.4 a e l l1 b c e l2 h d l3 e x1 gx2 y2 y1
dfls230lh document number: ds30583 rev. 5 - 2 4 of 4 www.diodes.com may 2011 ? diodes incorporated dfls230lh powerdi is a registered tradema rk of diodes incorporated. important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support dev ice or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2011, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DFLS230LH-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X