Part Number Hot Search : 
TPA6120 24D12 122ML 4787497 H8205A 01GEEG3V SP505BCM AT83C
Product Description
Full Text Search
 

To Download CSRS065V0P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 qw -bp018 rev :f comchip t echnology co., l td. CSRS065V0P mechanical data -case: standard package, sot -23-6 molded plastic. -t erminals: solder plated, solderable per mil-std-750,method 2026. -mounting position: any -w eight: 0.015 gram (approx.). 1 3 4 6 2 5 pin configuration circuit diagram c 260 ( 10 sec) t sol lead soldering temperature c -55 to +85 t j operating temperature a 6.5 i pp peak pulse current ( tp = 8/20 us) parameter symbol v alue unit 6 5 4 1 2 3 kv esd _vdd esd per iec 61000-4-2(air)(vdd-gnd) esd per iec 61000-4-2(contact)(vdd-gnd) 30 kv 18 esd esd per iec 61000-4-2(air) esd per iec 61000-4-2(contact) 14 -55 to +125 storage temperature t stg c dc voltage at any i/o pin v io (gnd -0.5) to (vdd +0.5) v low capacitance esd protection array rohs device maximum ratings (at t a=25c unless otherwise noted) d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) s o t - 2 3 - 6 0.1 19(3.02) 0.1 1 1(2.82) 0.067(1.70) 0.059(1.50) 0.079(2.00) 0.071(1.80) 0.045(1.15) 0.041(1.05) 0.020(0.50) 0.012(0.30) 0.004(0.10) 0.024(0.60) 0.1 16(2.95) 0.104(2.65) 0.008(0.20) 0.004(0.10) 0.012(0.30) 0.000(0.00) company reserves the right to improve product design , functions and reliability without notice. features -esd protect for 4 high-speed i/o channels. -iec61000-4-2 level 4 esd protection. -iec61000-4-4 (fet)20a for i/o,80a for power . -w orking voltage: 5v -low capacitance:1.3pf(t yp.). -high component density . 0.037(0.95) bsc.
page 2 rev :f comchip t echnology co., l td. v 5 v r wm reverse leakage current reverse stand-off voltage parameter conditions symbol min t yp ma x unit v r wm = 5 v , pin 5 to pin 2 pin 5 to pin 2 v pin 5 = 5 v , v pin 2 =0v ,v io = 0~5v i r diode breakdown voltage i r = 1 ma, pin 5 to pin 2 ua v bd forward voltage i f = 15 ma, pin 2 to pin 5 v f v 1 clamping voltage i pp = 5 a, tp=8/20us, any channel pin to ground v c v iec 61000-4-2 +6kv ,contact mode any channel pin to ground iec 61000-4-2 +6kv ,contact moed vdd pin to ground 9 9 12.5 8.1 0.8 6 junction capacitance v pin5 = 5v ,v pin2 = 0v , v io =2.5v , f = 1mhz,any channel pin to ground c j 1.3 pf 1.6 v pin5 = 5v ,v pin2 = 0v , v io =2.5v f = 1mhz,between channel pins 0.12 0.14 v pin5 = 5v ,v pin2 = 0v , v in =2.5v f = 1mhz,channel_x pin to ground - channel_y pin to ground 0.05 0.07 5 9 1 v qw -bp018 low capacitance esd protection array electrical characteristics (at t a=25c unless otherwise noted) company reserves the right to improve product design , functions and reliability without notice.
page 3 rev :f comchip t echnology co., l td. ra ting and characteristic cur ves (CSRS065V0P) % o f r a t e d p o w e r o r i p p 0 ambient temperature (c) fig. 1 - power derating curve c l a m p i n g v o l t a g e ( v ) peak pulse current (a) 0 4 . 5 fig. 2 - clamping voltage vs. peak pulse current f o r w a r d v o l t a g e ( v ) peak pulse current(a) fig.3 - forward voltage v .s. forward current input voltage (v) i n p u t c a p a c i t a n c e ( p f ) fig.4 - t ypical variation of c in v .s. v in 0 1 0 0 5 0 2 5 1 2 5 7 5 1 5 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 1 0 0 1 1 0 w aveform parameters: tr=8us td=20us i/o pin to gnd pin 5 . 0 5 . 5 6 . 0 6 . 5 7 . 0 7 . 5 1 1 1 1 2 1 0 9 8 7 6 5 4 3 2 0 4 . 5 w aveform parameters: tr=8us td=20us i/o pin to gnd pin 5 . 0 5 . 5 6 . 0 6 . 5 7 . 0 7 . 5 4 . 0 3 . 5 3 . 0 2 . 5 2 . 0 1 . 5 1 . 0 0 . 5 vdd =5v ,gnd =0v ,f =1mhz,t a =25c 0 5 4 3 2 1 0 . 0 0 . 2 0 . 4 0 . 6 0 . 8 1 . 0 1 . 2 1 . 4 1 . 6 1 . 8 2 . 0 i n p u t c a p a c i t a n c e ( p f ) 2 0 t emperature (c) fig. 5 - t ypical variation of c in v .s. temperature 0 fig. 6 - t ransmission line pulsing (tlp) measurement 1 . 0 0 8 0 4 0 1 0 0 6 0 1 2 0 1 . 0 5 1 . 1 0 1 . 1 5 1 . 2 0 1 . 2 5 1 . 3 0 1 . 3 5 1 . 4 0 1 . 4 5 1 . 5 0 vdd =5v ,gnd =0v ,v in =2.5v f=1mhz t r a n s m i s s i o n l i n e p u l s i n g ( t l p ) c u r r e n t ( a ) t ransmission line pulsing(tlp)voltage(v) 0 1 3 5 6 2 4 7 8 1 8 1 4 1 2 1 0 8 6 4 2 1 6 v _ p u l s e 1 0 0 n s p u l s e f r o m a t r a n s m i s s i o n l i n e d u t + t l p _ v t l p _ i i/o to gnd t r a n s m i s s i o n l i n e p u l s i n g ( t l p ) c u r r e n t ( a ) t ransmission line pulsing(tlp)voltage(v) fig.7 -t ransmission line pulsing (tlp) measurement 0 0 1 3 5 6 9 1 0 1 8 1 4 1 2 1 0 8 6 4 2 1 6 + - 1 0 0 n s t l p _ i v _ p u l s e p u l s e f r o m a t r a n s m i s s i o n l i n e d u t t l p _ v 2 4 7 8 vdd to gnd qw -bp018 low capacitance esd protection array company reserves the right to improve product design , functions and reliability without notice.
page 4 rev :f comchip t echnology co., l td. qw -bp018 reel t aping specification low capacitance esd protection array company reserves the right to improve product design , functions and reliability without notice. d f e b p 1 p 0 o 1 2 0 d 1 d 2 w 1 p d a w t c b c d d d 2 d 1 s o t - 2 3 - 6 s y m b o l ( m m ) ( i n c h ) 2 . 3 6 2 0 . 0 2 0 4 . 0 0 0 . 1 0 1 . 5 0 0 . 0 5 6 0 . 0 0 0 . 5 0 1 3 . 0 0 0 . 2 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 0 . 0 5 9 0 . 0 0 2 0 . 5 1 2 0 . 0 0 8 s y m b o l ( m m ) ( i n c h ) 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 2 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 3 . 5 0 0 . 0 5 0 . 1 3 8 0 . 0 0 2 s o t - 2 3 - 6 3 . 1 7 0 . 1 0 0 . 1 2 5 0 . 0 0 4 3 . 2 3 0 . 1 0 0 . 1 2 7 0 . 0 0 4 1 . 3 7 0 . 1 0 0 . 0 5 4 0 . 0 0 4 1 2 . 3 0 0 . 2 0 0 . 4 8 4 0 . 0 0 8 8 . 0 0 + 0 . 3 0 / C 0 . 1 0 0 . 3 1 5 + 0 . 0 1 2 / C 0 . 0 0 4 a 1 8 0 . 0 + 0 . 0 0 / C 0 . 3 0 7 . 0 8 7 + 0 . 0 0 / C 0 . 0 1 2
page 5 rev :f comchip t echnology co., l td. qw -bp018 marking code c05 1 2 3 6 4 part number CSRS065V0P marking code c05 5 low capacitance esd protection array company reserves the right to improve product design , functions and reliability without notice. size (inch) 0.043 (mm) 1.10 0.60 0.95 0.024 0.037 2.50 0.098 e 3.60 0.142 b c d a sot -23-6 suggested p ad layout a d c b e s o - 2 3 - 6 t standard packaging c a s e t y p e 3 , 0 0 0 r e e l ( p c s ) reel size (inch) 7 r e e l p a c k


▲Up To Search▲   

 
Price & Availability of CSRS065V0P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X