Part Number Hot Search : 
C2259 DS0475 472ML MEGA320 30130 GRM033R STBB082 ZMM5241
Product Description
Full Text Search
 

To Download CSRS045V0P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 qw -bp012 rev :h comchip t echnology co., l td. CSRS045V0P rohs device features esd protected for 2 high speed i/o ports iec61000-4-2 (esd) 8kv (contact) ,15kv(air). iec61000-4-4 (fet)(5/50ns) level-3, 20a for i/o 40a for power . iec61000-4-5 (lightning) 6a(8/20us) w orking voltage: 5v low capacitance:1.2pf(t yp.). fast turn-on and low clamping voltage. mechanical data case: sot -143 standard package, molded plastic. t erminals: solder plated, solderable per mil-std-750,method 2026. dimensions in inches and (millimeters) sot -143 pin configuration circuit diagram 0.043(1.10) 0.035(0.89) 0.030(0.76) 0.004(0.10) 0.035(0.90) vdd gnd 4 3 2 1 i/o 2 4 3 2 1 i/o 1 0.120(3.04) 0.055(1.40) 0.1 10(2.80) 0.047(1.20) 0.024(0.60) 0.100(2.55) 0.007(0.18) 0.004(0.09) 0.089(2.25) low capacitance esd protection array w eight: 0.0108 gram(approx.). 0.002(0.05) 0.080(2.02) 0.071(1.80) 0.038(0.96)bsc 0.0078(0.20)bsc 0.012(0.30) 0.020(0.50) 0.014(0.35) c o m c h i p s m d d i o d e s s p e c i a l i s t
page 2 qw -bp012 rev :h comchip t echnology co., l td. low capacitance esd protection array c o m c h i p s m d d i o d e s s p e c i a l i s t kv v a 17 6 6 v esd v dc i pp c c 260 ( 10 sec) -55 to +150 -55 to +85 t sol t j lead soldering temperature operating temperature esd per iec 61000-4-2(air) operating supply voltage peak pulse current ( tp = 8/20 us) parameter symbol v alue unit maximum rating (at t a =25c unless otherwise noted) esd per iec 61000-4-2(contact) storage temperature dc voltage at any i/o pin t stg v io (gnd -0.5) to (vdd +0.5) 12 c v ua v 5 i leak v r wm reverse leakage current reverse stand-off voltage parameter conditions symbol min t yp max unit v r wm = 5 v , t=25c, pin 4 to pin 1 pin 4 to pin 1 electrical characteristics (at t a =25c unless otherwise noted) v pin 4 v pin 1 = = 5 v , 0v , t=25c diode breakdown voltage i r = 1 ma, pin 4 to pin 1 , t=25c, v bv forward voltage i f = 15 ma, pin 1 to pin 4 , t=25c, v f v 1 esd holding v oltage any channel pin to ground = 5 a, tp=8/20us , t=25c, i pp v cl v 13 8.1 0.8 6.2 1.2 channel to channel input capacitance v pin4 = 5v ,v pin1 = 0v , v in =2.5v , f = 1mhz,any channel pin to ground 1.4 v pin4 = 5v ,v pin1 = 0v , v in =2.5v f = 1mhz,between channel pin 0.1 pf 0.12 v pin4 = 5v ,v pin1 = 0v , v in =2.5v f = 1mhz,channel_x pin to ground - channel_y pin to ground 0.04 0.06 2 9 1 v iec 61000-4-2 +6kv , t=25c, pin to ground contact mode any channel clamping voltage channel input capacitance v oltage of channel input capacitance c in c cross ?c in v hold v pf pf i ch-leak ua channel leakage current
page 3 qw -bp012 rev :h comchip t echnology co., l td. ra ting and characteristic cur ves (CSRS045V0P) low capacitance esd protection array c o m c h i p s m d d i o d e s s p e c i a l i s t t emperature, c ) ( i n p u t c a p a c i t a n c e , ( p f ) t ransmission line pulsing tlp v oltage, ( ) ( v ) fig. 1 - power derating curve fig. 2 - clamping voltage vs. peak pulse current fig.3 - forward voltage v .s. forward current fig.4 - t ypical variation of c in v .s. v in ambient t emperature , t a ( c ) peak pulse current, a ( ) c l a m p i n g v o l t a g e , ( v ) w aveform parameters : s s i / o pin to gnd pin peak pulse current, ( a ) f o r w a r d v o l t a g e , v ( ) w aveform parameters : s s i / o pin to gnd pin input v oltage, ( v ) i n p u t c a p a c i t a n c e , p f ( ) fig. 5 - t ypical variation of c in v .s. temperature fig. 6 - t ransmission line pulsing (tlp) measurement 0 2 4 6 8 1 0 1 2 1 4 v _ pulse pulse from a transmission line dut tlp _ i + - tlp _ v i / o to gnd 100ns 18 16 14 12 10 8 6 4 2 0 vdd=5v , gnd=0v , v =2.5v , f=1mhz in 1 10 100 90 80 70 60 50 40 30 20 10 0 25 50 75 100 125 150 tr=8 td=20 0 1 2 3 4 5 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 10.0 9.5 9.0 8.5 8.0 7.5 7.0 6.5 6.0 5.5 5.0 4.5 5.0 5.5 6.0 6.5 7.0 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 20 40 60 80 100 120 o vdd=5v , gnd=0v , f=1mhz, t=25 c tr =8 td =20 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 4.5 5.0 5.5 6.0 6.5 7.0 % o f r a t e d p o w e r o r i p p t r a n s m i s s i o n l i n e p u l s i n g t l p ( ) c u r r e n t , ( a )
page 4 qw -bp012 rev :h comchip t echnology co., l td. o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed b c d d d 2 d 1 s o t - 1 4 3 s y m b o l a reel t aping specification ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 3 . 1 9 0 . 1 0 2 . 8 0 0 . 1 0 4 . 0 0 0 . 1 0 1 . 5 5 0 . 1 0 3 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 5 0 . 0 m i n . 1 3 . 0 0 . 2 0 1 . 3 1 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 8 . 0 0 0 . 3 0 1 4 . 4 m a x . 1 7 8 1 0 . 1 1 0 0 . 0 0 4 0 . 1 2 6 0 . 0 0 4 0 . 0 5 2 0 . 0 0 4 0 . 0 6 1 0 . 0 0 4 7 . 0 0 8 0 . 0 4 0 0 . 5 1 2 0 . 0 0 8 s y m b o l ( m m ) ( i n c h ) 0 . 1 3 8 0 . 0 0 2 0 . 0 6 9 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 2 0 . 5 6 7 m a x e f p p 0 p 1 w w 1 s o t - 1 4 3 low capacitance esd protection array c o m c h i p s m d d i o d e s s p e c i a l i s t i n d e x h o l e d e f b w a p p 0 p 1 0 . 3 1 5 0 . 0 1 2
2 1 4 3 page 5 qw -bp012 rev :h comchip t echnology co., l td. b d f a low capacitance esd protection array marking code part number CSRS045V0P marking code c04xy c04 = device code x = date code y = control code c04xy suggested p ad layout size (inch) 0.039 (mm) 1.00 1.40 1.40 0.055 0.055 sot -143 1.92 0.076 c1 1.72 0.068 a1 b c a standard packaging case t ype qty per reel (pcs) 3,000 sot -143 reel size (inch) 7 c06xy CSRS045V0P (green part) a a 1 a e c c 1 2.20 0.087 0.80 0.031 f 3.60 0.142 d e c o m c h i p s m d d i o d e s s p e c i a l i s t


▲Up To Search▲   

 
Price & Availability of CSRS045V0P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X