Part Number Hot Search : 
5340H1LC 0N60C3 KBP1510 KBP151 KBP156 1N749 C5886 M74ALS
Product Description
Full Text Search
 

To Download C0805C476M9PACTU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 1 benefts ? -55c to +85c operating temperature range ? lead (pb)-free, rohs and reach compliant ? temperature stable dielectric ? eia 0201, 0402, 0603, 0805, 1206, and 1210 case sizes ? dc voltage ratings of 4 v, 6.3 v, 10 v, 16 v, 25 v, 35 v, and 50 v ? capacitance offerings ranging from 0.01 f to 100 f ? available capacitance tolerances of 10% and 20% ? non-polar device, minimizing installation concerns ? 100% pure matte tin-plated termination fnish allowing for excellent solderability applications typical applications include decoupling, bypass, and fltering. overview kemets x5r dielectric features an 85c maximum operating temperature and is considered semi-stable. the electronics components, assemblies & materials association (eia) characterizes x5r dielectric as a class ii material. components of this classifcation are fxed, ceramic dielectric capacitors suited for bypass and decoupling applications or for frequency discriminating circuits where q and stability of capacitance characteristics are not critical. x5r exhibits a predictable change in capacitance with respect to time and voltage and boasts a minimal change in capacitance with reference to ambient temperature. capacitance change is limited to 15% from -55c to +85c. surface mount multilayer ceramic chip capacitors (smd mlccs) x5r dielectric, 4 C 50 vdc (commercial grade) ordering information c 1206 c 107 m 9 p a c tu ceramic case size (l" x w") specifcation/ series capacitance code (pf) capacitance tolerance voltage dielectric failure rate/ design termination finish 1 packaging/grade (cCspec) 2 0201 0402 0603 0805 1206 1210 c = standard 2 signifcant digits + number of zeros k = 10% m = 20% 7 = 4 v 9 = 6.3 v 8 = 10 v 4 = 16 v 3 = 25 v 6 = 35 v 5 = 50 v p = x5r a = n/a c = 100% matte sn blank = bulk tu = 7" reel unmarked tm = 7" reel marked 1 additional termination fnish options may be available. contact kemet for details. 2 additional reeling or packaging options may be available. contact kemet for details. one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 2 dimensions C millimeters (inches) l b w s t eia size code metric size code l length w width t thickness b bandwidth s suwl llpxp xwl ltx 0201 0603 0.60 (.024) 0.03 (.001) 0.30 (.012) 0.03 (.001) see table 2 for thickness 0.15 (.006) 0.05 (.002) n/a solder refow only 0402 1005 1.00 (.040) 0.05 (.002) 0.50 (.020) 0.05 (.002) 0.30 (.012) 0.10 (.004) 0.30 (.012) 0603 1608 1.60 (.063) 0.15 (.006) 0.80 (.032) 0.15 (.006) 0.35 (.014) 0.15 (.006) 0.70 (.028) solder wave or solder refow 0805 2012 2.00 (.079) 0.20 (.008) 1.25 (.049) 0.20 (.008) 0.50 (0.02) 0.25 (.010) 0.75 (.030) 1206 3216 3.20 (.126) 0.20 (.008) 1.60 (.063) 0.20 (.008) 0.50 (0.02) 0.25 (.010) n/a 1210 1 3225 3.20 (.126) 0.20 (.008) 2.50 (.098) 0.20 (.008) 0.50 (0.02) 0.25 (.010) solder refow only for capacitance values 22 f add 0.10 (0.004) to the length and width tolerance dimension and add 0.15 (0.006) to the positive bandwidth tolerance dimension. qualifcation/certifcation commercial grade products are subject to internal qualifcation. details regarding test methods and conditions are referenced in table 4, performance & reliability. environmental compliance lead (pb)-free, rohs, and reach compliant without exemptions (excluding snpb termination fnish option). surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 3 electrical parameters/characteristics item parameters/characteristics operating temperature range -55c to +85c capacitance change with reference to +25c and 0 vdc applied (tcc) 15% aging rate (maximum % capacitance loss/decade hour) 5.0% dielectric withstanding voltage (dwv) 250% of rated voltage (5 1 seconds and charge/discharge not exceeding 50 ma) dissipation factor (df) maximum limit @ 25oc see dissipation factor limit table insulation resistance (ir) limit @ 25c see insulation resistance limit table (rated voltage applied for 120 5 seconds @ 25c) regarding aging rate: capacitance measurements (including tolerance) are indexed to a referee time of 48 or 1,000 hours. please refer to a part number specifc datasheet for referee time details. to obtain ir limit, divide m-f value by the capacitance and compare to g limit. select the lower of the two limits. capacitance and dissipation factor (df) measured under the following conditions: 1 khz 50 hz and 1.0 0.2 vrms if capacitance 10 f 120 hz 10 hz and 0.5 0.1 vrms if capacitance > 10 f note: when measuring capacitance it is important to ensure the set voltage level is held constant. the hp4284 and agilent e4980 have a feature known as automatic level control (alc). the alc feature should be switched to "on." post environmental limits high temperature life, biased humidity, moisture resistance dielectric rated dc voltage capacitance value dissipation factor (maximum %) capacitance shift insulation resistance x5r > 25 all 3.0 20% 10% of initial limit 25 7.5 < 25 < 0.56 f 7.5 < 25 0.56 f 12.0 dissipation factor limit table rated dc voltage capacitance dissipation factor 50 C 200 v all 3% 25 v all 5% < 25 v < 0.56 f 5% < 25 v 0.56 f 10% surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 4 insulation resistance limit table eia case size 1,000 megohm microfarads or 100 g 500 megohm microfarads or 10 g 0201 n/a all 0402 < 0.012 f 0.012 f 0603 < 0.047 f 0.047 f 0805 < 0.15 f 0.15 f 1206 < 0.47 f 0.47 f 1210 < 0.39 f 0.39 f surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 5 table 1 C capacitance range/selection waterfall (1005 C 1210 case sizes) cap cap code case size/ series c0201c c0402c c0603c c0805c c1206c c1210c voltage code 7 9 8 4 7 9 8 4 3 5 7 9 8 4 3 5 7 9 8 4 3 5 9 8 4 3 5 9 8 4 3 6 5 rated voltage (vdc) 4 6.3 10 16 4 6.3 10 16 25 25 50 4 6.3 10 16 25 25 25 35 50 cap tolerance product availability and chip thickness codes C see table 2 for chip thickness dimensions 10,000 pf 103 k m ab ab ab ab bb bb bb bb 12,000 pf 123 k m bb bb bb bb 15,000 pf 153 k m bb bb bb bb 18,000 pf 183 k m bb bb bb bb 22,000 pf 223 k m bb bb bb bb 27,000 pf 273 k m bb bb bb bb 33,000 pf 333 k m bb bb bb bb 39,000 pf 393 k m bb bb bb bb 47,000 pf 473 k m bb bb bb bb 56,000 pf 563 k m bb bb bb bb 68,000 pf 683 k m bb bb bb bb 82,000 pf 823 k m bb bb bb bb 0.10 f 104 k m ab ab bb bb bb bb 0.12 f 124 k m 0.15 f 154 k m 0.18 f 184 k m 0.22 f 224 k m bb bb 0.27 f 274 k m cg cg cg cg eb eb eb eb 0.33 f 334 k m cg cg cg cg eb eb eb eb 0.39 f 394 k m cg cg cg cg eb eb eb eb fd fd fd fd fd 0.47 f 474 k m bb bb cg cg cg cg dg dg dg dg dg ec ec ec ec fd fd fd fd fd 0.56 f 564 k m cg cg cg cg dd dd dd dd dd ed ed ed ed fd fd fd fd fd 0.68 f 684 k m cg cg cg cg de de de de de ee ee ee ee fd fd fd fd fd 0.82 f 824 k m cg cg cg cg df df df df df ef ef ef ef ff ff ff ff ff 1.0 f 105 k m bb bb bb cg cg cg cg cg dg dg dg dg dg dg ef ef ef eg fh fh fh fh fh fh 1.2 f 125 k m dc dc dc dc ec ec ec ec fd fd fd fd 1.5 f 155 k m dc dc dc dc ec ec ec ec fd fd fd fd 1.8 f 185 k m dd dd dd dd ec ec ec ec fd fd fd fd 2.2 f 225 k m bb bb bb1 cg cg cg cg dg dg dg dg ec ec ec ec fj fj fj fj 2.7 f 275 k m dl dl dl dl ef ef ef ef fg fg fg fg 3.3 f 335 k m bb1 cg1 cg1 dl dl dl dg eh eh eh eh fh fh fh fh 3.9 f 395 k m dg dg dg dg ed ed ed ed fj fj fj fj 4.7 f 475 k m bc1 cg cg cg dg dg dh dh dg eh eh eh eh eh ft ft ft ft 5.6 f 565 k m dg dg dg ek ek eh fg fg fg fe 6.8 f 685 k m dg dg dg ek ek eh fj fj fj fj 8.2 f 825 k m ed ed eh fk fk fk fg 10 f 106 k m cg1 cg1 dg dg dg dg eh eh eh eh ft ft ft ft ft1 ft 12 f 126 k m fd1 fd fg 15 f 156 k m ff ff fg 18 f 186 k m fg fg fh 22 f 226 dg1 dg1 eh eh1 fs fs fs fs 27 f 276 33 f 336 39 f 396 47 f 476 dh1 dg1 eh1 eh1 fs1 fs1 fs1 100 f 107 eh1 fs1 fs1 fs1 capacitance cap code rated voltage (vdc) 4 6.3 10 16 4 6.3 10 16 25 25 50 4 6.3 10 16 25 25 25 35 50 voltage code 7 9 8 4 7 9 8 3 5 4 7 9 8 4 3 5 7 9 8 4 3 5 9 8 4 3 5 9 8 4 3 6 5 case size/ series c0201c c0402c c0603c c0805c c1206c c1210c xx1 available only in m tolerance. surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 6 table 2 C chip thickness/packaging quantities thickness code case size thickness range (mm) paper quantity plastic quantity 7" reel 13" reel 7" reel 13" reel ab 0201 0.30 0.03 15,000 0 0 0 bb 0402 0.50 0.05 10,000 50,000 0 0 bc 0402 0.50 0.10 10,000 50,000 0 0 cg 0603 0.80 0.10 4,000 15,000 0 0 dc 0805 0.78 0.10 4,000 10,000 0 0 dd 0805 0.90 0.10 4,000 10,000 0 0 dl 0805 0.95 0.10 0 0 4,000 10,000 de 0805 1.00 0.10 0 0 2,500 10,000 df 0805 1.10 0.10 0 0 2,500 10,000 dg 0805 1.25 0.15 0 0 2,500 10,000 dh 0805 1.25 0.20 0 0 2,500 10,000 eb 1206 0.78 0.10 4,000 10,000 4,000 10,000 ek 1206 0.80 0.10 0 0 2,000 8,000 ec 1206 0.90 0.10 0 0 4,000 10,000 ed 1206 1.00 0.10 0 0 2,500 10,000 ee 1206 1.10 0.10 0 0 2,500 10,000 ef 1206 1.20 0.15 0 0 2,500 10,000 eg 1206 1.60 0.15 0 0 2,000 8,000 eh 1206 1.60 0.20 0 0 2,000 8,000 fd 1210 0.95 0.10 0 0 4,000 10,000 fe 1210 1.00 0.10 0 0 2,500 10,000 ff 1210 1.10 0.10 0 0 2,500 10,000 fg 1210 1.25 0.15 0 0 2,500 10,000 fh 1210 1.55 0.15 0 0 2,000 8,000 fj 1210 1.85 0.20 0 0 2,000 8,000 ft 1210 1.90 0.20 0 0 1,500 4,000 fk 1210 2.10 0.20 0 0 2,000 8,000 fs 1210 2.50 0.30 0 0 1,000 4,000 7klfnhvv code case size thickness range (mm) 7" reel 13" reel 7" reel 13" reel paper quantity plastic quantity package quantity based on fnished chip thickness specifcations. surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 7 table 3 C chip capacitor land pattern design recommendations per ipcC7351 eia size code metric size code density level a: maximum (most) land protrusion (mm) density level b: median (nominal) land protrusion (mm) density level c: minimum (least) land protrusion (mm) c y x 9 9 y x 9 9 y x 9 9 0201 0603 0.38 0.56 0.52 1.80 1.00 0.33 0.46 0.42 1.50 0.80 0.28 0.36 0.32 1.20 0.60 0402 1005 0.50 0.72 0.72 2.20 1.20 0.45 0.62 0.62 1.90 1.00 0.40 0.52 0.52 1.60 0.80 0603 1608 0.90 1.15 1.10 4.00 2.10 0.80 0.95 1.00 3.10 1.50 0.60 0.75 0.90 2.40 1.20 0805 2012 1.00 1.35 1.55 4.40 2.60 0.90 1.15 1.45 3.50 2.00 0.75 0.95 1.35 2.80 1.70 1206 3216 1.60 1.35 1.90 5.60 2.90 1.50 1.15 1.80 4.70 2.30 1.40 0.95 1.70 4.00 2.00 1210 3225 1.60 1.35 2.80 5.65 3.80 1.50 1.15 2.70 4.70 3.20 1.40 0.95 2.60 4.00 2.90 1210 1 3225 1.50 1.60 2.90 5.60 3.90 1.40 1.40 2.80 4.70 3.30 1.30 1.20 2.70 4.00 3.00 1 only for capacitance values 22 f density level a: for low-density product applications. recommended for wave solder applications and provides a wider process window for refow solder processes. kemet only recommends wave soldering of eia 0603, 0805 and 1206 case sizes. density level b: for products with a moderate level of component density. provides a robust solder attachment condition for refow solder processes. density level c: for high component density product applications. before adapting the minimum land pattern variations the user should perform qualifcation testing based on the conditions outlined in ipc standard 7351 (ipcC7351). image below based on density level b for an eia 1210 case size. y c c x x v1 v2 grid placement courtyard y surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 8 soldering process recommended soldering technique: ? solder wave or solder refow for eia case sizes 0603, 0805 and 1206 ? all other eia case sizes are limited to solder refow only recommended refow soldering profle: kemets families of surface mount multilayer ceramic capacitors (smd mlccs) are compatible with wave (single or dual), convection, ir or vapor phase refow techniques. preheating of these components is recommended to avoid extreme thermal stress. kemets recommended profle conditions for convection and ir refow refect the profle conditions of the ipc/j-std-020 standard for moisture sensitivity testing. these devices can safely withstand a maximum of three refow passes at these conditions. profle feature termination finish snpb 100% matte sn preheat/soak time within 5c of maximum peak temperature (t p ) 20 seconds maximum 30 seconds maximum ramp-down rate (t p to t l ) 6c/second maximum 6c/second maximum time 25c to peak temperature 6 minutes maximum 8 minutes maximum note 1: all temperatures refer to the center of the package, measured on the capacitor body surface that is facing up during assembly refow. time temperature t smin 25 c to peak t l t s 25 t p t smax t l t p maximum ramp up rate = 3 c/sec maximum ramp down rate = 6 c/sec surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 9 table 4 C performance & reliability: test methods and conditions stress reference test or inspection method terminal strength jisCcC6429 appendix 1, note: force of 1.8 kg for 60 seconds. board flex jisCcC6429 appendix 2, note: standard termination system C 2.0 mm (minimum) for all except 3 mm for c0g. flexible termination system C 3.0 mm (minimum). solderability jCstdC002 magnifcation 50 x. conditions: a) method b, 4 hours @ 155c, dry heat @ 235c b) method b @ 215c category 3 c) method d, category 3 @ 260c temperature cycling jesd22 method jaC104 1,000 cycles (-55c to +125c). measurement at 24 hours +/- 2 hours after test conclusion. biased humidity milCstdC202 method 103 load humidity: 1,000 hours 85c/85% rh and rated voltage. add 100 k ohm resistor. measurement at 24 hours +/- 2 hours after test conclusion. low volt humidity: 1,000 hours 85c/85% rh and 1.5 v. add 100 k ohm resistor. measurement at 24 hours +/- 2 hours after test conclusion. moisture resistance milCstdC202 method 106 t = 24 hours/cycle. steps 7a and 7b not required. unpowered. measurement at 24 hours +/- 2 hours after test conclusion. thermal shock milCstdC202 method 107 -55c/+125c. note: number of cycles required C 300. maximum transfer time C 20 seconds. dwell time C 15 minutes. air C air. +ljk 7hpshudwxuh /lih 0,/67 0hwkrg /eiaC198 1,000 hours at 85c with 2 x rated voltage applied excluding the following: case size capacitance applied voltage 0402 0.22 f 1.5 x 0603 1.0 f 0805 4.7 f 1206 2.2 f 1210 10 f storage life milCstdC202 method 108 150c, 0 vdc for 1,000 hours. vibration milCstdC202 method 204 5 g's for 20 minutes, 12 cycles each of 3 orientations. note: use 8" x 5" pcb 0.031" thick 7 secure points on one long side and 2 secure points at corners of opposite sides. parts mounted within 2" from any secure point. test from 10 C 2,000 hz 0hfkdlfdo 6krfn 0,/67 0hwkrg )ljxuh ri 0hwkrg &rglwlr ) resistance to solvents milCstdC202 method 215 add aqueous wash chemical, okem clean or equivalent. storage and handling ceramic chip capacitors should be stored in normal working environments. while the chips themselves are quite robust in other environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term storage. in addition, packaging materials will be degraded by high temperatureC reels may soften or warp and tape peel force may increase. kemet recommends that maximum storage temperature not exceed 40oc and maximum storage humidity not exceed 70% relative humidity. temperature fuctuations should be minimized to avoid condensation on the parts and atmospheres should be free of chlorine and sulfur bearing compounds. for optimized solderability chip stock should be used promptly, preferably within 1.5 years of receipt. surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 10 construction dielectric material (batio 3 ) detailed cross section barrier layer (ni) base metal (cu) inner electrodes (ni) termination finish (100% matte sn) barrier layer (ni) base metal (cu) termination finish (100% matte sn) inner electrodes (ni) dielectric material (batio 3 ) surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 11 capacitor marking (optional): these surface mount multilayer ceramic capacitors are normally supplied unmarked. if required, they can be marked as an extra cost option. marking is available on most kemet devices but must be requested using the correct ordering code identif er(s). if this option is requested, two sides of the ceramic body will be laser marked with a k to identify kemet, followed by two characters (per eiaC198 - see table below) to identify the capacitance value. eia 0603 case size devices are limited to the k character only. laser marking option is not available on: ? c0g, ultra stable x8r and y5v dielectric devices ? eia 0402 case size devices ? eia 0603 case size devices with flexible termination option. ? kps commercial and automotive grade stacked devices. ? x7r dielectric products in capacitance values outlined below marking appears in legible contrast. illustrated below is an example of an mlcc with laser marking of ka8, which designates a kemet device with rated capacitance of 100 f. orientation of marking is vendor optional. eia case size metric size code capacitance 0603 1608 170 pf 0805 2012 150 pf 1206 3216 910 pf 1210 3225 2,000 pf 1808 4520 3,900 pf 1812 4532 6,700 pf 1825 4564 0.018 f 2220 5650 0.027 f 2225 5664 0.033 f kemet id 2-digit capacitance code surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 12 capacitor marking (optional) contd capacitance (pf) for various alpha/numeral identif ers alpha character numeral 9 0 1 2 3 4 5 6 7 8 &dsdflwdfhs) a 0.1 1 0 10 100 1,000 10,000 100,000 1,000,000 10,000,000 100,000,000 b 0.11 1.1 11 110 1,100 11,000 110,000 1,100,000 11,000,000 110,000,000 c 0.12 1 2 12 120 1,200 12,000 120,000 1,200,000 12,000,000 120,000,000 d 0.13 1 3 13 130 1,300 13,000 130,000 1,300,000 13,000,000 130,000,000 e 0.15 1 5 15 150 1,500 15,000 150,000 1,500,000 15,000,000 150,000,000 f 0.16 1 6 16 160 1,600 16,000 160,000 1,600,000 16,000,000 160,000,000 g 0.18 1 8 18 180 1,800 18,000 180,000 1,800,000 18,000,000 180,000,000 h 0.2 2 0 20 200 2,000 20,000 200,000 2,000,000 20,000,000 200,000,000 j 0.22 2 2 22 220 2,200 22,000 220,000 2,200,000 22,000,000 220,000,000 k 0.24 2.4 24 240 2,400 24,000 240,000 2,400,000 24,000,000 240,000,000 l 0.27 2.7 27 270 2,700 27,000 270,000 2,700,000 27,000,000 270,000,000 m 0.3 3 0 30 300 3,000 30,000 300,000 3,000,000 30,000,000 300,000,000 n 0.33 3 3 33 330 3,300 33,000 330,000 3,300,000 33,000,000 330,000,000 p 0.36 3 6 36 360 3,600 36,000 360,000 3,600,000 36,000,000 360,000,000 q 0.39 3 9 39 390 3,900 39,000 390,000 3,900,000 39,000,000 390,000,000 r 0.43 4 3 43 430 4,300 43,000 430,000 4,300,000 43,000,000 430,000,000 s 0.47 4.7 47 470 4,700 47,000 470,000 4,700,000 47,000,000 470,000,000 t 0.51 5.1 51 510 5,100 51,000 510,000 5,100,000 51,000,000 510,000,000 u 0.56 5 6 56 560 5,600 56,000 560,000 5,600,000 56,000,000 560,000,000 v 0.62 6 2 62 620 6,200 62,000 620,000 6,200,000 62,000,000 620,000,000 w 0.68 6 8 68 680 6,800 68,000 680,000 6,800,000 68,000,000 680,000,000 x 0.75 7 5 75 750 7,50 0 75,000 750,000 7,500,000 75,000,000 750,000,000 y 0.82 8 2 82 820 8,200 82,000 820,000 8,200,000 82,000,000 820,000,000 z 0.91 9.1 91 910 9,100 91,000 910,000 9,100,000 91,000,000 910,000,000 a 0.25 2 5 25 250 2,500 25,000 250,000 2,500,000 25,000,000 250,000,000 b 0.35 3 5 35 350 3,500 35,000 350,000 3,500,000 35,000,000 350,000,000 d 0.4 4 0 40 400 4,000 40,000 400,000 4,000,000 40,000,000 400,000,000 e 0.45 4 5 45 450 4,500 45,000 450,000 4,500,000 45,000,000 450,000,000 f 0.5 5 0 50 500 5,000 50,000 500,000 5,000,000 50,000,000 500,000,000 m 0.6 6 0 60 600 6,000 60,000 600,000 6,000,000 60,000,000 600,000,000 n 0.7 7 0 70 700 7,000 70,000 700,000 7,000,000 70,000,000 700,000,000 t 0.8 8 0 80 800 8,000 80,000 800,000 8,000,000 80,000,000 800,000,000 y 0.9 9 0 90 900 9,000 90,000 900,000 9,000,000 90,000,000 900,000,000 surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 13 tape & reel packaging information kemet offers multilayer ceramic chip capacitors packaged in 8, 12 and 16 mm tape on 7" and 13" reels in accordance with eia standard 481. this packaging system is compatible with all tape-fed automatic pick and place systems. see table 2 for details on reeling quantities for commercial chips. 8 mm, 12 mm or 16 mm carrier tape 178 mm (7.00") or 330 mm (13.00") anti-static reel embossed plastic* or punched paper carrier. embossment or punched cavity anti-static co v er t ape (.10 mm (.004") maximum thic kness) chip and kps or ientation in p oc k et (e xcept 1825 commercial, and 1825 and 2225 milita r y) *eia 01005, 0201, 0402 and 0603 case sizes available on punched paper carrier only. kemet ? bar code label sprocket holes table 5 C carrier tape conf guration C embossed plastic & punched paper (mm) eia case size tape size (w)* pitch (p 1 01005 C 0402 8 2 0603 C 1210 8 4 1805 C 1808 12 4 1812 12 8 kps 1210 12 8 kps 1812 & 2220 16 12 array 0508 & 0612 8 4 *refer to figures 1 & 2 for w and p carrier tape reference locations. *refer to tables 6 & 7 for tolerance specif cations. surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 14 figure 1 C embossed (plastic) carrier tape dimensions p o t f w c en t er li n e s of cav i t y a o b o u s e r d i r e c t i o n o f u n r e elin g c ov er t ap e k o b 1 i s f or t ap e f e ed er r e f e r ence onl y, i ncl u di ng dr a ft con c en t r i c a bou t b o . t 2 ? d 1 ? d o b 1 s 1 t 1 e 1 e 2 p 1 p 2 e m b os s m e nt f or c a v i t y s i z e , s e e n o t e 1 t a b l e 4 [ 1 0 p i t c h e s c um u l at i v e t ol er a n c e o n t a p e 0. 2 m m ] 7deoh2(pervvhg 3odvwlf &duulhu7dsh'lphqvlrqv metric will govern constant dimensions millimeters (inches) tape size d 0 d 1 minimum note 1 e 1 p 0 p 2 r reference note 2 s 1 minimum note 3 t maximum t 1 maximum 8 mm 1.5 +0.10/-0.0 (0.059 +0.004/-0.0) 1.0 (0.039) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 25.0 (0.984) 0.600 (0.024) 0.600 (0.024) 0.100 (0.004) 12 mm 1.5 (0.059) 30 (1.181) 16 mm variable dimensions millimeters (inches) tape size pitch b 1 maximum note 4 e 2 minimum f p 1 t 2 maximum w maximum a 0 ,b 0 & k 0 8 mm single (4 mm) 4.35 (0.171) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 4.0 0.10 (0.157 0.004) 2.5 (0.098) 8.3 (0.327) note 5 12 mm single (4 mm) & double (8 mm) 8.2 (0.323) 10.25 (0.404) 5.5 0.05 (0.217 0.002) 8.0 0.10 (0.315 0.004) 4.6 (0.181) 12.3 (0.484) 16 mm triple (12 mm) 12.1 (0.476) 14.25 (0.561) 7.5 0.05 (0.138 0.002) 12.0 0.10 (0.157 0.004) 4.6 (0.181) 16.3 (0.642) 1. the embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location and hole location shall be applied independent of each other. 2. the tape with or without components shall pass around r without damage (see figure 6). 3. if s 1 < 1.0 mm, there may not be enough area for cover tape to be properly applied (see eia standard 481 paragraph 4.3 section b). 4. b 1 dimension is a reference dimension for tape feeder clearance only. 5. the cavity def ned by a 0 , b 0 and k 0 shall surround the component with suff cient clearance that: (a) the component does not protrude above the top surface of the carrier tape. (b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. (c) rotation of the component is limited to 20 maximum for 8 and 12 mm tapes and 10 maximum for 16 mm tapes (see figure 3). (d) lateral movement of the component is restricted to 0.5 mm maximum for 8 and 12 mm wide tape and to 1.0 mm maximum for 16 mm tape (see figure 4). (e) for kps series product, a 0 and b 0 are measured on a plane 0.3 mm above the bottom of the pocket. (f) see addendum in eia standard 481 for standards relating to more precise taping requirements. surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 15 figure 2 C punched (paper) carrier tape dimensions u s e r d i r e c t ion of u n r eelin g t o p c o v e r t ape t c e n t e r l ines o f c a v i t y p 1 ? d o p o p 2 e 1 f e 2 w g a 0 b 0 c a v i t y s i z e , s e e n ote 1, tabl e 7 b o t t o m c o v e r t a p e t 1 t 1 b o t t o m c o v e r t a p e [10 p it c hes c u mu l a t i v e t o le r a n c e o n t a p e 0 . 2 m m] 7deoh23xqfkhg 3dshu &duulhu7dsh'lphqvlrqv metric will govern constant dimensions millimeters (inches) variable dimensions millimeters (inches) pitch e2 minimum f p 1 t maximum w maximum a 0 b 0 8 mm half (2 mm) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 2.0 0.05 (0.079 0.002) 1.1 (0.098) 8.3 (0.327) note 1 8 mm single (4 mm) 4.0 0.10 (0.157 0.004) 8.3 (0.327) 1. the cavity def ned by a 0 , b 0 and t shall surround the component with suff cient clearance that: a) the component does not protrude beyond either surface of the carrier tape. b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. c) rotation of the component is limited to 20 maximum (see figure 3). d) lateral movement of the component is restricted to 0.5 mm maximum (see figure 4). e) see addendum in eia standard 481 for standards relating to more precise taping requirements. 2. the tape with or without components shall pass around r without damage (see figure 6). surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 16 packaging information performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: tape width peel strength 8 mm 0.1 to 1.0 newton (10 to 100 gf) 12 and 16 mm 0.1 to 1.3 newton (10 to 130 gf) the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia standards 556 and 624 . figure 3 C maximum component rotation a o b o t s maxi m u m c ompone n t r o t a tio n t op v i e w m a x i mum c o mponent r o t a t ion s ide v i e w t a p e m axi m u m width (mm) r otati o n ( t ) 8,12 2 0 16 ? 200 1 0 t a p e m a x i m u m widt h ( mm) r o tati o n ( s ) 8,12 20 16 ? 56 1 0 72 ? 200 5 t y p ic a l p o c k e t cente r line t y p i c a l c o m pon e n t c e n t e r l i n e figure 4 C maximum lateral movement 0 . 5 m m m a x i mum 0 . 5 m m m a x i mum 8 m m & 1 2 m m tape 1 . 0 m m m a x i mum 1 . 0 m m m a x i mum 1 6 m m t a p e figure 5 C bending radius r r b end i n g r a d i u s e mbo ssed c a r r i e r p unc hed c a rrier surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 17 figure 6 C reel dimensions a d (see n o te ) full r a d i us, see n o t e b ( s ee note) access h o le at s l o t loc a ti on (? 40 m m mi nimum) i f p r es en t, tape slot i n core for t ape start: 2.5 mm minimum wi dt h x 10.0 mm mi n imum dep th w 3 (incl u des flan g e dis to r tion at out e r e dge) w 2 ( m eas u re d a t hub ) w 1 ( m eas u re d a t hub ) c (arbor hol e di a m e ter ) note: driv e spok es o ptiona l ; if u s ed, d i mensi o ns b an d d shall a pply. n 7deoh25hho'lphqvlrqv metric will govern constant dimensions millimeters (inches) variable dimensions millimeters (inches) shall accommodate tape width without interference 12 mm 12.4 +2.0/-0.0 (0.488 +0.078/-0.0) 18.4 (0.724) 16 mm 16.4 +2.0/-0.0 (0.646 +0.078/-0.0) 22.4 (0.882) surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 18 figure 7 C tape leader & trailer dimensions t r a i le r 160 mm min imum c a r r i e r t ape e n d s t a r t r o und s p rocke t h o l e s e l ongated s p r o cke t h o l e s ( 32 mm tape and w i der ) t op c o ver t ape top c over t ape p unched c a r r i e r 8 mm & 12 m m o n l y e mboss ed c a r r i e r c o m p o n e n t s 1 0 0 m m m i n imum leader 4 0 0 mm m i n i m u m figure 8 C maximum camber c a r r i e r t a p e r o u n d s p r o c k e t h ol e s 1 m m max i m u m , e i t h e r d i r e c t i o n s t r ai gh t edge 2 5 0 m m e l o n g a t ed s p r oc k e t h ol e s ( 32 m m & w ide r t a pes ) bulk cassette packaging (ceramic chips only) meets dimensional requirements iecC286 and eiaj 7201 unit mm *reference 1 10 0.7 31.5 0 0.2 36 0 0.2 19.0* 5 0* 10* 53 3* 6 8 0.1 8 8 0.1 12. 0 0.1 3.0 0 0.2 2.0 0.1 0 1.5 0 0.1 capacitor dimensions for bulk cassette cassette packaging C millimeters eia size code metric size code l length w width b bandwidth s separation minimum t thickness number of pieces/cassette 0402 1005 1.0 0.05 0.5 0.05 0.2 to 0.4 0.3 0.5 0.05 50,000 0603 1608 1.6 0.07 0.8 0.07 0.2 to 0.5 0.7 0.8 0.07 15,000 surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 19 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america southeast lake mary, fl tel: 407-855-8886 northeast wilmington, ma tel: 978-658-1663 central novi, mi tel: 248-306-9353 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe paris, france tel: 33-1-4646-1006 sasso marconi, italy tel: 39-051-939111 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe bishops stortford, united kingdom tel: 44-1279-460122 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5829-1711 shanghai, china tel: 86-21-6447-0707 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6586-1900 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1006_x5r_smd ? 6/6/2014 20 disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. surface mount multilayer ceramic chip capacitors (smd mlccs) C x5r dielectric, 4 C 50 vdc (commercial grade)


▲Up To Search▲   

 
Price & Availability of C0805C476M9PACTU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X