Part Number Hot Search : 
MA3082WA C9827H 1N30N60 NT600 KE200 R1080 RD13JS BOURNS
Product Description
Full Text Search
 

To Download AZ100ELT20-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.azmicrotek.com 1630 s stapley dr, suite 127 +1 - 480- 962- 5881 mesa, az 85204 usa r e quest a sample may 2012, rev 2.0 d escription the az100elt20 is a cmos/ttl to differential pecl translator. it operates with a single power supply of +3.0 to +5.5 volts, making it ideal for both lvcmos/lvttl and cmos/ttl applications. the extremely small mlp8 2.0x2.0mm package makes it ideal for those applications where space, performance and low power are at a premium. the az100elt20 is a direct replacement for the on semi mc100elt20, mc100lvelt20 and micrel sy89329v b lock d iagram f eatures ? 0.5ns typical propagation delay ? differential pecl outputs ? flow through pinouts ? available in mlp8 (2.0x2.0mm) package a pplications ? lvcmos/lvttl to lvpecl translations ? cmos/ttl to pecl translations p ackage a vailability ? mlp8 o green/rohs/pb - free ? msop8 o green/rohs/pb - free ? soic8 o green/ rohs/pb - free az 100elt20 cmos/ttl to differential pecl translator order number package marking az100elt20ng 1 mlp8 tcg 2 az100elt20dg 1 soic8 azm100gelt20 2 az100elt20tg 1 msop8 azhglt20 2 1 tape & reel - add 'r1' at end of order number for 7in (1k parts), 'r2' (2.5k) for 13in 2 see www.azmicrotek.com for date code format www.azmicrotek.com
arizona microtek, inc. az100elt20 cmos/ttl to differential pecl translato r www.azmicrotek.com +1 - 480- 962- 5881 2 r e quest a sample m ay 2012, rev 2.0 p in d escription and c onfiguration table 1 - pin description pin name type function 1 nc 2 q output pecl output 3 q output pecl output 4 nc 5 gnd power ground 6 nc 7 d input data input 8 v cc power positive supply mlp8 8 7 6 5 1 2 3 4 nc q q nc v cc d nc gnd soic8 msop8 8 7 6 5 1 2 3 4 nc q q nc v cc d nc gnd figure 1 - pin configuration for mlp 8 & so ic 8 /msop8 , respectively
arizona microtek, inc. az100elt20 cmos/ttl to differential pecl translato r www.azmicrotek.com +1 - 480- 962- 5881 3 r e quest a sample m ay 2012, rev 2.0 e ng ineering n otes when the d input is left floating, the q output is forced high, and the q output is forced low. figure 2 ? az100elt20 large signal bandwidth
arizona microtek, inc. az100elt20 cmos/ttl to differential pecl translato r www.azmicrotek.com +1 - 480- 962- 5881 4 r e quest a sample m ay 2012, rev 2.0 p erformance data table 2 ? absolute maximum ratings absolute maximum ratings are those values beyond which device life may be impaired. symbol characteristic condition rating unit v cc dc power supply (v ee = 0v) 0 to +8.0 v v in input voltage (v ee = 0v) 0 to +6.0 v i out output current continuous 50 ma surge 100 t a operating temperature range - 40 to +85 c t stg storage temperature range - 65 to +150 c esd hbm human body model 2500 v esd mm machine model 200 v esd cdm charged device model 2500 v table 3 ? ttl/cmos input dc characteristics ttl/cmos input dc characteristics (gnd = 0.0v, v cc = +3.3v to 5.5v) symbol characteristic condition min typ max unit i ih input high current v in = 2.7v 15 a i ihh input high current v in = v cc 20 a i il input low current v in = 0.5v - 0.1 ma v ik input clamp diode voltage i in = - 18ma - 1.2 v v ih input high voltage 2 v v il input low voltage 0.8 v table 4 - lvpecl dc characteristics lvpecl dc characteristics (gnd = 0.0v, v cc = +3.3v) symbol characteristic - 40 c 0 c 25 c 85 c unit min typ max min typ max min typ max min typ max v oh output high voltage 1,2 2220 2420 2275 2420 2275 2420 2275 2420 mv v ol output low voltage 1,2 1400 1750 1400 1680 1400 1680 1400 1680 mv i ee power supply current 3 16 16 16 16 ma 1 each output is terminated through a 50 ? resistor to v cc - 2v. 2 output parameters vary 1:1 with v cc 3 i cc measurements must be done with outputs open
arizona microtek, inc. az100elt20 cmos/ttl to differential pecl translato r www.azmicrotek.com +1 - 480- 962- 5881 5 r e quest a sample m ay 2012, rev 2.0 table 5 - pecl dc characteristics pecl dc characteristics (gnd = 0.0v, v cc = +5.0v) symbol characteristic - 40 c 0 c 25 c 85 c unit min typ max min typ max min typ max min typ max v oh output high voltage 1,2 3920 4120 3975 4120 3975 4120 3975 4120 mv v ol output low voltage 1,2 3100 3450 3100 3380 3100 3380 3100 3380 mv i ee power supply current 3 16 16 16 16 ma 1 each output is terminated through a 50 ? resistor to v cc - 2v. 2 output parameters vary 1:1 with v cc 3 i cc measurements must be done with outputs open table 6 - ac characteris tics ac characteristics (gnd = 0.0v, v cc = +3.0v to +5.5v) symbol characteristic - 40 c 0 c 25 c 85 c unit min typ max min typ max min typ max min typ max t plh / t phl propagation delay to output 1 100 550 100 500 100 450 100 600 ps t r /t f output rise/fall times q (20% - 80%) 80 250 80 250 80 250 80 250 ps f max maximum frequency 2 800 800 800 800 mhz 1 propagation delay is measured from +1.5v on the input to 50% of the pecl output swing 2 output as - 3db
arizona microtek, inc. az100elt20 cmos/ttl to differential pecl translato r www.azmicrotek.com +1 - 480- 962- 5881 6 r e quest a sample m ay 2012, rev 2.0 p ackage d iagram mlp8 green/rohs compliant/pb - free msl=1
arizona microtek, inc. az100elt20 cmos/ttl to differential pecl translato r www.azmicrotek.com +1 - 480- 962- 5881 7 r e quest a sample m ay 2012, rev 2.0 p ackage d iagram soic8 green/rohs compliant/pb - free msl=1
arizona microtek, inc. az100elt20 cmos/ttl to differential pecl translato r www.azmicrotek.com +1 - 480- 962- 5881 8 r e quest a sample m ay 2012, rev 2.0 p ackage d iagram msop8 green/rohs compliant/pb - free msl=1 arizona microtek, inc. reserves the right to change circuitry and specifications at any time without prior notice. arizona microtek, inc. makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does arizona microtek, inc. assume any liability arising out of the application or use of any product or circuit and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. arizona micro tek, inc. does not convey any license rights nor the rights of others. arizona microtek, inc. products are not designed, intended or authorized for use as components in systems intended to support or sustain life, or for any other application in which the failure of the arizona microtek, inc. product could create a situation where personal injury or death may occur. should buyer purchase or use arizona microtek, inc. products for any such unintended or unauthorized application, buyer shall indemnify and h old arizona microtek, inc. and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that arizona microtek, inc. was negligent regarding the design or manufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZ100ELT20-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X