Part Number Hot Search : 
LTC40 ASM3P 0022122 29L682C 55000 330M1 FA764 C7973
Product Description
Full Text Search
 

To Download 880-002R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 series 880 quick-disconnect (qdc) cable receptacles are pre-wired and sealed with epoxy. in-line receptacle has integral shield termination platform and three contact sizes are available with current ratings of 5a, 3a and 1a. aluminum or stainless steel housings and thermoplastic insulators. high-strength wire with crosslinked etfe insulation crimped at factory to high performance contacts. ultraminiature superfly? connectors are ideal for soldier systems and other applications where reduced size and weight are critical. how to order sample part number 880-002R a -b7n -m 004 j 1 -24 series 880-002R insert style a = unshrouded contacts b = shrouded contacts shrouded contacts are recessed within the insulator shell size/ insert arr.1 see shell size and insert arrangement table material/ finish 2 m = aluminum/electroless nickel rohs compliant zr = aluminum/zinc-nickel, non-refective with rohs compliant black chromate mt = aluminum/nickel-ptfe rohs compliant zmt = stainless steel/nickel-ptfe rohs compliant wire awg see wire code table wire type j = space grade wire m22759/33 or equivalent (etfe) wire color 1 = white 5 = full color; 1-10 solid color, 11 and up are striped 7 = 10 color repeating; wire #1 black, wire #11 black, etc wire length overall length (l) in inches measured from front of connector series 880 quick disconnect 880-002R cable receptacle with pigtail wires and integral banding porch mod-686 polarizing options plug alternate key positions sufx code a b 686a 150 210 686b 75 210 686c 95 230 686d 140 275 686e 75 275 686f 95 210 standard superfly? connectors have a single master key. versions with three keys are also available if alternate key positions are required. add sufx code 686 to the part number per the following example: 880-002Ra-b7n-m004j1-24- 686a a b master key notes 1. see section a for insert arrangement layouts 2. see section a for additional fnish options shell size and insert arrangements insert arrangement no. of contacts #23 5a. micro 3a. nano 1a. b7n 7 c10n 10 c2m2n 2 2 d3m 3 d2w2n 2 2 e3w 3 e4m 4 e19n 19 e4m4n 4 4 f4w 4 f7m 7 f22n 22 f4m8n 4 8 f4w4n 4 4 g7w 7 g10m 10 g31n 31 g6m10n 6 10 g6m12n 6 12 h10w 10 h37n 37 h6w14n 6 14 j44n 44 j7w19n 7 19 k19m 19 k13m19n 13 19 l22m 22 first letter of insert arrangement represents connector shell size, as in this example: k 13m19n ? 2015 glenair, inc ? 1211 air way, glendale, ca 91201 ? 818-247-6000 ? www.glenair.com ? u.s. cage code 06324 ? series 88 superfly? catalog dimensions in inches (millimeters) are subject to change without notice. b
7 .806 (20.47) .313 (7.95) ? a pigtail wires band-master ? nano band shield termination platform ? b ?l? +1.00/-.00 (+25.4/-.00 d imensions shell size ? a max ? b in. mm. in. mm. b .317 8.05 .197 5.00 c .342 8.69 .222 5.64 d .355 9.02 .235 5.97 e .381 9.68 .261 6.63 f .400 10.16 .280 7.11 g .422 10.72 .302 7.67 h .459 11.66 .339 8.61 j .487 12.37 .369 9.37 k .509 12.93 .391 9.93 l .548 13.92 .430 10.92 series 880 quick disconnect 880-002R cable receptacle with pigtail wires and integral banding porch about shrouded and unshrouded superfly? configurations shrouded contacts are recessed within the insert. unshrouded contacts extend from the insert face. shrouded inserts contain 1 amp and 3 amp twistpin contacts along with 5 amp socket contacts. unshrouded inserts contain 1 amp and 3 amp sockets and 5 amp pin. 3 amp micro socket 1 amp nano socket 5 amp #23 pin shrouded type b insert unshrouded type a insert 3 amp micro twistpin 1 amp nano twistpin 5 amp #23 socket wire code table layouts with 5a. contacts insert arrangement #23 5a. micro 3a. nano 1a. code e3w, f4w, g7w, h10w #22 100 #24 200 #26 300 layouts with 5a. and 1a. contacts insert arrangement #23 5a. micro 3a. nano 1a. code d2w2n, f4w4n, h6w14n, j7w19n #22 #28 104 #24 #28 204 #26 #28 304 #22 #30 105 #24 #30 205 #26 #30 305 #22 #32 106 #24 #32 206 #26 #32 306 layouts with 3a. contacts insert arrangement #23 5a. micro 3a. nano 1a. code d3m, e4m f7m, g10m, k19m, l22m #24 020 #26 030 #28 040 #30 050 layouts with 3a. and 1a. contacts insert arrangement #23 5a. micro 3a. nano 1a. code c2m2n, e4m4n, f4m8n g6m10n, g6m12n, k13m19n #24 #28 024 #26 #28 034 #28 #28 044 #24 #30 025 #26 #30 035 #28 #30 045 #24 #32 026 #26 #32 036 #28 #32 046 layouts with 1a. contacts insert arrangement #23 5a. micro 3a. nano 1a. code b7n, c10n, e19n, f22n, g31n, h37n, j44n #28 004 #30 005 #32 006 ? 2015 glenair, inc ? 1211 air way, glendale, ca 91201 ? 818-247-6000 ? www.glenair.com ? u.s. cage code 06324 ? series 88 superfly? catalog dimensions in inches (millimeters) are subject to change without notice. b


▲Up To Search▲   

 
Price & Availability of 880-002R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X