shielded contacts b-26 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2011 glenair, inc. printed in u.s.a. cage code 06324 www.glenair.com e-mail: sales@glenair.com b 854-001 crimp quadrax pin contact mil-dtl-38999 series iii type size #8 quadrax pin contact for glenair 257-606 connectors (d38999 ser. iii type) type glenair part number military part number cable accommodation grommet follower cable o.d. a hex wire size pin 854-001-01 n/a tensolite nf26q100 687-754-8-1 .137 .218 26 awg 854-001-02 n/a tensolite nf24q100 687-754-8-2 .163 .218 24 awg 854-001-03 n/a draka fileca f-4704-6 687-754-8-3 .153 .218 26 awg 854-001-04 n/a draka fileca f-4704-4 687-754-8-4 .175 .218 24 awg 854-001-05 n/a tensolite nf22q100 687-754-8-5 .190 .231 22 awg d38999 series iii 1 2 3 4 ? .276 .271 ? .219 .217 ? .316 .313 .92 a hex crimp ? .0250 .0005 typ .111 .111 polarization key pin no designator ref only, not marked on part .033 .029 .305 .295 material and finish contact body: copper alloy/gold plated inner contact: copper alloy/gold plated crimp bushing: brass or equivalent/gold plated insulator: tefon, ultem series 1000 or equivalent grommet/follower: fluorosilicone/ultem 1000 or equivalent these #8 quadrax pin contacts accept 100 ohm quadrax cable. center contacts are rated at 1 amp, the outer contact 12 amps. dwv rating is 500 vac rms sea level, 125 vac at 70,000 feet. contacts are packaged individually and shipped unassembled with instruction sheet. one contact consists of outer contact , fuorocarbon dielectric, inner contacts and shield crimp bushing. all contacts are gold-plated copper alloy. 5000 megohm insulation resistance at 200vdc. mates with: 854- 002. ideally suited for up to 1000 base-t gigabit ethernet.
|