Part Number Hot Search : 
BR1510 BY8210 2N2828 BA857 SE5561F SV992AIY 15700 MVCO1
Product Description
Full Text Search
 

To Download 74CBTLV3244DS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74cbtlv3244 is a dual 4-pole, single-t hrow bus switch. the device features two output enable inputs (noe ) that each control four switch channels. the switches are disabled when the associated noe input is high. schmitt trigger action at control inputs makes the circuit tolerant of slower input rise and fall times. this device is fully specified for partial power-down applications using i off . the i off circuitry disables the output, preventing the damaging backflow current through the device when it is powered down. 2. features and benefits ? supply voltage range from 2.3 v to 3.6 v ? high noise immunity ? complies with jedec standard: ? jesd8-5 (2.3 v to 2.7 v) ? jesd8-b/jesd36 (2.7 v to 3.6 v) ? esd protection: ? hbm jesd22-a114f exceeds 2000 v ? cdm aec-q100-011 revision b exceeds 1000 v ? 5 ? switch connection between two ports ? rail to rail switching on data i/o ports ? cmos low power consumption ? latch-up performance exceeds 250 ma per jesd78b class i level a ? i off circuitry provides partial power-down mode operation ? multiple package options ? specified from ? 40 ? cto+85 ? c and ? 40 ? cto+125 ? c 74cbtlv3244 8-bit bus switch with 4-bit output enables rev. 2 ? 15 december 2011 product data sheet
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 2 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables 3. ordering information [1] also known as qsop20 package 4. functional diagram table 1. ordering information type number package temperature range name description version 74CBTLV3244DS ? 40 ? c to +125 ? c ssop20 [1] plastic shrink small outline package; 20 leads; body width 3.9 mm; lead pitch 0.635 mm sot724-1 74cbtlv3244pw ? 40 ? c to +125 ? c tssop20 plastic thin shrink small outline package; 20 leads; body width 4.4 mm sot360-1 74cbtlv3244bq ? 40 ? c to +125 ? c dhvqfn20 plastic dual-in-line co mpatible thermal enhanced very thin quad flat package; no leads; 20 terminals; body 2.5 ? 4.5 ? 0.85 mm sot764-1 fig 1. logic symbol 001aan303 2 1 18 1b1 1a1 1oe 4 16 1b2 1a2 6 14 1b3 1a3 8 12 1b4 1a4 11 19 9 2b1 2a1 2oe 13 7 2b2 2a2 15 5 2b3 2a3 17 3 2b4 2a4 fig 2. logic diagram (one switch) 001aai099 nan nbn noe
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 3 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables 5. pinning information 5.1 pinning fig 3. pin configuration for tssop20 (sot360-1) f ig 4. pin configuration for ssop20 (sot724-1) 74cbtlv3244 1oe v cc 1a1 2oe 2b4 1b1 1a2 2a4 2b3 1b2 1a3 2a3 2b2 1b3 1a4 2a2 2b1 1b4 gnd 2a1 001aan304 1 2 3 4 5 6 7 8 9 10 12 11 14 13 16 15 18 17 20 19 74cbtlv3244 1oe v cc 1a1 2oe 2b4 1b1 1a2 2a4 2b3 1b2 1a3 2a3 2b2 1b3 1a4 2a2 2b1 1b4 gnd 2a1 001aan305 1 2 3 4 5 6 7 8 9 10 12 11 14 13 16 15 18 17 20 19 (1) this is not a supply pin. the substrat e is attached to this pad us ing conductive die attach mate rial. there is no electrical or mechanical requirement to solder this pad. however, if it is soldered, the solder land should remain floating or be connected t o gnd. fig 5. pin configuration for dhvqfn20 (sot764-1) 001aan306 74cbtlv3244 transparent top view 1b4 1a4 2b1 2a2 2b2 1b3 1a3 2a3 2b3 1b2 1a2 2a4 2b4 1b1 1a1 gnd (1) 2oe gnd 2a1 1oe v cc 9 12 8 13 7 14 6 15 5 16 4 17 3 18 2 19 10 11 1 20 terminal 1 index area
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 4 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables 5.2 pin description 6. functional description [1] h = high voltage level; l = low voltage level; z = high-impedance off-state. 7. limiting values [1] the minimum input and output voltage ratings may be exceed ed if the input and output current ratings are observed. [2] for ssop20 and tssop20 packages: above 60 ? c the value of p tot derates linearly at 5.5 mw/k. for dhvqfn20 packages: above 60 ? c the value of p tot derates linearly at 4.5 mw/k. table 2. pin description symbol pin description 1oe , 2oe 1, 19 output enable input (active low) 1a1 to 1a4 2, 4, 6, 8 data input/output (a port) 2b1 to 2b4 9, 7, 5, 3 data input/output (a port) gnd 10 ground (0 v) 2a1 to 2a4 11, 13, 15, 17 da ta input/output (b port) 1b1 to 1b4 18, 16, 14, 12 da ta input/output (b port) v cc 20 positive supply voltage table 3. function selection [1] input input/output noe nan, nbn lnan = nbn hz table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +4.6 v v i input voltage [1] ? 0.5 +4.6 v v sw switch voltage enable and disable mode [1] ? 0.5 v cc + 0.5 v i ik input clamping current v i < ? 0.5 v ? 50 - ma i sk switch clamping current v i < ? 0.5 v ? 50 - ma i sw switch current v sw = 0 v to v cc - ? 128 ma i cc supply current - +100 ma i gnd ground current ? 100 - ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation t amb = ? 40 ? cto+125? c [2] - 500 mw
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 5 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables 8. recommended operating conditions [1] applies to control signal levels. 9. static characteristics [1] all typical values are measured at t amb =25 ? c. [2] one input at 3 v, other inputs at v cc or gnd. table 5. recommended operating conditions symbol parameter conditions min max unit v cc supply voltage 2.3 3.6 v v i input voltage 0 3.6 v v sw switch voltage enable and disable mode 0 v cc v t amb ambient temperature ? 40 +125 ?c ? t/ ? v input transition rise and fall rate v cc = 2.3 v to 3.6 v [1] - 200 ns/v table 6. static characteristics at recommended operating conditions voltages are referenced to gnd (ground = 0 v). symbol parameter conditions t amb = ? 40 ? c to +85 ?c t amb = ? 40 ? c to +125 ?c unit min typ [1] max min max v ih high-level input voltage v cc = 2.3 v to 2.7 v 1.7 - - 1.7 - v v cc = 3.0 v to 3.6 v 2.0 - - 2.0 - v v il low-level input voltage v cc = 2.3 v to 2.7 v - - 0.7 - 0.7 v v cc = 3.0 v to 3.6 v - - 0.9 - 0.9 v i i input leakage current pin noe ; v i = gnd to v cc ; v cc =3.6v -- ? 1- ? 20 ? a i s(off) off-state leakage current v cc = 3.6 v; see figure 6 -- ? 1- ? 20 ? a i s(on) on-state leakage current v cc = 3.6 v; see figure 7 -- ? 1- ? 20 ? a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc =0v -- ? 10 - ? 50 ? a i cc supply current v i = gnd or v cc ; i o = 0 a; v sw =gndorv cc ; v cc =3.6v --10 - 50 ? a ? i cc additional supply current pin noe ; v i =v cc ? 0.6 v; v sw =gndorv cc ; v cc =3.6v [2] - - 300 - 2000 ? a c i input capacitance pin noe ; v cc = 3.3 v; v i =0vto3.3 v -0.9- - -pf c s(off) off-state capacitance v cc = 3.3 v; v i =0vto3.3 v - 5.2 - - - pf c s(on) on-state capacitance v cc = 3.3 v; v i = 0 v to 3.3 v - 14.3 - - - pf
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 6 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables 9.1 test circuits 9.2 on resistance [1] typical values are measured at t amb =25 ? c and nominal v cc . [2] measured by the voltage drop between the a and b terminals at the indicated current through the switch. on-state resistance is determined by the lower of the voltages of the two (a or b) terminals. v i = v cc or gnd and v o = gnd or v cc .v i = v cc or gnd and v o = open circuit. fig 6. test circuit for measuring off-state leakage current (one switch) fig 7. test circuit for measuring on-state leakage current (one switch) 001aam032 nbn noe v ih nan gnd v cc v l v o i s a i s a 001aam033 nan noe v il nbn gnd v cc v l v o i s a table 7. resistance r on at recommended operating conditions; voltages are refe renced to gnd (ground = 0 v); for test circuit see figure 8 . symbol parameter conditions t amb = ? 40 ? c to +85 ?c t amb = ? 40 ? c to +125 ?c unit min typ [1] max min max r on on resistance v cc = 2.3 v to 2.7 v; see figure 9 to figure 11 [2] i sw =64ma; v i = 0 v - 4.2 8.0 - 15.0 ? i sw =24 ma; v i = 0 v - 4.2 8.0 - 15.0 ? i sw = 15 ma; v i = 1.7 v - 8.4 40 - 60.0 ? v cc = 3.0 v to 3.6 v; see figure 12 to figure 14 i sw =64ma; v i =0v - 4.0 7.0 - 11.0 ? i sw =24 ma; v i =0v - 4.0 7.0 - 11.0 ? i sw = 15 ma; v i = 2.4 v - 6.2 15 - 25.5 ?
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 7 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables 9.3 on resistance test circuit and graphs r on =v sw / i sw .( 1 ) t amb = 125 ?c. (2) t amb = 85 ? c. (3) t amb = 25 ? c. (4) t amb = ?40 ? c. fig 8. test circuit for measuring on resistance (one switch) fig 9. on resistance as a function of input voltage; v cc = 2.5 v; i sw = 15 ma 001aam034 nan noe v il nbn gnd v cc v l v sw i sw v v i (v) 0 2.5 2.0 1.0 1.5 0.5 001aai109 7 5 9 11 r on () 3 (1) (3) (4) (2) (1) t amb = 125 ?c. (2) t amb = 85 ? c. (3) t amb = 25 ? c. (4) t amb = ?40 ? c. (1) t amb = 125 ?c. (2) t amb = 85 ? c. (3) t amb = 25 ? c. (4) t amb = ?40 ? c. fig 10. on resistance as a function of input voltage; v cc = 2.5 v; i sw = 24 ma fig 11. on resistance as a function of input voltage; v cc = 2.5 v; i sw = 64 ma v i (v) 0 2.5 2.0 1.0 1.5 0.5 001aai110 7 5 9 11 r on () 3 (1) (3) (4) (2) v i (v) 0 2.5 2.0 1.0 1.5 0.5 001aai111 7 5 9 11 r on () 3 (1) (3) (4) (2)
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 8 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables (1) t amb = 125 ?c. (2) t amb = 85 ? c. (3) t amb = 25 ? c. (4) t amb = ?40 ? c. (1) t amb = 125 ?c. (2) t amb = 85 ? c. (3) t amb = 25 ? c. (4) t amb = ?40 ? c. fig 12. on resistance as a function of input voltage; v cc = 3.3 v; i sw = 15 ma fig 13. on resistance as a function of input voltage; v cc = 3.3 v; i sw = 24 ma v i (v) 04 3 12 001aai105 4 6 8 r on () 2 (1) (4) (2) (3) v i (v) 04 3 12 001aai106 4 6 8 r on () 2 (1) (4) (2) (3) (1) t amb = 125 ?c. (2) t amb = 85 ? c. (3) t amb = 25 ? c. (4) t amb = ?40 ? c. fig 14. on resistance as a function of input voltage; v cc = 3.3 v; i sw = 64 ma v i (v) 04 3 12 001aai107 4.5 3.5 5.5 6.5 7.5 r on () 2.5 (1) (4) (2) (3)
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 9 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables 10. dynamic characteristics [1] all typical values are measured at t amb =25 ? c and at nominal v cc . [2] the propagation delay is the calculated rc time constant of the on-state resistance of the switch and the load capacitance, when driven by an ideal voltage source (zero output impedance). [3] t pd is the same as t plh and t phl . [4] t en is the same as t pzh and t pzl . [5] t dis is the same as t phz and t plz . 11. waveforms table 8. dynamic characteristics gnd = 0 v; for test circuit see figure 17 symbol parameter conditions t amb = ? 40 ? c to +85 ?c t amb = ? 40 ? c to +125 ?c unit min typ [1] max min max t pd propagation delay nan to nbn or nbn to nan; see figure 15 [2] [3] v cc = 2.3 v to 2.7 v - - 0.13 - 0.20 ns v cc = 3.0 v to 3.6 v - - 0.20 - 0.31 ns t en enable time noe to nan or nbn; see figure 16 [4] v cc = 2.3 v to 2.7 v 1.0 3.0 5.0 1.0 7.0 ns v cc = 3.0 v to 3.6 v 1.0 2.6 4.3 1.0 6.0 ns t dis disable time noe to nan or nbn; see figure 16 [5] v cc = 2.3 v to 2.7 v 1.0 2.6 5.5 1.0 7.5 ns v cc = 3.0 v to 3.6 v 1.0 3.2 5.5 1.0 7.5 ns measurement points are given in table 9 . logic levels: v ol and v oh are typical output voltage levels that occur with the output load. fig 15. the data input (nan, nbn) to output (nbn, nan) propagation delay times 001aak881 v m v m v m v m v i nan, nbn input gnd v oh nbn, nan output v ol t phl t plh table 9. measurement points supply voltage input output v cc v m v i t r = t f v m v x v y 2.3 v to 2.7 v 0.5v cc v cc ? 2.0 ns 0.5v cc v ol +0.15v v oh ? 0.15 v 3.0 v to 3.6 v 0.5v cc v cc ? 2.0 ns 0.5v cc v ol +0.3v v oh ? 0.3 v
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 10 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables measurement points are given in table 9 . logic levels: v ol and v oh are typical output voltage levels that occur with the output load. fig 16. enable and disable times 001aan307 gnd gnd v cc v ol v oh v i v m v m v m v y v x t plz t pzl t phz t pzh outputs disabled outputs enabled outputs enabled v m output low to off off to low output high to off off to high noe input
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 11 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables test data is given in table 10 . definitions for test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to the output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. fig 17. test circuit for measuring switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aae331 v ext v cc v i v o dut c l r t r l r l g table 10. test data supply voltage load v ext v cc c l r l t plh , t phl t pzh , t phz t pzl , t plz 2.3 v to 2.7 v 30 pf 500 ? open gnd 2v cc 3.0 v to 3.6 v 50 pf 500 ? open gnd 2v cc
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 12 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables 12. package outline fig 18. package outline sot724-1 (ssop20) unit a 1 a 2 a 3 h e l p b p cd (1) e (1) z (1) el y wv references outline version european projection issue date iec jedec jeita mm 0.25 0.10 1.55 1.40 0.25 0.31 0.20 0.25 0.18 8.8 8.6 4.0 3.8 0.635 1 6.2 5.8 0.89 0.41 1.67 1.28 8 0 o o 0.18 0.25 0.1 dimensions (millimetre dimensions are derived from the original inch dimensions) note 1. plastic or metal protrusions of 0.2 mm maximum per side are not included. sot724-1 01-07-04 03-02-18 w m b p d h e e z e c v m a x a y 1 10 20 11 a a 1 a 2 l p detail x l (a 3 ) mo-137 0 2.5 5 mm scale ssop20: plastic shrink small outline package; 20 leads; body width 3.9 mm; lead pitch 0.635 mm sot724-1 a max. 1.73 1/2 e
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 13 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables fig 19. package outline sot360-1 (tssop20) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 6.6 6.4 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.5 0.2 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot360-1 mo-153 99-12-27 03-02-19 w m b p d z e 0.25 11 0 20 11 pin 1 index a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm sot360-1 a max. 1.1
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 14 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables fig 20. package outline sot764-1 (dhvqfn20) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 4.6 4.4 d h 3.15 2.85 y 1 2.6 2.4 1.15 0.85 e 1 3.5 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot764-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot764-1 dhvqfn20: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 20 terminals; body 2.5 x 4.5 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 29 19 12 11 10 1 20 x d e c b a terminal 1 index area ac c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1) 02-10-17 03-01-27
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 15 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables 13. abbreviations 14. revision history table 11. abbreviations acronym description cdm charged device model cmos complementary metal-oxide semiconductor dut device under test esd electrostatic discharge hbm human body model table 12. revision history document id release date data sheet status change notice supersedes 74cbtlv3244 v.2 20111215 product data sheet - 74cbtlv3244 v.1 modifications: ? legal pages updated. 74cbtlv3244 v.1 20101228 product data sheet - -
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 16 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from competent authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74cbtlv3244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 15 december 2011 17 of 18 nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74cbtlv3244 8-bit bus switch with 4-bit output enables ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 15 december 2011 document identifier: 74cbtlv3244 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 6 functional description . . . . . . . . . . . . . . . . . . . 4 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 8 recommended operating conditions. . . . . . . . 5 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 9.1 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 9.2 on resistance . . . . . . . . . . . . . . . . . . . . . . . . . . 6 9.3 on resistance test circuit and graphs. . . . . . . . 7 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 9 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . 12 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 15 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 15 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 16 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 16 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 17 16 contact information. . . . . . . . . . . . . . . . . . . . . 17 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18


▲Up To Search▲   

 
Price & Availability of 74CBTLV3244DS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X