Part Number Hot Search : 
2102F RSB18V SB120 HEM554D S13D2 X9408 60B10 6LFXC
Product Description
Full Text Search
 

To Download 74AUP1G04GV-Q100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74aup1g04-q100 provides the single inverting buffer. schmitt-trigger action at all inputs makes the circuit tolerant to slower input rise and fall times across the entire v cc range from 0.8 v to 3.6 v. this device ensures a very low static and dynamic power consumption across the entire v cc range from 0.8 v to 3.6 v. this device is fully specified for pa rtial power-down applications using i off . the i off circuitry disables the output, preventin g the damaging backflow current through the device when it is powered down. this product has been qualified to the automotive electronics council (aec) standard q100 (grade 1) and is suitable for use in automotive applications. 2. features and benefits ? automotive product qualif ication in accordance with aec-q100 (grade 1) ? specified from ? 40 ? c to +85 ? c and from ? 40 ? c to +125 ? c ? wide supply voltage range from 0.8 v to 3.6 v ? high noise immunity ? complies with jedec standards: ? jesd8-12 (0.8 v to 1.3 v) ? jesd8-11 (0.9 v to 1.65 v) ? jesd8-7 (1.2 v to 1.95 v) ? jesd8-5 (1.8 v to 2.7 v) ? jesd8-b (2.7 v to 3.6 v) ? esd protection: ? mil-std-883, method 3015 class 3a. exceeds 5000 v ? hbm jesd22-a114f class 3a. exceeds 5000 v ? mm jesd22-a115-a exceeds 200 v (c = 200 pf, r = 0 ? ) ? low static power consumption; i cc = 0.9 ? a (maximum) ? latch-up performance exceeds 100 ma per jesd 78b class ii ? inputs accept voltages up to 3.6 v ? low noise overshoot and undershoot < 10 % of v cc ? i off circuitry provides partial power-down mode operation ? multiple package options 74aup1g04-q100 low-power inverter rev. 1 ? 18 november 2013 product data sheet
74aup1g04_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 18 november 2013 2 of 16 nxp semiconductors 74aup1g04-q100 low-power inverter 3. ordering information 4. marking [1] the pin 1 indicator is located on the lower left corner of the device, below the marking code. 5. functional diagram 6. pinning information 6.1 pinning table 1. ordering information type number package temperature range name description version 74aup1g04gw-q100 ? 40 ? c to +125 ? c tssop5 plastic thin shrink small outline package; 5 leads; body width 1.25 mm sot353-1 74AUP1G04GV-Q100 ? 40 ? cto+125 ? c sc-74a plastic surface-mounted package; 5 leads sot753 table 2. marking type number marking code [1] 74AUP1G04GV-Q100 p04 74aup1g04gw-q100 pc fig 1. logic symbol fig 2. iec logic symbol fig 3. logic diagram mna108 ay 2 4 mna109 4 1 2 mna110 a y fig 4. pin configuration sot353-1 and sot753 $83*4 qf 9 && $ *1' < ddd     
74aup1g04_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 18 november 2013 3 of 16 nxp semiconductors 74aup1g04-q100 low-power inverter 6.2 pin description 7. functional description [1] h = high voltage level; l = low voltage level. 8. limiting values [1] the minimum input and output voltage ratings may be exceed ed if the input and output current ratings are observed. [2] for tssop5 and sc-74a packages: above 87.5 ? c the value of p tot derates linearly with 4.0 mw/k. table 3. pin description symbol pin description n.c. 1 not connected a 2 data input gnd 3 ground (0 v) y 4 data output v cc 5 supply voltage table 4. function table [1] input output a y lh hl table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +4.6 v i ik input clamping current v i <0v ? 50 - ma v i input voltage [1] ? 0.5 +4.6 v i ok output clamping current v o <0v ? 50 - ma v o output voltage active mode [1] ? 0.5 v cc +0.5 v power-down mode [1] ? 0.5 +4.6 v i o output current v o =0 vtov cc - ? 20 ma i cc supply current - +50 ma i gnd ground current ? 50 - ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation t amb = ? 40 ? c to +125 ? c [2] - 250 mw
74aup1g04_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 18 november 2013 4 of 16 nxp semiconductors 74aup1g04-q100 low-power inverter 9. recommended operating conditions 10. static characteristics table 6. recommended operating conditions symbol parameter conditions min max unit v cc supply voltage 0.8 3.6 v v i input voltage 0 3.6 v v o output voltage active mode 0 v cc v power-down mode; v cc =0v 0 3.6 v t amb ambient temperature ? 40 +125 ?c ? t/ ? v input transition rise and fall rate v cc = 0.8 v to 3.6 v 0 200 ns/v table 7. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb = 25 ?c v ih high-level input voltage v cc = 0.8 v 0.70 ? v cc -- v v cc = 0.9 v to 1.95 v 0.65 ? v cc -- v v cc = 2.3 v to 2.7 v 1.6 - - v v cc = 3.0 v to 3.6 v 2.0 - - v v il low-level input voltage v cc = 0.8 v - - 0.30 ? v cc v v cc = 0.9 v to 1.95 v - - 0.35 ? v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 3.0 v to 3.6 v - - 0.9 v v oh high-level output voltage v i = v ih or v il i o = ? 20 ? a; v cc = 0.8 v to 3.6 v v cc ? 0.1 - - v i o = ? 1.1 ma; v cc = 1.1 v 0.75 ? v cc -- v i o = ? 1.7 ma; v cc = 1.4 v 1.11 - - v i o = ? 1.9 ma; v cc = 1.65 v 1.32 - - v i o = ? 2.3 ma; v cc = 2.3 v 2.05 - - v i o = ? 3.1 ma; v cc = 2.3 v 1.9 - - v i o = ? 2.7 ma; v cc = 3.0 v 2.72 - - v i o = ? 4.0 ma; v cc = 3.0 v 2.6 - - v v ol low-level output voltage v i = v ih or v il i o = 20 ? a; v cc = 0.8 v to 3.6 v - - 0.1 v i o = 1.1 ma; v cc = 1.1 v - - 0.3 ? v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.31 v i o = 1.9 ma; v cc = 1.65 v - - 0.31 v i o = 2.3 ma; v cc = 2.3 v - - 0.31 v i o = 3.1 ma; v cc = 2.3 v - - 0.44 v i o = 2.7 ma; v cc = 3.0 v - - 0.31 v i o = 4.0 ma; v cc = 3.0 v - - 0.44 v
74aup1g04_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 18 november 2013 5 of 16 nxp semiconductors 74aup1g04-q100 low-power inverter i i input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - ? 0.1 ? a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - ? 0.2 ? a ? i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc =0vto0.2v -- ? 0.2 ? a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 0.8 v to 3.6 v --0.5 ? a ? i cc additional supply current v i = v cc ? 0.6 v; i o = 0 a; v cc =3.3v --40 ? a c i input capacitance v cc = 0 v to 3.6 v; v i = gnd or v cc -0 . 8-p f c o output capacitance v o = gnd; v cc = 0 v - 1.7 - pf t amb = ? 40 ?c to +85 ?c v ih high-level input voltage v cc = 0.8 v 0.70 ? v cc -- v v cc = 0.9 v to 1.95 v 0.65 ? v cc -- v v cc = 2.3 v to 2.7 v 1.6 - - v v cc = 3.0 v to 3.6 v 2.0 - - v v il low-level input voltage v cc = 0.8 v - - 0.30 ? v cc v v cc = 0.9 v to 1.95 v - - 0.35 ? v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 3.0 v to 3.6 v - - 0.9 v v oh high-level output voltage v i = v ih or v il i o = ? 20 ? a; v cc = 0.8 v to 3.6 v v cc ? 0.1 - - v i o = ? 1.1 ma; v cc = 1.1 v 0.7 ? v cc -- v i o = ? 1.7 ma; v cc = 1.4 v 1.03 - - v i o = ? 1.9 ma; v cc = 1.65 v 1.30 - - v i o = ? 2.3 ma; v cc = 2.3 v 1.97 - - v i o = ? 3.1 ma; v cc = 2.3 v 1.85 - - v i o = ? 2.7 ma; v cc = 3.0 v 2.67 - - v i o = ? 4.0 ma; v cc = 3.0 v 2.55 - - v v ol low-level output voltage v i = v ih or v il i o = 20 ? a; v cc = 0.8 v to 3.6 v - - 0.1 v i o = 1.1 ma; v cc = 1.1 v - - 0.3 ? v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.37 v i o = 1.9 ma; v cc = 1.65 v - - 0.35 v i o = 2.3 ma; v cc = 2.3 v - - 0.33 v i o = 3.1 ma; v cc = 2.3 v - - 0.45 v i o = 2.7 ma; v cc = 3.0 v - - 0.33 v i o = 4.0 ma; v cc = 3.0 v - - 0.45 v i i input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - ? 0.5 ? a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - ? 0.5 ? a ? i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc =0vto0.2v -- ? 0.6 ? a table 7. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
74aup1g04_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 18 november 2013 6 of 16 nxp semiconductors 74aup1g04-q100 low-power inverter i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 0.8 v to 3.6 v --0 . 9 ? a ? i cc additional supply current v i = v cc ? 0.6 v; i o = 0 a; v cc =3.3v --50 ? a t amb = ? 40 ? c to +125 ?c v ih high-level input voltage v cc = 0.8 v 0.75 ? v cc -- v v cc = 0.9 v to 1.95 v 0.70 ? v cc -- v v cc = 2.3 v to 2.7 v 1.6 - - v v cc = 3.0 v to 3.6 v 2.0 - - v v il low-level input voltage v cc = 0.8 v - - 0.25 ? v cc v v cc = 0.9 v to 1.95 v - - 0.30 ? v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 3.0 v to 3.6 v - - 0.9 v v oh high-level output voltage v i = v ih or v il i o = ? 20 ? a; v cc = 0.8 v to 3.6 v v cc ? 0.11 - - v i o = ? 1.1 ma; v cc = 1.1 v 0.6 ? v cc -- v i o = ? 1.7 ma; v cc = 1.4 v 0.93 - - v i o = ? 1.9 ma; v cc = 1.65 v 1.17 - - v i o = ? 2.3 ma; v cc = 2.3 v 1.77 - - v i o = ? 3.1 ma; v cc = 2.3 v 1.67 - - v i o = ? 2.7 ma; v cc = 3.0 v 2.40 - - v i o = ? 4.0 ma; v cc = 3.0 v 2.30 - - v v ol low-level output voltage v i = v ih or v il i o = 20 ? a; v cc = 0.8 v to 3.6 v - - 0.11 v i o = 1.1 ma; v cc = 1.1 v - - 0.33 ? v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.41 v i o = 1.9 ma; v cc = 1.65 v - - 0.39 v i o = 2.3 ma; v cc = 2.3 v - - 0.36 v i o = 3.1 ma; v cc = 2.3 v - - 0.50 v i o = 2.7 ma; v cc = 3.0 v - - 0.36 v i o = 4.0 ma; v cc = 3.0 v - - 0.50 v i i input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - ? 0.75 ? a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - ? 0.75 ? a ? i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc =0vto0.2v -- ? 0.75 ? a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 0.8 v to 3.6 v --1.4 ? a ? i cc additional supply current v i = v cc ? 0.6 v; i o = 0 a; v cc =3.3v --75 ? a table 7. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
74aup1g04_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 18 november 2013 7 of 16 nxp semiconductors 74aup1g04-q100 low-power inverter 11. dynamic characteristics table 8. dynamic characteristics voltages are referenced to gnd (ground = 0 v); for test circuit, see figure 6 symbol parameter conditions min typ [1] max unit t amb = 25 ?c; c l = 5 pf t pd propagation delay a to y; see figure 5 [2] v cc = 0.8 v - 16.0 - ns v cc = 1.1 v to 1.3 v 2.4 5.0 10.3 ns v cc = 1.4 v to 1.6 v 1.8 3.6 6.4 ns v cc = 1.65 v to 1.95 v 1.5 2.9 5.0 ns v cc = 2.3 v to 2.7 v 1.2 2.4 3.9 ns v cc = 3.0 v to 3.6 v 1.1 2.1 3.2 ns t amb = 25 ?c; c l = 10 pf t pd propagation delay a to y; see figure 5 [2] v cc = 0.8 v - 19.8 - ns v cc = 1.1 v to 1.3 v 2.8 5.9 12.2 ns v cc = 1.4 v to 1.6 v 2.3 4.2 7.5 ns v cc = 1.65 v to 1.95 v 2.0 3.5 5.9 ns v cc = 2.3 v to 2.7 v 1.7 2.9 4.6 ns v cc = 3.0 v to 3.6 v 1.6 2.7 3.8 ns t amb = 25 ?c; c l = 15 pf t pd propagation delay a to y; see figure 5 [2] v cc = 0.8 v - 23.3 - ns v cc = 1.1 v to 1.3 v 3.2 6.7 13.0 ns v cc = 1.4 v to 1.6 v 2.6 4.7 8.6 ns v cc = 1.65 v to 1.95 v 2.3 4.0 6.7 ns v cc = 2.3 v to 2.7 v 2.1 3.3 5.1 ns v cc = 3.0 v to 3.6 v 2.0 3.1 4.2 ns t amb = 25 ?c; c l = 30 pf t pd propagation delay a to y; see figure 5 [2] v cc = 0.8 v - 33.6 - ns v cc = 1.1 v to 1.3 v 4.4 8.9 16.0 ns v cc = 1.4 v to 1.6 v 3.6 6.3 10.8 ns v cc = 1.65 v to 1.95 v 3.2 5.3 9.0 ns v cc = 2.3 v to 2.7 v 2.9 4.5 6.5 ns v cc = 3.0 v to 3.6 v 2.9 4.2 5.4 ns
74aup1g04_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 18 november 2013 8 of 16 nxp semiconductors 74aup1g04-q100 low-power inverter [1] all typical values are measured at nominal v cc . [2] t pd is the same as t plh and t phl . [3] c pd is used to determine the dynamic power dissipation (p d in ? w). p d =c pd ? v cc 2 ? f i ? n+ ? (c l ? v cc 2 ? f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l ? v cc 2 ? f o ) = sum of the outputs. t amb = 25 ?c c pd power dissipation capacitance f = 1 mhz; v i = gnd to v cc [3] v cc = 0.8 v - 2.5 - pf v cc = 1.1 v to 1.3 v - 2.7 - pf v cc = 1.4 v to 1.6 v - 2.8 - pf v cc = 1.65 v to 1.95 v - 3.0 - pf v cc = 2.3 v to 2.7 v - 3.5 - pf v cc = 3.0 v to 3.6 v - 4.0 - pf table 8. dynamic characteristics ?continued voltages are referenced to gnd (ground = 0 v); for test circuit, see figure 6 symbol parameter conditions min typ [1] max unit table 9. dynamic characteristics voltages are referenced to gnd (ground = 0 v); for test circuit, see figure 6 symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min max min max c l = 5 pf t pd propagation delay a to y; see figure 5 [1] v cc = 1.1 v to 1.3 v 2.1 11.4 2.1 12.6 ns v cc = 1.4 v to 1.6 v 1.6 7.4 1.6 8.2 ns v cc = 1.65 v to 1.95 v 1.4 5.9 1.4 6.5 ns v cc = 2.3 v to 2.7 v 1.1 4.5 1.1 5.0 ns v cc = 3.0 v to 3.6 v 1.0 3.9 1.0 4.3 ns c l = 10 pf t pd propagation delay a to y; see figure 5 [1] v cc = 1.1 v to 1.3 v 2.6 13.7 2.6 15.1 ns v cc = 1.4 v to 1.6 v 2.1 8.7 2.1 9.6 ns v cc = 1.65 v to 1.95 v 1.8 7.0 1.8 7.7 ns v cc = 2.3 v to 2.7 v 1.5 5.4 1.5 6.0 ns v cc = 3.0 v to 3.6 v 1.4 4.5 1.4 5.0 ns
74aup1g04_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 18 november 2013 9 of 16 nxp semiconductors 74aup1g04-q100 low-power inverter [1] t pd is the same as t plh and t phl . 12. waveforms c l = 15 pf t pd propagation delay a to y; see figure 5 [1] v cc = 1.1 v to 1.3 v 3.0 15.8 3.0 17.4 ns v cc = 1.4 v to 1.6 v 2.4 10.0 2.4 11.0 ns v cc = 1.65 v to 1.95 v 2.1 8.0 2.1 8.8 ns v cc = 2.3 v to 2.7 v 1.8 6.1 1.8 6.8 ns v cc = 3.0 v to 3.6 v 1.8 5.0 1.8 5.5 ns c l = 30 pf t pd propagation delay a to y; see figure 5 [1] v cc = 1.1 v to 1.3 v 4.0 19.0 4.0 20.9 ns v cc = 1.4 v to 1.6 v 3.2 12.9 3.2 14.2 ns v cc = 1.65 v to 1.95 v 2.9 10.5 2.9 11.6 ns v cc = 2.3 v to 2.7 v 2.6 7.6 2.6 8.4 ns v cc = 3.0 v to 3.6 v 2.6 6.2 2.6 6.9 ns table 9. dynamic characteristics ?continued voltages are referenced to gnd (ground = 0 v); for test circuit, see figure 6 symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min max min max measurement points are given in table 10 . logic levels: v ol and v oh are typical output voltage levels that occur with the output load. fig 5. the data input (a) to output (y) propagation delays mna640 t phl t plh v m v m a input y output gnd v i v oh v ol table 10. measurement points supply voltage output input v cc v m v m v i t r = t f 0.8 v to 3.6 v 0.5 ? v cc 0.5 ? v cc v cc ? 3.0 ns
74aup1g04_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 18 november 2013 10 of 16 nxp semiconductors 74aup1g04-q100 low-power inverter [1] for measuring enable and disable times, r l = 5 k ? . for measuring propagation delays, setup and hold times, and pulse width r l =1m ? . test data is given in table 11 . definitions for test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance r t = termination resistance should be equal to the output impedance z o of the pulse generator v ext = external voltage for measuring switching times. fig 6. load circuitry for switching times 001aac521 dut r t v i v o v ext v cc r l 5 k c l g table 11. test data supply voltage load v ext v cc c l r l [1] t plh , t phl t pzh , t phz t pzl , t plz 0.8 v to 3.6 v 5 pf, 10 pf, 15 pf and 30 pf 5 k ? or 1 m ? open gnd 2 ? v cc
74aup1g04_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 18 november 2013 11 of 16 nxp semiconductors 74aup1g04-q100 low-power inverter 13. package outline fig 7. package outline sot353-1 (tssop5) unit a 1 a max. a 2 a 3 b p lh e l p wy v ce d (1) e (1) z (1) references outline version european projection issue date iec jedec jeita mm 0.1 0 1.0 0.8 0.30 0.15 0.25 0.08 2.25 1.85 1.35 1.15 0.65 e 1 1.3 2.25 2.0 0.60 0.15 7 0 0.1 0.1 0.3 0.425 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 0.46 0.21 sot353-1 mo-203 sc-88a 00-09-01 03-02-19 w m b p d z e e 1 0.15 13 5 4 a a 2 a 1 l p (a 3 ) detail x l h e e c v m a x a y 1.5 3 mm 0 scale tssop5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm sot353-1 1.1
74aup1g04_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 18 november 2013 12 of 16 nxp semiconductors 74aup1g04-q100 low-power inverter fig 8. package outline sot753 (sc-74a) references outline version european projection issue date iec jedec jeita sot753 sc-74a wb m b p d e a a 1 l p q detail x h e e v m a a b y 0 1 2 mm scale c x 13 2 4 5 plastic surface-mounted package; 5 leads sot753 unit a 1 b p cd e h e l p qy wv mm 0.100 0.013 0.40 0.25 3.1 2.7 0.26 0.10 1.7 1.3 e 0.95 3.0 2.5 0.2 0.1 0.2 dimensions (mm are the original dimensions) 0.6 0.2 0.33 0.23 a 1.1 0.9 02-04-16 06-03-16
74aup1g04_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 18 november 2013 13 of 16 nxp semiconductors 74aup1g04-q100 low-power inverter 14. abbreviations 15. revision history table 12. abbreviations acronym description cdm charged device model dut device under test esd electrostatic discharge hbm human body model mil military mm machine model table 13. revision history document id release date data sheet status change notice supersedes 74aup1g04_q100 v.1 20131118 product data sheet - -
74aup1g04_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 18 november 2013 14 of 16 nxp semiconductors 74aup1g04-q100 low-power inverter 16. legal information 16.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 16.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 16.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qualified for use in automotive applications. unless otherwise agreed in writing, the product is not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74aup1g04_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 18 november 2013 15 of 16 nxp semiconductors 74aup1g04-q100 low-power inverter no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any licens e under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 16.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 17. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74aup1g04-q100 low-power inverter ? nxp b.v. 2013. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 18 november 2013 document identifier: 74aup1g04_q100 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 functional description . . . . . . . . . . . . . . . . . . . 3 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 9 recommended operating conditions. . . . . . . . 4 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 4 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 7 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . 11 14 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 13 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 13 16 legal information. . . . . . . . . . . . . . . . . . . . . . . 14 16.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 14 16.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 16.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 16.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 15 17 contact information. . . . . . . . . . . . . . . . . . . . . 15 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16


▲Up To Search▲   

 
Price & Availability of 74AUP1G04GV-Q100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X