|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
unit: mm sod-323 1.7 +0.1 -0.1 2.6 +0.1 -0.1 1.3 +0.1 -0.1 0.1 +0.05 -0.02 0.475 0.375 0.3 +0.05 -0.05 0.85 +0.05 -0.05 1.0max 1PS76SB62 features ultra high swiching speed very low capacitance high breakdown voltage guard ring protected two pin very small plastic smd package. absolute maximum ratings ta = 25 paramater symbol min max unit continuous reverse voltage v r 4v continuous forward current i f 20 ma storage temperature t stg -65 +150 junction temperature t j 125 operating ambient temperature t amb -65 +125 marking marking s6 electrical characteristics ta = 25 paramater symbol conditions max unit forward voltage v f i f = 2 ma;note 1 800 mv reverse current i r v r =40v;note1 1 a diode capacitance c d v r =0v;f=1mhz 0.6 pf thermal resistance from junction to ambient r thj-a 450 k/w note: 1.pulse test: pulse width = 300 s; ? = 0.02. sales@twtysemi.com 1 of 1 http://www.twtysemi.com product specification 4008-318-123
|
Price & Availability of 1PS76SB62 |