Part Number Hot Search : 
SMB137B LTC31 CY7C027V X748AC STM32F1 FFM1000W C3001 F4623
Product Description
Full Text Search
 

To Download 1PS76SB10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unit: mm sod-323 1.7 +0.1 -0.1 2.6 +0.1 -0.1 1.3 +0.1 -0.1 0.1 +0.05 -0.02 0.475 0.375 0.3 +0.05 -0.05 0.85 +0.05 -0.05 1.0max 1PS76SB10 features low forward volatge guard ring protected very small plastic smd package. marking marking s0 absolute maximum ratings ta = 25 paramater symbol conditions min max unit continuous reverse voltage v r 30 v continuous forward current v f 200 ma repetitive peak forward current t frm tp 1s;? 0.5 300 ma non-reetitiive peak forward current t fsm tp < 10 ms 600 ma storage temperature t stg -65 +150 junction temperature t j 125 operating ambient temperature t amb -65 +125 electrical characteristics ta = 25 paramater symbol conditions max unit i f =0.1ma 240 i f =1ma 320 i f =10ma 400 i f =30ma 500 i f = 100 m a 800 reverse current i r v r =25v;note1; 2 a diode capacitance c d f= 1mhz;v r =1v; 10 pf note 1. pulsed test: tp = 300 s; ? = 0.02. forward volatge v f mv sales@twtysemi.com 1 of 1 http://www.twtysemi.com product specification 4008-318-123


▲Up To Search▲   

 
Price & Availability of 1PS76SB10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X