156 pum-si www.vishay.com vishay bccomponents revision: 15-oct-13 1 document number: 28337 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 aluminum capacitors power ultra miniature snap-in fig. 1 features ? long useful life: 5000 h at 85 c ?low esr ? polarized aluminum electrolytic capacitors, non-solid electrolyte ? large types, very small dimensions, cylindrical aluminum case, insulated with a blue sleeve ? charge and discharge proof ? high ripple current capability ? keyed polarity version available ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? general purpose, industri al and audio/video systems ? smoothing and filtering ? standard and switched mode power supplies ? energy storage in pulse systems marking the capacitors are marked (where possible) with the following information: ? rated capacitance (in f) ? tolerance code on rated capacitance, code letter in accordance with iec 60062 (m for 20 %) ? rated voltage (in v) ? date code (yymm) ? name of manufacturer ? code for factory of origin ? - sign to identify the nega tive terminal, visible from the top and side of the capacitor ? code number ? climatic category in accordance with iec 60068 quick reference data description value nominal case size ? (? d x l in mm) 22 x 25 to 35 x 60 rated capacitance range (e6 series), c r 1000 f to 22 000 f tolerance on c r 20 % rated voltage range, u r 10 v to 100 v category temperature ra nge -40 c to +85 c endurance test at 85 c 2000 h useful life at 85 c 5000 h useful life at 40 c and ? 1.4 x i r applied 90 000 h shelf life at 0 v, 85 c 500 h based on sectional ? specification iec 60384-4/en130300 climatic category iec 60068 40/085/56 056/057 p s m- s i 156 pum- s i 157 pum- s i miniaturized high voltage selection chart for c r , u r , and relevant nominal case sizes (? d x l in mm) c r (f) u r (v) 16 25 40 50 63 80 100 1000------22 x 30 1200------22 x 35 1500 - - - - 22 x 25 22 x 30 25 x 30 1800 - - - - 25 x 25 - - 2200 - - - 22 x 25 22 x 30 25 x 30 25 x 40 - - - - 25 x 25 - 30 x 30 2700 - - 22 x 25 - 25 x 30 - 30 x 35 3300 - - 22 x 30 22 x 30 25 x 35 25 x 40 30 x 40 - - 25 x 25 - - - 35 x 30 3900 - - - 25 x 30 25 x 40 - - 4700 - - 25 x 30 25 x 35 22 x 50 30 x 40 30 x 50 - 22 x 25 - - 30 x 30 - 35 x 40
156 pum-si www.vishay.com vishay bccomponents revision: 15-oct-13 2 document number: 28337 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters and available forms two terminal snap-in fig. 2 - two terminal snap-in fig. 3 - mounting hole diagram three terminal snap-in fig. 4 - three terminal snap-in fig. 5 - mounting hole diagram 5600 - 25 x 25 - 25 x 40 30 x 35 - - 6800 - - 25 x 40 30 x 30 30 x 40 30 x 50 35 x 50 8200 - - 30 x 30 30 x 35 30 x 50 - 35 x 60 10 000 25 x 30 22 x 40 30 x 35 30 x 40 35 x 40 35 x 50 - 12 000 - 25 x 40 30 x 40 30 x 50 35 x 50 - - 15 000 25 x 40 30 x 35 30 x 50 - 35 x 60 - - 30 x 30------ 18 000 - 30 x 40 35 x 40 35 x 50 - - - 22 000 30 x 35 - 35 x 50 35 x 60 - - - 27 000 - 35 x 40 - - - - - 39 000 35 x 40 - - - - - - selection chart for c r , u r , and relevant nominal case sizes (? d x l in mm) c r (f) u r (v) 16 25 40 50 63 80 100 + terminal - terminal l bottom view 5.8 mm + 0 - 1 ? d l + 2 max. the minu s terminal can be marked with a black dot or with an imprinted - s ign. ? 2 0.1 (2 x) 10 0.1 ? d l + 2 max. 4 0.5 l the negative terminal ha s two pin s which are both electrically connected. bottom view minu s pole marking + terminal - terminal ? 2 0.1 (2 x) ? 2.5 0.1 3.3 0.1 4.75 0.1 10 0.1 the 10 mm s pacing of the 2 pin s nap-in i s u s ed a s the ba s e layout and a third hole i s added. the third hole i s clo s er to the negative primary hole s o that polarization i s alway s maintained, together with added mechanical s tability.
156 pum-si www.vishay.com vishay bccomponents revision: 15-oct-13 3 document number: 28337 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 1 note ? unless otherwise specified, all electrical values in table 2 apply at t amb = 20 c, p = 86 kpa to 106 kpa, rh = 45 % to 75 % ordering example electrolytic capacitor 156 series 1000 f/25 v; 20 % nominal case size: ? 25 x 40 mm 2-terminal snap-in: ordering code: mal2 156 26123 e3 ? former 12nc: 2222 156 26123 3-terminal snap-in: ordering code: mal2 156 66123 e3 ? former 12nc: 2222 156 66123 table 2 dimensions in millimeters, mass and packaging quantities nominal case size ? d x l ? d max. (mm) l max. (mm) mass (g) packaging quantities (units per box) cardboard box dimensions l x w x h 22 x?25 23 27 ? 12 100 260 x 250?x 39 22 x 30 23 32 ? 16 100 260 x 250 x 44 22 x 35 23 37 ? 20 100 260 x 250 x 49 22 x 40 23 42 ? 23 100 260 x 250 x 54 22 x 50 23 52 ? 29 100 260 x 250 x 64 25 x 25 26 27 ? 20 100 290 x 280 x 39 25 x 30 26 32 ? 22 100 290 x 280 x 44 25 x 35 26 37 ? 24 100 290 x 280 x 49 25 x 40 26 42 ? 27 100 290 x 280 x 54 30 x 30 31 32 ? 30 100 340 x 330 x 44 30 x 35 31 37 ? 35 100 340 x 330 x 49 30 x 40 31 42 ? 42 100 340 x 330 x 54 30 x 50 31 52 ? 52 100 340 x 330 x 64 35 x 30 36 32 ? 40 50 390 x 198 x 44 35 x 40 36 42 ? 55 50 390 x 198 x 54 35 x 50 36 52 ? 72 50 390 x 198 x 64 35 x 60 36 62 ? 84 50 390 x 198 x 74 electrical data symbol description c r rated capacitance at 100 hz i r rated rms ripple current at 100 hz and 85 c i l1 max. leakage current after 1 min at u r esr max. equivalent seri es resistance at 100 hz z max. impedance at 10 khz electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 100 hz 85 c (a) i l5 5 min (a) max. esr 100 hz (m ? ) max. z 10 khz (m ? ) ordering code mal2156....... 2-term. 3-term. 16 10 000 25 x 30 3.93 324 49 33 25103e3 65103e3 15 000 25 x 40 4.98 484 36 26 35153e3 75153e3 18 000 30 x 30 4.12 580 53 33 35183e3 75183e3 22 000 30 x 35 4.71 708 44 29 25223e3 65223e3 39 000 35 x 40 5.17 1252 45 26 25393e3 65393e3 25 4700 22 x 25 2.37 239 100 90 16472e3 56472e3 5600 25 x 25 3.03 284 74 46 26562e3 66562e3 10 000 22 x 40 4.40 504 41 27 16103e3 56103e3 12 000 25 x 40 4.73 604 40 27 26123e3 66123e3 15 000 30 x 35 4.55 754 47 31 26153e3 66153e3 18 000 30 x 40 5.06 904 41 27 16183e3 56183e3 27 000 35 x 40 5.04 1354 47 27 26273e3 66273e3
156 pum-si www.vishay.com vishay bccomponents revision: 15-oct-13 4 document number: 28337 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 40 2700 22 x 25 2.47 220 97 57 17272e3 57272e3 3300 22 x 30 2.98 268 74 43 27332e3 67332e3 3300 25 x 25 2.69 268 93 58 17332e3 57332e3 4700 25 x 30 3.32 380 68 44 27472e3 67472e3 6800 25 x 40 4.26 548 49 33 37682e3 77682e3 8200 30 x 30 3.49 660 74 44 37822e3 77822e3 10 000 30 x 35 4.02 804 60 38 17103e3 57103e3 12 000 30 x 40 4.49 964 52 33 17123e3 57123e3 15 000 30 x 50 5.39 1204 41 28 37153e3 77153e3 18 000 35 x 40 4.39 1444 62 33 17183e3 57183e3 22 000 35 x 50 5.34 1764 47 28 27223e3 67223e3 50 2200 22 x 25 2.34 224 107 62 11222e3 51222e3 3300 22 x 30 2.92 334 76 46 11332e3 51332e3 3900 25 x 30 3.17 394 74 47 21392e3 61392e3 4700 25 x 35 3.64 474 62 40 21472e3 61472e3 5600 25 x 40 4.09 564 53 35 21562e3 61562e3 6800 30 x 30 3.35 684 79 48 21682e3 61682e3 8200 30 x 35 3.88 824 65 40 21822e3 61822e3 10 000 30 x 40 4.32 1004 56 35 11103e3 51103e3 12 000 30 x 50 5.23 1204 43 29 11123e3 51123e3 18 000 35 x 50 5.18 1804 50 29 11183e3 51183e3 22 000 35 x 60 5.97 2204 51 46 11223e3 51223e3 63 1500 22 x 25 2.13 193 128 68 18152e3 58152e3 1800 25 x 25 2.37 231 120 69 18182e3 58182e3 2200 22 x 30 2.66 281 92 50 18222e3 58222e3 2200 25 x 25 2.42 281 115 70 28222e3 68222e3 2700 25 x 30 2.95 344 86 51 28272e3 68272e3 3300 25 x 35 3.39 420 71 43 28332e3 68332e3 3900 25 x 40 3.81 495 61 37 28392e3 68392e3 4700 22 x 50 4.26 596 50 30 18472e3 58472e3 4700 30 x 30 3.25 596 85 53 38472e3 78472e3 5600 30 x 35 3.75 710 69 45 28562e3 68562e3 6800 30 x 40 4.19 861 59 39 18682e3 58682e3 6800 35 x 30 3.28 861 97 53 28682e3 68682e3 8200 30 x 50 5.05 1037 46 32 38822e3 78822e3 10 000 35 x 40 4.23 1264 67 39 18103e3 58103e3 12 000 35 x 50 5.15 1516 51 32 18123e3 58123e3 15 000 35 x 60 5.89 1894 52 47 18153e3 58153e3 80 1500 22 x 30 1.83 244 318 308 12152e3 52152e3 2200 25 x 30 2.23 356 230 224 22222e3 62222e3 3300 25 x 40 2.92 532 155 152 22332e3 62332e3 4700 30 x 40 3.44 756 121 119 12472e3 52472e3 6800 30 x 50 4.18 1092 88 87 12682e3 52682e3 10 000 35 x 50 4.51 1604 74 73 12103e3 52103e3 100 1000 22 x 30 1.72 204 338 312 19102e3 59102e3 1200 22 x 35 1.98 244 282 261 29122e3 59122e3 1500 25 x 30 2.12 304 239 223 29152e3 69152e3 2200 25 x 40 2.77 444 164 154 29222e3 69222e3 2200 30 x 30 2.55 444 181 171 39222e3 79222e3 2700 30 x 35 2.94 544 148 140 29272e3 69272e3 3300 30 x 40 3.32 664 123 116 19332e3 59332e3 3300 35 x 30 2.84 664 147 140 29332e3 69332e3 4700 30 x 50 4.04 944 90 86 19472e3 59472e3 4700 35 x 40 3.67 944 102 98 29472e3 69472e3 6800 35 x 50 4.39 1364 76 73 19682e3 59682e3 8200 35 x 60 5.21 1644 63 61 19822e3 59822e3 electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) i r 100 hz 85 c (a) i l5 5 min (a) max. esr 100 hz (m ? ) max. z 10 khz (m ? ) ordering code mal2156....... 2-term. 3-term.
156 pum-si www.vishay.com vishay bccomponents revision: 15-oct-13 5 document number: 28337 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ripple current and useful life fig. 6 - multiplier of useful life as a function of ambient temperature and ripple current load additional electrical data parameter conditions value voltage surge voltage u s = 1.15 x u r reverse voltage u rev ? 1 v current leakage current after 1 min at u r i l1 ? 0.006 c r x u r + 4 a after 5 min at u r i l5 ? 0.002 c r x u r + 4 a inductance equivalent series inductance (esl) all case sizes typ. 19 nh max. 25 nh mga453 2.4 2.3 2.2 2.1 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.8 0.5 0.0 i a i r 40 50 60 70 80 90 t amb (c) life multiplier 60 45 30 20 15 10 8 5 4 3 2.5 2 1.5 1.2 1 (1) i a = actual ripple current at 100 hz i r = rated ripple current at 100 hz and 85 c (1) u s eful life at 85 c and i r applied: 5000 h
156 pum-si www.vishay.com vishay bccomponents revision: 15-oct-13 6 document number: 28337 for technical questions, contact: aluminumcaps2@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 table 3 table 4 multiplier of ripple current (i r ) as a function of frequency frequency (hz) i r multiplier u r = 10 v to 25 v u r = 40 v to 100 v 50 0.93 0.91 100 1.00 1.00 200 1.04 1.05 400 1.07 1.09 1000 1.11 1.13 2000 1.13 1.15 4000 1.15 1.18 ?? 10 000 1.18 1.22 test procedures and requirements test procedure (quick reference) requirements name of test reference endurance iec 60384-4/en130300 ? subclause 4.13 t amb = 85 c; u r applied: 2000 h ? c/c: 15 % esr ?? 1.3 x spec. limit z ? 2 x spec. limit i l5 ? spec. limit useful life cecc 30301 ? subclause 1.8.1 t amb = 85 c; u r and i r applied: 5000 h ? c/c: 15 % esr ? 3 x spec. limit z ? 3 x spec. limit i l5 ? spec. limit no short or open circuit, ? no visible damage total failure percentage: ? 1 % shelf life ? (storage at ? high temperature) iec 60384-4/en130300 ? subclause 4.17 t amb = 85 c; no voltage applied; 500 h after test: u r to be applie d for 30 min, ? 24 h to 48 h before measurement ? c/c: 10 % esr ? 1.2 x spec. limit i l5 ? 2 x spec. limit
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
|