Part Number Hot Search : 
NLAS5213 M50179P MM3006 12EZS D6516 FG4603 M3016 SNC68805
Product Description
Full Text Search
 

To Download TLP61F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  protect it! 230v surge protector with 6 french/belgian outlets, 2m cord, 1140 joules, french plug model number: TLP61F description tripp lite's protect it!? TLP61F offers economical ac surge suppression for full protection of 220-250v home computers, printers, scanners, and desk lamps. the TLP61F offers 6 french type e outlets and a 2 meter ac line cord. internal safety covers protect against accidental contact with unused outlets. features protect it!? TLP61F offers economical ac surge supression 1140 joules ac surge suppression shields equipment from surges and line noise 6 french type e outlets protects computers and peripherals 2 m cord with french plug protected led internal safety covers protect against accidental contact with unused outlets specifications output output receptacles (6) french/belgian circuit breaker (amps) 10 transformer accommodation 3 usb charging no input nominal input voltage(s) supported 230v ac highlights 6 safety outlet covers 2 m cord "protected" led 1140 joule rating applications ideal for home computers, printers, scanners, and desk lamps. package includes TLP61F surge suppressor instruction manual and warranty information 1 / 3
recommended electrical service 230v (220-250v) input connection type french input cord length (ft.) 6 input cord length (m) 2 voltage compatibility (vac) 220-250 user interface, alerts & controls diagnostic leds green protected surge / noise suppression ac suppression joule rating 1140 dataline surge suppression telephone/dsl protection no cable (coax) protection no network (ethernet) protection no physical shipping dimensions (hwd / in.) 17.10 x 4.53 x 2.17 shipping dimensions (hwd / cm) 43.43 x 11.51 x 5.51 shipping weight (lbs.) 1.30 shipping weight (kg) 0.59 unit dimensions (hwd / in.) 16 x 2.32 x 1.75 unit dimensions (hwd / cm) 40.64 x 5.89 x 4.45 unit weight (lbs.) 1.2 unit weight (kg) 0.54 receptacle color light gray color (ac line cord) light gray color gray metal case no special features right-angle plug yes warranty 2 / 3
product warranty period (worldwide) lifetime limited warranty ? 2015 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: http://www.tripplite.com/products/product-certification-agencies 3 / 3


▲Up To Search▲   

 
Price & Availability of TLP61F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X