Part Number Hot Search : 
18602757 1A102 MF1S50 102M35 M1MA15 16374A CM7208 HC451
Product Description
Full Text Search
 

To Download SMA3101-TL-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  72512 tkim/93009 tkim/42209am msim tc-00001893 no. a1431-1/8 http://onsemi.com semiconductor components industries, llc, 2013 august, 2013 sma3101 mmic ampli er, 5v, 10ma, 0.1 to 3ghz, mcph6 stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliabili ty. features ? high gain : gp=25db typ. @1ghz ? wideband response : fu=3.0ghz ? low current : i cc =10ma typ. ? port impedance : input/output 50 speci cations absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit supply voltage v cc 6v circuit current i cc 25 ma allowable power dissipation p d 280 mw operating temperature topr --40 to +85 c storage temperature tstg --55 to +150 c package dimensions unit : mm (typ) 7022a-018 ordering number : ena1431b product & package information ? package : mcph6 ? jeita, jedec : sc-88, sc-70-6, sot-363 ? minimum packing quantity : 3,000 pcs./reel packing type : tl marking tl 1 : vcc 2 : gnd 3 : out 4 : gnd 5 : gnd 6 : in mcph6 2.0 0.25 1.6 2.1 0.25 0.85 0.3 0.65 0.15 0 to 0.02 0.07 654 123 654 123 SMA3101-TL-E la lot no. lot no.
sma3101 no. a1431-2/8 recommended operating condition at ta=25 c parameter symbol conditions ratings unit min typ max supply voltage v cc 4.5 5 5.5 v operating ambient temperature topr --40 +25 +85 c note) pay attention to handling since it is liable to be affected by static electricity due to the high frequency process adopt ed. electrical characteristics at ta=25c, v cc =5v, zs=z l =50 parameter symbol conditions ratings unit min typ max circuit current i cc 7.1 10.0 12.6 ma power gain gp f=1ghz 21.5 25.0 28.5 db f=2.2ghz 21.5 25.5 28.5 isolation isl f=1ghz 33.0 38.0 db f=2.2ghz 31.0 36.0 input return loss rlin f=1ghz 11.0 16.0 db f=2.2ghz 12.0 21.0 output return loss rlout f=1ghz 10.0 18.5 db f=2.2ghz 8.0 12.0 noise figure nf f=1ghz 4.0 5.3 db f=2.2ghz 4.0 5.3 gain 1db compression output power po(1db) f=1ghz --5.0 --2.0 dbm f=2.2ghz --7.0 --4.0 upper limit operating frequency fu 3db down below at gain at f =1ghz 3.0 ghz ordering information device package shipping memo SMA3101-TL-E mcph6 3,000pcs./reel pb free
sma3101 no. a1431-3/8 1 2 6 5 3 4 100pf 100pf 1000pf in v cc out it14497 equivalent circuit test circuit connect 2, 4 and 5 with gnd. design of the evaluation board symbol value c1, c3 100pf c2 1000pf v cc out in it14496 in out c2 c3 v cc c1
sma3101 no. a1431-4/8 isolation, isl -- a output level, pout -- dbm input return loss, rlin -- db output return loss, rlout -- db frequency, f -- mhz frequency, f -- mhz input level, pin -- dbm frequency, f -- mhz rlin -- f rlout -- f isl -- f pout -- pin output level, pout -- dbm input level, pin -- dbm pout -- pin it14492 --40 --30 --20 --10 0 --50 --60 -- 5 0 5 10 --10 --15 --20 v cc =5.0v f=1.0ghz --35 it14489 0 0 -- 5 --10 --15 --20 --25 --30 1000 2000 3000 4000 --50 it14490 0 0 --10 --20 --30 --40 1000 2000 3000 4000 --25 --30 --35 it14491 0 0 -- 5 --10 --15 --20 1000 2000 3000 4000 5.5v 5.0v 4. 5v 5.5v 5.0v 4.5v 5.5v 5.0v 4.5v it14493 --40 --30 --20 --10 0 --50 --60 -- 5 0 5 10 --10 --15 --20 v cc =5.0v f=2.2ghz gp -- f frequency, f -- mhz power gain , gp -- db it14488 0 15 20 25 30 1000 2000 3000 4000 5.5v 5.0v 4.5v i cc -- v cc circuit voltage, v cc -- v circuit current, i cc -- ma it14487 0 0 2 4 6 8 12 10 14 12 5 34 6
sma3101 no. a1431-5/8 s parameter s11 s22 50 25 10 --10 0 10 --25 --50 --100 --250 100 250 it14494 it14495 25 50 50 25 10 --10 0 10 --25 --50 --100 --250 100 250 25 50 3ghz 2ghz 1ghz 3ghz 2ghz 1ghz 250 100 100 250
sma3101 no. a1431-6/8 embossed taping speci cation SMA3101-TL-E
sma3101 no. a1431-7/8 outline drawing land pattern example SMA3101-TL-E mass (g) unit 0.008 * for reference mm unit: mm 0.65 0.65 0.4 2.1 0.6
sma3101 ps no. a1431-8/8 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns th e rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent covera ge may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc ass ume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation sp ecial, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different ap plications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life , or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchas e or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiarie s, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the d esign or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner.


▲Up To Search▲   

 
Price & Availability of SMA3101-TL-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X