Part Number Hot Search : 
91T250 25001 AS13511 SESD03 9567HPFM TS924 00PS05 E164RC
Product Description
Full Text Search
 

To Download SM340FL-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente sm340fl voltage 40v 3.0 amp schottky barrier rectifiers 26-dec-2013 rev. g page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? high current capability ? extremely low thermal resistance ? for surface mount application ? low forward voltage mechanical data ? case: molded plastic ? epoxy: ul 94v-0 rate flame retardant ? lead: solderable per mil-std-202, method 208 guaranteed ? polarity: color band denotes cathode end marking product marking code sm340fl v4 package information package mpq leader size sod-123fl 3k 7 inch absolute maximum ratings (t a =25 c unless otherwise specified) parameter symbol rating unit maximum recurrent reverse voltage v rrm 40 v maximum rms voltage v rms 28 v maximum dc blocking voltage v dc 40 v maximum average forward rectified current @ t j =25 c i f 3 a peak forward surge current @8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 80 a maximum instantaneous forward voltage v f 0.52 a maximum dc reverse current @ t j =25c i r 0.5 ma typical junction capacitance 1 c j 100 pf typical thermal resistance r ? jl 20 c / w operating temperature range t j -50~125 c storage temperature range t stg -50~125 c notes 1. measured @ f=1.0mhz, v r =4.0v sod-123fl e f b c d a g millimeter millimeter ref. min. max. ref. min. max. a 2.60 3.10 e 0.10 0.30 b 1.60 2.00 f 0.80 1.35 c 0.81 1.55 g 0.35 0.85 d 3.50 3.90
elektronische bauelemente sm340fl voltage 40v 3.0 amp schottky barrier rectifiers 26-dec-2013 rev. g page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SM340FL-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X