cystech electronics corp. spec. no. : c174 fp issued date : 20 15.04 . 1 3 revised date : page no. : 1 / 5 skt 201 00 fp cystek product specification 20 a mp . trench schottky ultra low rectifier skt20100 fp features ? 150 operating junction temperature ? softest, fast switching capability ? high reverse surge capability ? reduced ultra - low forward voltage drop (vf ) ; better efficiency and cooler operation. ? lead - free finish; rohs compliant ? trench technology provides a superior avalanche capability mechanical data ? case: to - 2 20 fp m olded plastic ? weight: 2.2 grams approximately ? terminals: pure tin plated, lead - free, solderable per mil - std - 750 method 2026 ? epox y: ul 94v - 0 rate flame retardant ? polarity: as marked. equivalent circuit outline i f(av) 2 x 10a v rrm 100v v f at 125 c 0.62v tj 150 c
cystech electronics corp. spec. no. : c174 fp issued date : 20 15.04 . 1 3 revised date : page no. : 2 / 5 skt 201 00 fp cystek product specification maximum ratings and electrical characteristics ( rating at 25 ? c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. ) parameter symbol min. typ. max. units maximum dc blocking voltage v dc 100 v maximum recurrent peak reverse voltage v rrm 100 v maximum rms voltage v rms 7 0 v maximum instantaneous forward voltage at i f =1 0 a t c =25 f 0. 68 0. 72 v t c =125 0. 62 0. 66 maximum instantaneous v r = 100 v, t c =25 i r 25 8 0 a v r = 100 v, t c =125 12 35 ma maximum average forward rectified current @ t c =100 f(av) 10 a non - repetitive peak forward surge current @ i fsm 120 a 8.3ms single half sine wave superimposed on rated load (jedec method) peak repetitive reverse surge current (2us - 1khz) i rrm 2 a storage temperature range t stg - 5 5 1 50 j - 5 5 1 50 thermal data parameter symbol value unit typical thermal resistance, junction - to - case r th,j - c 7 ? c /w o rdering inf ormation device package shipping skt20100 fp - 0 - ub - s to - 2 20 fp (pb - free lead plating ) 50 pc s /tube, 20tubes/box , 4boxes/carton environment friendly grade : s for rohs compliant products, g for rohs compliant and green compound products packing spec, ub : 50 pcs / tube, 20 tubes/box product rank, zero for no rank products product name
cystech electronics corp. spec. no. : c174 fp issued date : 20 15.04 . 1 3 revised date : page no. : 3 / 5 skt 201 00 fp cystek product specification typical characteristics 0 2 4 6 8 10 12 0 25 50 75 100 125 150 175 average forward current --- io(a) case temperature --- t c () forward current derating curve resistive or inductive load per leg 0.001 0.01 0.1 1 10 100 1000 10000 100000 1000000 0 20 40 60 80 100 reverse leakage current --- i r (a) reverse voltage --- v r (v) reverse leakage current vs reverse voltage tj=75 tj=25 tj=125 tj=150 c per leg tj= - 40 forward current vs forward voltage 1 10 100 1000 10000 100000 0 0.2 0.4 0.6 0.8 forward voltage---v f (v) instantaneous forward current---i f (ma) pulse width=300s, 1% duty cycle tj=2 5 c tj=150 tj=75 c tj=125 c per leg junction capacitance vs reverse voltage 10000 100000 1000000 10000000 0.1 1 10 100 reverse voltage---v r (v) junction capacitance---c j (pf) tj=25, f=1.0mhz per leg
cystech electronics corp. spec. no. : c174 fp issued date : 20 15.04 . 1 3 revised date : page no. : 4 / 5 skt 201 00 fp cystek product specification recommended wave soldering condition product peak temperature soldering time pb - free devices 260 +0/ - 5 ? c 5 +1/ - 1 seconds recommended temperature profile for ir reflow profile feature sn - pb eutectic assembly pb - free assembly average ramp - up rate (tsmax to tp) 3 ? c /second max. 3 ? c /second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 ? c 150 ? c 60 - 120 seconds 150 ? c 200 ? c 60 - 180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 ? c 60 - 150 seconds 217 ? c 60 - 150 seconds peak temperature(t p ) 240 +0/ - 5 ? c 260 +0/ - 5 ? c time within 5 ? c of actual peak temperature(tp) 10 - 30 seconds 20 - 40 seconds ramp down rate 6 ? c /second max. 6 ? c /second max. time 25 ? c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of the package, measured on the package body surface.
cystech electronics corp. spec. no. : c174 fp issued date : 20 15.04 . 1 3 revised date : page no. : 5 / 5 skt 201 00 fp cystek product specification to - 220 fp dimension important notice: ? ? ? semiconductor products are not warranted to be suita ble for use in life - support applications, or systems. ?
|