Part Number Hot Search : 
1N3519A P6KE20 DTC143XK P3100SAA SBR5100 CSA1220 ADM212 G527520
Product Description
Full Text Search
 

To Download RJE0607JSP-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r07ds0123ej0200 rev.2.00 page 1 of 7 sep 01, 2010 preliminary datasheet rje0607jsp silicon p channel mos fet series power switching description this fet has the over temperature shut-down capability sensin g to the junction temperature. this fet has the built-in over temperature shut-down circuit in the gate area. and this circuit operation to shut-down the gate voltage in case of high junction temperature like applying over power consumption, over current etc.. features ? high endurance capability against to the short circuit. ? built-in the over temperature shut-down circuit. ? latch type shut down operation (need 0 voltage recovery). ? built-in the current limitation circuit. ? low on-resistance r ds(on) : 140 m ? typ, 260 m ? max (v gs = ?10 v) ? high density mounting outline 1 2 3 4 5 6 7 8 1, 3 source 2, 4 gate 5, 6, 7, 8 drain renesas package code: prsp0008dd-d (package name: sop-8 (fp-8dav)) mos1 d s g 2 1 78 d gate resistor temperature sensing circuit latch circuit gate shut-down circuit current limitation circuit mos2 d s g 4 3 56 d gate resistor temperature sensing circuit latch circuit gate shut-down circuit current limitation circuit absolute maximum ratings (ta = 25c) item symbol ratings unit drain to source voltage v dss ?60 v gate to source voltage v gss ?16 v gate to source voltage v gss 2.5 v drain current i d note5 ?1.5 a body-drain diode reverse drain current i dr ?1.5 a avalanche current i ap note 4 ?1.5 a avalanche energy e ar note 4 9.6 mj channel dissipation pch note 2 2 w channel dissipation pch note 3 1.5 w channel temperature tch 150 ?c storage temperature tstg ?55 to +150 ?c notes: 1. value at tc = 25 ?c 2. 1 drive operation : when usin g the glass epoxy board (fr4 40 ? 40 ? 1.6 mm), pw ? 10 s 3. 2 drive operation : when usin g the glass epoxy board (fr4 40 ? 40 ? 1.6 mm), pw ? 10 s 4. tch = 25 ?c, rg ? 50 ? 5. it provides by the current limitation lower bound value. r07ds0123ej0200 (previous: rej03g1876-0100) rev.2.00 sep 01, 2010
rje0607jsp preliminary r07ds0123ej0200 rev.2.00 page 2 of 7 sep 01, 2010 typical operation characteristics (ta = 25c) item symbol min typ max unit test conditions v ih ?3.5 ? ? v input voltage v il ? ? ?1.2 v i ih1 ? ? ?100 ? a vi = ?8 v, v ds = 0 i ih2 ? ? ?50 ? a vi = ?3.5 v, v ds = 0 input current (gate non shut down) i il ? ? ?10 ? a vi = ?1.2 v, v ds = 0 i ih(sd)1 ? ?0.8 ? ma vi = ?8 v, v ds = 0 input current (gate shut down) i ih(sd)2 ? ?0.35 ? ma vi = ?3.5 v, v ds = 0 shut down temperature tsd ? 175 ? ?c channel temperature (dv/dt v gs ? 500 v/ms) gate operation voltage vop ?3.5 ? ?12 v drain current (current limitation value) i d limt ?1.5 ? ? a v gs = ?12 v, v ds = ?10 v note 4 notes; 6. pulse test electrical characteristics (ta = 25c) item symbol min typ max unit test conditions i d1 ? ? ?2 a v gs = ?3.5 v, v ds = ?10 v i d2 ? ? ?10 ma v gs = ?1.2 v, v ds = ?10 v drain current i d3 ?1.5 ? ? a v gs = ?12 v, v ds = ?10 v note 7 drain to source breakdown voltage v (br)dss ?60 ? ? v i d = ?10 ma, v gs = 0 v (br)gss ?16 ? ? v i g = ?800 ? a, v ds = 0 gate to source breakdown voltage v (br)gss 2.5 ? ? v i g = 100 ? a, v ds = 0 i gss1 ? ? ?100 ? a v gs = ?8 v, v ds = 0 i gss2 ? ? ?50 ? a v gs = ?3.5 v, v ds = 0 i gss3 ? ? ?10 ? a v gs = ?1.2 v, v ds = 0 gate to source leak current i gss4 ? ? 100 ? a v gs = 2.4 v, v ds = 0 i gs(op)1 ? ?0.8 ? ma v gs = ?8 v, v ds = 0 input current (shut down) i gs(op)2 ? ?0.35 ? ma v gs = ?3.5 v, v ds = 0 i dss1 ? ? ?10 ? a v ds = ?60 v, v gs = 0 zero gate voltage drain current i dss2 ? ? ?10 ? a v ds = ?48 v, v gs = 0 ta = 125 ?c gate to source cutoff voltage v gs(off) ?2.2 ? ?3.4 v v ds = ?10 v, i d = ?1 ma r ds(on) ? 185 380 m ? i d = ?0.75 a, v gs = ?6 v note 7 static drain to source on state resistance r ds(on) ? 140 260 m ? i d = ?0.75 a, v gs = ?10 v note 7 output capacitance coss ? 194 ? pf v ds = ?10 v, v gs = 0, f = 1mhz turn-on delay time t d(on) ? 1.82 ? ? s v gs = ?10 v, i d = ?0.75 a, rise time t r ? 1.95 ? ? s r l = 40 ? turn-off delay time t d(off) ? 0.99 ? ? s fall time t f ? 0.84 ? ? s body-drain diode forward voltage v df ? 0.83 ? v i f = ?1.5 a, v gs = 0 body-drain diode reverse recovery time t rr ? 85 ? ns i f = ?1.5 a, v gs = 0 di f /dt = 50 a/? s over load shut down operation time note 8 t os1 ? 18.6 ? ms v gs = ?5 v, v dd = ?16 v notes: 7. pulse test 8. including the junction temperature rise of the over loaded condition.
rje0607jsp preliminary r07ds0123ej0200 rev.2.00 page 3 of 7 sep 01, 2010 main characteristics ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?
rje0607jsp preliminary r07ds0123ej0200 rev.2.00 page 4 of 7 sep 01, 2010 0 ?0.4 ?1.2 ?1.6 ?0.8 ?2.0 ?2.0 ?1.5 ?1.0 ?0.5 source to drain voltage v sd (v) reverse drain current vs. source to drain voltage reverse drain current i dr (a) 0 10 20 40 60 50 30 1000 100 10 capacitance c (pf) drain to source voltage v ds (v) typical capacitance vs. drain to source voltage v gs = 0 f = 1 mhz coss reverse drain current i dr (a) reverse recovery time t rr (ns) body-drain diode reverse recovery time drain current i d (a) switching time t (s) switching characteristics 0.1 1 10 100 1000 10 di / dt = 50 a / s v gs = 0, ta = 25 c 0.1 1 10 1 0.1 10 v gs = 10 v, v dd = 30 v pw = 300 s, duty  1 % t f t d(off) t d(on) t r pulse test case temperature tc ( c) static drain to source on state resistance vs. temperature 500 300 50  25 0 25 50 75 100 125 150 0 100 400 200 v gs = 6 v i d = 1 a i d = 0.2 a, 0.5 a, 1 a 0.2 a, 0.5 a 10 v pulse test v gs = 0 v ?5 v ?10 v 2 4 16 12 14 10 8 6 0 gate to source voltage v gs (v) gate to source voltage vs. shutdown time of load-short test 100 shutdown time of load-short test pw (ms) 11 0 v dd = 16 v static drain to source on state resistance r ds(on) (m)
rje0607jsp preliminary r07ds0123ej0200 rev.2.00 page 5 of 7 sep 01, 2010 200 180 160 140 120 0 gate to source voltage v gs (v) shutdown case temperature tc ( c) 100 2 4 6 8 10 i d = 0.2 a dv/dt v gs  500 v/ms shutdown case temperature vs. gate to source voltage 10 100 1 m 10 m 100 m 1 10 pulse width pw (s) normalized transient thermal impedance  s (t) normalized transient thermal impedance vs. pulse width (1 drive operation) 100 1000 10000 10 1 0.1 0.01 0.001 0.0001 d = 1 0.5 0.2 0.1 0.05 0.02 0.01 1shot pulse dm p pw t d = pw t ch-f(t) = s (t) ? ch - f ch-f = 125c/w, ta = 25c when using the glass epoxy board (fr4 40 x 40 x 1.6 mm) 10 100 1 m 10 m 100 m 1 10 pulse width pw (s) normalized transient thermal impedance  s (t) normalized transient thermal impedance vs. pulse width (operatioon of 2 devices; allowable value per device) 100 1000 10000 10 1 0.1 0.01 0.001 0.0001 d = 1 0.5 0.2 0.1 0.05 0.02 0.01 1shot pulse dm p pw t d = pw t ch-f(t) = s (t) ? ch - f ch-f = 166c/w, ta = 25c when using the glass epoxy board (fr4 40 x 40 x 1.6 mm)
rje0607jsp preliminary r07ds0123ej0200 rev.2.00 page 6 of 7 sep 01, 2010 50  vin monitor d.u.t. vin ?10 v r l v dd = ?30 v t r t d(on) vin 90% 90% 10% 10% vout t d(off) vout monitor 90% 10% t f switching time test circuit waveform
rje0607jsp preliminary r07ds0123ej0200 rev.2.00 page 7 of 7 sep 01, 2010 package dimensions p-sop8-3.95 4.9-1.27 0.085g mass[typ.] fp-8dav prsp0008dd-d renesas code jeita package code previous code a 8 5 1 4 f b p c detail f terminal cross section 1.27 1.08 0.40 l 1 0.60 0.25 x 0.4 60.4 00.34 0.10 b p b 1 c 1 0.25 0.20 0.15 max nom min dimension in millimeters symbol reference 5.3 4.90 d 3.95 e 0.14 a 2 6.20 6.10 5.80 0.25 1.75 a 0.75 z l 8 0 c 1.27 e 0.1 y h e a 1 d * 1 * 2 e h e * 3 x m b p e z (ni/pd/au plating) 2. 1. dimensions "*1(nom)" and "*2" do not include mold flash. note) dimension "*3" does not include trim offset. index mark a 1 l 1 l detail f y package name sop-8 ordering information part no. quantity shipping container rje0607jsp-00-j0 2500 pcs/reel taping
notice 1. all information included in this document is current as of the date this document is issued. such information, however, is subject to change without any prior notice. before purchasing or using any renesas electronics products listed herein, please confirm the latest product information with a renesas electronics sales office. also, please pay regular and careful attention to additional and different information to be disclosed by renesas electronics such as that disclosed through our website. 2. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property rights of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any patents, copyrights or other intellectual property rights of renesas electronics or others. 3. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part. 4. descriptions of circuits, software and other related information in this document are provided only to illustrate the operation of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 5. when exporting the products or technology described in this document, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. you should not use renesas electronics products or the technology described in this document for any purpose relating to military applications or use by the military, including but not limited to the development of weapons of mass destruction. renesas electronics products and technology may not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. 6. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics does not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information included herein. 7. renesas electronics products are classified according to the following three quality grades: "standard", "high quality", and "specific". the recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. you must check the quality grade of each renesas electronics product before using it in a particular application. you may not use any renesas electronics product for any application categorized as "specific" without the prior written consent of renesas electronics. further, you may not use any renesas electronics product for any application for which it is not intended without the prior written consent of renesas electronics. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for an application categorized as "specific" or for which the product is not intended where you have failed to obtain the prior written consent of renesas electronics. the quality grade of each renesas electronics product is "standard" unless otherwise expressly specified in a renesas electronics data sheets or data books, etc. "standard": computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment ; home electronic appliances; machine tools; personal electronic equipment; and industrial robots. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; anti-crime systems; safety equipment; and medical equipment not specifically designed for life support. "specific": aircraft; aerospace equipment; submersible repeaters; nuclear reactor control systems; medical equipment or systems for life support (e.g. artificial life support devices or systems), surgical implantations, or healthcare intervention (e.g. excision, etc.), and any other applications or purposes that pose a direct thr eat to human life. 8. you should use the renesas electronics products described in this document within the range specified by renesas electronics, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas electronics shall have no liability for malfunctions or damages arising out of the use of renesas electronics products beyond such specified ranges. 9. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance design. please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas electronics product, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measures. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 10. please contact a renesas electronics sales office for details as to environmental matters such as the environmental compatibility of each renesas electronics product. please use renesas electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 11. this document may not be reproduced or duplicated, in any form, in whole or in part, without prior written consent of renes as electronics. 12. please contact a renesas electronics sales office if you have any questions regarding the information contained in this document or renesas electronics products, or if you have any other inquiries. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-o wned subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. http://www.renesas.com refer to "http://www.renesas.com/" for the latest and detailed information. renesas electronics america inc. 2880 scott boulevard santa clara, ca 95050-2554, u.s.a. tel: +1-408-588-6000, fax: +1-408-588-6130 renesas electronics canada limited 1101 nicholson road, newmarket, ontario l3y 9c3, canada tel: +1-905-898-5441, fax: +1-905-898-3220 renesas electronics europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-585-100, fax: +44-1628-585-900 renesas electronics europe gmbh arcadiastrasse 10, 40472 dsseldorf, germany tel: +49-211-65030, fax: +49-211-6503-1327 renesas electronics (china) co., ltd. 7th floor, quantum plaza, no.27 zhichunlu haidian district, beijing 100083, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 renesas electronics (shanghai) co., ltd. unit 204, 205, azia center, no.1233 lujiazui ring rd., pudong district, shanghai 200120, china tel: +86-21-5877-1818, fax: +86-21-6887-7858 / -7898 renesas electronics hong kong limited unit 1601-1613, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2886-9318, fax: +852 2886-9022/9044 renesas electronics taiwan co., ltd. 7f, no. 363 fu shing north road taipei, taiwan tel: +886-2-8175-9600, fax: +886 2-8175-9670 renesas electronics singapore pte. ltd. 1 harbourfront avenue, #06-10, keppel bay tower, singapore 098632 tel: +65-6213-0200, fax: +65-6278-8001 renesas electronics malaysia sdn.bhd. unit 906, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: +60-3-7955-9390, fax: +60-3-7955-9510 renesas electronics korea co., ltd. 11f., samik lavied' or bldg., 720-2 yeoksam-dong, kangnam-ku, seoul 135-080, korea tel: +82-2-558-3737, fax: +82-2-558-5141 sales offices ? 2010 renesas electronics corporation. all rights reserved. colophon 1.0


▲Up To Search▲   

 
Price & Availability of RJE0607JSP-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X