Part Number Hot Search : 
EKMG160 FR205P ED306YT Y0504 3VD1866 BR3510 MAX651 BZG05C5V
Product Description
Full Text Search
 

To Download QID1210005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  split dual si/sic hybrid igbt module 100 amperes/1200 volts QID1210005 1 12/12 rev. 2 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com description: powerex igbt modules are designed for use in high frequency applications; upwards of 30 khz for hard switching applications and 80 khz for soft switching applications. each module consists of two igbt transistors with each transistor having a reverse- connected super-fast recovery free-wheel silicon carbide schottky diode. all components and inter - connects are isolated from the heat sinking baseplate, offering simplified system assembly and thermal management. features: low e sw(off) aluminum nitride isolation discrete super-fast recovery free-wheel silicon carbide schottky diode low internal inductance 2 individual switches per module isolated baseplate for easy heat sinking copper baseplate applications: energy saving power systems such as: fans; pumps; consumer appliances high frequency type power systems such as: ups; high speed motor drives; induction heating; welder; robotics high temperature power systems such as: power electronics in electric vehicle and aviation systems outline drawing and circuit diagram dimensions inches millimeters a 4.32 109.8 b 2.21 56.1 c 0.71 18.0 d 3.700.02 94.00.5 e 2.026 51.46 f 3.17 80.5 g 1.96 49.8 h 1.00 25.5 k 0.87 22.0 l 0.266 6.75 m 0.26 6.5 n 0.59 15.0 p 0.586 14.89 dimensions inches millimeters q 0.449 11.40 r 0.885 22.49 s 1.047 26.6 t 0.15 3.80 u 0.16 4.0 v 0.30 7.5 w 0.045 1.15 x 0.03 0.8 y 0.16 4.0 z 0.47 12.1 aa 0.17 dia. 4.3 dia. ab 0.10 dia. 2.5 dia. ac 0.08 dia. 2.1 dia. g1 (15 - 16) e1 (13 - 14) c1 (10 - 12) e2 c2 e1 c1 s1 g1 s2 g2 e1 (7 - 9) g2 (19 - 20) e2 (17 - 18) c2 (4 - 6) e2 (1 - 3) p q q q t r s d 1 2 3 4 5 6 7 8 9 10 11 12 15 14 13 16 19 18 17 20 f a l w v t g b m n c h k detail "a" x u detail "a" e aa ab z y ac detail "b" detail "b"
2 QID1210005 split dual si/sic hybrid igbt module 100 amperes/1200 volts 12/12 rev. 2 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com absolute maximum ratings, t j = 25c unless otherwise specifed ratings symbol QID1210005 units junction temperature t j C40 to 150 c storage temperature t stg C40 to 150 c collector-emitter voltage (g-e short) v ces 1200 volts gate-emitter voltage (c-e short) v ges 20 volts collector current (t c = 25c) i c 100* amperes peak collector current i cm 200* amperes emitter current** (t c = 25c) i e 80* amperes repetitive peak emitter current (t c = 25c, t p = 10ms, half sine pulse)** i em 455* amperes maximum collector dissipation (t c = 25c, t j 150c) p c 730 watts mounting torque, m6 mounting 40 in-lb weight 270 grams isolation voltage (main terminal to baseplate, ac 1 min.) v iso 2500 volts igbt electrical characteristics, t j = 25c unless otherwise specifed characteristics symbol test conditions min. typ. max. units collector-cutoff current i ces v ce = v ces , v ge = 0v 1.0 ma gate leakage current i ges v ge = v ges , v ce = 0v 0.5 a gate-emitter threshold voltage v ge(th) i c = 10ma, v ce = 10v 4.5 6.0 7.5 volts collector-emitter saturation voltage v ce(sat) i c = 100a, v ge = 15v, t j = 25c 5.0 6.5 volts i c = 100a, v ge = 15v, t j = 125c 5.0 volts total gate charge q g v cc = 600v, i c = 100a, v ge = 15v 450 nc input capacitance c ies 16 nf output capacitance c oes v ce = 10v, v ge = 0v 1.3 nf reverse transfer capacitance c res 0.3 nf inductive turn-on delay time t d(on) v cc = 600v, i c = 100a, tbd ns load rise time t r v ge1 = v ge2 = 15v, tbd ns switch turn-off delay time t d(off) r g = 3.1, tbd ns timefall time t f inductive load switching operation tbd ns * pulse width and repetition rate should be such that device junction temperature (t j ) does not exceed t j(max) rating. **represents characteristics of the anti-parallel, emitter-to-collector silicon carbide schottky diode (fwdi).
QID1210005 split dual si/sic hybrid igbt module 100 amperes/1200 volts 3 12/12 rev. 2 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com reverse schottky diode characteristics, t j = 25 c unless otherwise specifed characteristics symbol test conditions min. typ. max. units diode forward voltage v fm i f = 80a, v gs = -5v 1.6 2.0 volts i f = 80a, v gs = -5v, t j = 175c 2.5 3.2 volts diode reverse current i r v r = 1200v 140 800 a v r = 1200, t j = 150c 260 1600 a diode capacitive charge q c v r = 1200v, i f = 80a, di/dt = 800a/s 520 nc thermal and mechanical characteristics, t j = 25 c unless otherwise specifed characteristics symbol test conditions min. typ. max. units thermal resistance, junction to case r th(j-c) q per igbt 1/2 module, 0.17 c/w t c reference point under chips thermal resistance, junction to case r th(j-c) d per fwdi 1/2 module, t c reference 0.304 c/w t c reference point under chips contact thermal resistance r th(c-f) per 1/2 module, thermal grease applied 0.04 c/w external gate resistance r g 3.1 31 internal inductance l int igbt part 10 nh
4 QID1210005 split dual si/sic hybrid igbt module 100 amperes/1200 volts 12/12 rev. 2 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com gate-emitter voltage, v ge , (volts) collector-emitter saturation voltage, v ce(sat) , (volts) collector-emitter saturation voltage characteristics (typical) 10 6 8 10 14 12 16 18 20 8 6 4 2 0 t j = 25c gate-emitter voltage, v ge , (volts) collector current, i c , (amperes) transfer characteristics (typical) 200 150 0 5 15 100 50 0 20 v ge = 10v t j = 25c t j = 125c i c = 200a i c = 100a i c = 40a collector-emitter voltage, v ce , (volts) collector current, i c , (amperes) output characteristics (typical) 0 2 4 6 8 10 50 0 v ge = 20v 10 11 12 13 14 15 9 8 t j = 25 c 100 150 200 10 collector-current, i c , (amperes) collector-emitter saturation voltage, v ce(sat) , (volts ) collector-emitter saturation voltage characteristics (typical) 9 4 5 6 3 0 50 150 7 2 8 1 0 200 v ge = 15v t j = 25c t j = 125c 100
QID1210005 split dual si/sic hybrid igbt module 100 amperes/1200 volts 5 12/12 rev. 2 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com t j = 75c forward voltage, v f , (volts) forward current, i f , (a) free-wheel schottky diode forward characteristics (typical) 160 0 21 3 4 5 128 96 64 32 0 reverse voltage, v r , (volts) reverse current, i r , (a) free-wheel schottky diode reverse characteristics (typical) 1600 0 1000 500 1500 2000 1280 960 640 320 0 t j = 25c t j = 125c t j = 175c t j = 25c t j = 175c t j = 75c t j = 125c collector current, i c , (amperes) 10 3 10 1 10 2 10 2 10 0 10 1 switching time, (ns) half-bridge switching characteristics (typical) v cc = 600v v ge = 15v r g = 3.1 t j = 125c inductive load 10 3 tbd collector-emitter voltage, v ce , (volts) capacitance, c ies , c oes , c res , (nf) capacitance vs. v ce (typical) 10 0 10 2 10 2 10 1 10 0 10 -1 10 1 v ge = 0v c ies c oes c res 10 -1
6 QID1210005 split dual si/sic hybrid igbt module 100 amperes/1200 volts 12/12 rev. 2 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com gate charge, q g , (nc) gate-emitter voltage, v ge , (volts) gate charge vs. v ge 20 0 16 12 8 4 0 100 200 400 300 500 600 700 v cc = 600v v cc = 400v i c = 100a collector current, i c , (amperes) switching loss, e sw(on) , e sw(off) , (mj/pulse) 10 1 10 1 10 2 10 0 10 -1 v cc = 600v v ge = 15v r g = 3.1 t j = 125c inductive load c snubber at bus 10 3 switching loss vs. collector current (typical) e sw(on) e sw(off) gate resistance, r g , (?) switching loss, e sw(on) , e sw(off) , (mj/pulse) 10 2 10 0 10 1 10 1 10 0 v cc = 600v v ge = 15v i c = 100a t j = 125c inductive load c snubber at bus 10 2 switching loss vs. gate resistance (typical) e sw(on) e sw(off) emitter current, i e , (amperes) reverse recovery switching loss, e rr , (mj/pulse) 10 2 10 1 10 2 10 1 10 0 v cc = 600v v ge = 15v r g = 3.1 t j = 125c inductive load c snubber at bus 10 3 reverse recovery switching loss vs. emitter current (typical) tbd tbd tbd
QID1210005 split dual si/sic hybrid igbt module 100 amperes/1200 volts 7 12/12 rev. 2 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com time, (s) transient thermal impedance characteristics (igbt & fwdi) 10 0 10 -5 10 -4 10 -3 10 -1 10 -2 10 -3 10 -3 10 -2 10 -1 10 0 10 1 10 -1 10 -2 10 -3 z th = r th ? (normalized value) single pulse t c = 25c per unit base = r th(j-c) = 0.17c/w (igbt) r th(j-c) = 0.304c/w (fwdi) normalized transient thermal impedance, z th(j-c') gate resistance, r g , (?) reverse recovery switching loss, e rr , (mj/pulse) 10 2 10 0 10 1 10 1 10 0 v cc = 600v v ge = 15v i e = 100a t j = 125c inductive load c snubber at bus 10 2 reverse recovery switching loss vs. gate resistance (typical) tbd


▲Up To Search▲   

 
Price & Availability of QID1210005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X