Part Number Hot Search : 
HDF2415D MT8870 EMICO 25LF02 SAA7201 2SJ6810 ML120G6 LM741W
Product Description
Full Text Search
 

To Download NLV32T-151J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inductors nlv25 2520 [1008 inch]* nlv32 3225 [1210 inch] * dimensions code jis[eia] july 2013 inductors for standard circuits wound ferrite nlv series
(2/14) inductors 001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. the storage period is less than 6 months. be sure to follow the storage conditions (temperature: 5 to 40c, humidity: 10 to 75 % rh or less). if the storage period elapses, the soldering of the terminal electrodes may deteriorate. do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.). before soldering, be sure to preheat components. the preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature does not exceed 150c. soldering corrections after mounting should be within the range of the conditions determined in the specifications. if overheated, a short circuit, performance deterioration, or lifespan shortening may occur. when embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions. self heating (temperature increase) occurs when the power is turned on, so the tolerance should be sufficient for the set therm al design. carefully lay out the coil for the circuit board design of the non-magnetic shield type. a malfunction may occur due to magnetic interference. use a wrist band to discharge static electricity in your body through the grounding wire. do not expose the products to magnets or magnetic fields. do not use for a purpose outside of the contents regulated in the delivery specifications. the products listed on this catalog are intended for use in general electronic equipment (av equipment, telecommunications equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment, industrial robots) under a normal operation and use condition. the products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to society, person or property. if you intend to use the products in the applications listed below or if you have special requirements exceeding the range or c onditions set forth in the each catalog, please contact us. (1) aerospace/aviation equipment (2) transportation equipment (cars, electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications when designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securi ng protection circuit/device or providing backup circuits in your equipment. reminders
(3/14) inductors 001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm ? all specifications are subject to change without notice. inductors for standard circuits wound ferrite features resin mold type wound inductor for standard circuits. 0.01 to 470h, e-12 series, wide lineup compatible with j (5% ) tolerance, can be used for applications that need to meet stric t l tolerance such as filter circuits. has excellent inductance temperature characteristics in the operating temperature range. application smart meters, av equipment, xdsl, electronic devices for communications in frastructure such as mobile base stations, industrial equipment, other vehicle accessories (car navigation systems, car audio, etc) part number construction operating temperature range, pack age quantity, product weight operating temperature range includes self-temperature rise. the storage temperature range is for after the circuit board is mounted. product compatible with rohs directive halogen-free compatible with lead-free solders overview of the nlv series nlv 25 t - 010 - j - ?? series name lwh dimensions packaging style inductance inductance tolerance internal code (mm) (h) 25 2.52.01.8 t taping 010 0.01 j 5% pf compatible with the rohs directive, exemption regulations apply 32 3.22.52.2 r10 0.1 1r0 1 100 10 ef compatible with the rohs directive 101 100 type temperature range package quantity individual weight operating temperature storage temperature c  c  (pieces/reel) mg  nlv25 C40 to +105 C40 to +105 2000 25 nlv32 C40 to +105 C40 to +105 2000 50 rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://www.t dk.co.jp/rohs/ halogen-free: indicates that cl content is less than 900ppm, br content is less than 900ppm, and that the total cl and br conte nt is less than 1500ppm.
(4/14) inductors 001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm ? all specifications are subject to change without notice. overview of the nlv series recommended reflow profile preheating soldering peak temp. time temp. time temp. time t1 t2 t1 t3 t2 t4 t3 150c 180c 90 to 120s 230c 40s 255c 10s max. natural cooling t3 t1 preheating t2 soldering t3 t3 t4 t2 t1 t: time peak t: temperature
(5/14) inductors 001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm ? all specifications are subject to change without notice. nlv series nlv25 type shape & dimensions recommended land pattern dimensions in mm 2.50.2 20.1 1.40.1 1.80.1 0.5 ( 0.4 ) ( 1.7 )( 0.4 ) dimensions in mm 1.5 1.0 1.5 1.0
(6/14) inductors 001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm ? all specifications are subject to change without notice. nlv series y nlv25 type electrical characteristics characteristics specification table rated current: smaller value of either idc1 or idc2. idc1: when based on the inductance change rate (10% below the initial l value) idc2: when based on the temperature increase (temperature increase of 20c by self heating) ? : please specify internal code, pf (compatible with the rohs directive, exemption regulations apply) or ef (compatible with the rohs directive)  measurement equipment ? equivalent measurement equipment may be used. l q min. l, q measuring frequency (mhz) self-resonant frequency (mhz) min. dc resistance (  ) max. rated current (ma) max. part no. (h) tolerance 0.01 5% 15 100 2150 0.26 530 nlv25t-010j- 0.012 5% 15 100 2050 0.27 500 nlv25t-012j- 0.015 5% 15 100 2000 0.29 480 nlv25t-015j- 0.018 5% 15 100 1850 0.31 450 nlv25t-018j- 0.022 5% 15 100 1650 0.37 420 nlv25t-022j- 0.027 5% 15 100 1550 0.4 410 nlv25t-027j- 0.033 5% 20 100 1450 0.42 400 nlv25t-033j- 0.039 5% 20 100 1350 0.45 380 nlv25t-039j- 0.047 5% 20 100 1200 0.5 360 nlv25t-047j- 0.056 5% 20 100 1100 0.6 340 nlv25t-056j- 0.068 5% 20 100 1050 0.65 320 nlv25t-068j- 0.082 5% 20 100 900 0.75 300 nlv25t-082j- 0.1 5% 20 100 800 0.8 280 nlv25t-r10j- 0.12 5% 30 25.2 700 0.3 550 nlv25t-r12j- 0.15 5% 30 25.2 550 0.35 500 nlv25t-r15j- 0.18 5% 30 25.2 500 0.4 460 nlv25t-r18j- 0.22 5% 30 25.2 450 0.5 430 nlv25t-r22j- 0.27 5% 30 25.2 425 0.55 420 nlv25t-r27j- 0.33 5% 30 25.2 400 0.6 400 nlv25t-r33j- 0.39 5% 30 25.2 375 0.65 375 nlv25t-r39j- 0.47 5% 30 25.2 350 0.68 350 nlv25t-r47j- 0.56 5% 30 25.2 325 0.75 325 nlv25t-r56j- 0.68 5% 30 25.2 300 0.85 300 nlv25t-r68j- 0.82 5% 30 25.2 260 1 260 nlv25t-r82j- 1 5% 30 7.96 245 1.1 245 nlv25t-1r0j- 1.2 5% 30 7.96 230 1.2 230 nlv25t-1r2j- 1.5 5% 30 7.96 182 1.3 220 nlv25t-1r5j- 1.8 5% 30 7.96 135 1.45 210 nlv25t-1r8j- 2.2 5% 30 7.96 105 1.55 200 nlv25t-2r2j- 2.7 5% 30 7.96 70 1.7 195 nlv25t-2r7j- 3.3 5% 30 7.96 55 1.9 185 nlv25t-3r3j- 3.9 5% 30 7.96 48 2.1 180 nlv25t-3r9j- 4.7 5% 30 7.96 43 2.3 175 nlv25t-4r7j- 5.6 5% 25 7.96 42 2.5 170 nlv25t-5r6j- 6.8 5% 25 7.96 39 2.7 165 nlv25t-6r8j- 8.2 5% 25 7.96 36 3.05 160 nlv25t-8r2j- 10 5% 25 2.52 33 3.5 155 nlv25t-100j- 12 5% 25 2.52 30 3.8 150 nlv25t-120j- 15 5% 25 2.52 26 4.4 140 nlv25t-150j- 18 5% 25 2.52 24 4.8 130 nlv25t-180j- 22 5% 25 2.52 22 5.5 125 nlv25t-220j- 27 5% 25 2.52 21 6.3 115 nlv25t-270j- 33 5% 25 2.52 20 7.1 110 nlv25t-330j- 39 5% 20 2.52 18 9.5 90 nlv25t-390j- 47 5% 20 2.52 17 11.1 80 nlv25t-470j- 56 5% 20 2.52 16 12.1 75 nlv25t-560j- 68 5% 20 2.52 15 16.6 70 nlv25t-680j- 82 5% 20 2.52 13 19 66 nlv25t-820j- 100 5% 15 0.796 12 21 60 nlv25t-101j- measurement item product no. manufacturer l, q 4191a  16092a 4194a+16085a+16093b agilent technologies self-resonant frequency 8753c agilent technologies dc resistance vp-2941a panasonic
(7/14) inductors 001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm ? all specifications are subject to change without notice. nlv series y nlv25 type electrical characteristics l frequency characteristics graph  measurement equipment ? equivalent measurement equipment may be used. 0.1 1 10 100 1000 0.001 1000 0.1 1 10 100 0.01 frequency ( mhz ) inductance ( h ) 101j 820j 680j 470j 330j 220j 180j 560j 390j 270j 150j 120j 100j 8r2j 3r9j 3r3j 2r7j 6r8j 5r6j 4r7j 2r2j 1r8j 1r5j 1r2j 1r0j r82j r68j r56j r47j r39j r33j r27j r22j r18j r15j r12j r10j 082j 068j 047j 010j 018j 015j 012j 039j 033j 027j 022j 056j product no. manufacturer 4291a agilent technologies 4294a agilent technologies
(8/14) inductors 001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm ? all specifications are subject to change without notice. nlv series y nlv25 type electrical characteristics q frequency characteristics graph  measurement equipment ? equivalent measurement equipment may be used. 0 10 20 30 40 50 q 60 0.1 1 10 100 1000 frequency ( mhz ) 056j 047j 033j 039j 027j 018j 015j 012j 010j 022j 068j 082j r10j r12j r15j r18j r22j r27j r33j r68j 1r0j 1r2j 2r7j r47j r56j r82j 1r5j 2r2j 3r3j 4r7j 150j 180j 6r8j 8r2j 5r6j 100j 120j 3r9j 820j 101j 220j 270j 330j 390j 470j 560j 1r8j 680j r39j product no. manufacturer 4291a agilent technologies 4294a agilent technologies
(9/14) inductors 001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm ? all specifications are subject to change without notice. nlv series nlv32 type shape & dimensions recommended land pattern dimensions in mm 3.20.2 2.50.2 1.90.1 2.20.2 0.55 ( 0.55 ) ( 2.1 )( 0.55 ) 470j dimensions in mm 2 1.2 2 1.2
(10/14) inductors 001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm ? all specifications are subject to change without notice. nlv series y nlv32 type electrical characteristics characteristics specification table rated current: smaller value of either idc1 or idc2. idc1: when based on the inductance change rate (10% below the initial l value) idc2: when based on the temperature increase (temperature increase of 20c by self heating) ? : please specify internal code, pf (compatible with the rohs directive, exemption regulations apply) or ef (compatible with the rohs directive)  measurement equipment ? equivalent measurement equipment may be used. l q min. l, q measuring frequency (mhz) self-resonant frequency (mhz) min. dc resistance (  ) max. rated current (ma) max. part no. (h) tolerance 0.01 5% 15 100 2500 0.13 450 nlv32t-010j- 0.012 5% 17 100 2300 0.14 450 nlv32t-012j- 0.015 5% 19 100 2100 0.16 450 nlv32t-015j- 0.018 5% 21 100 1900 0.18 450 nlv32t-018j- 0.022 5% 23 100 1700 0.2 450 nlv32t-022j- 0.027 5% 23 100 1500 0.22 450 nlv32t-027j- 0.033 5% 25 100 1400 0.24 450 nlv32t-033j- 0.039 5% 25 100 1300 0.27 450 nlv32t-039j- 0.047 5% 26 100 1200 0.3 450 nlv32t-047j- 0.056 5% 26 100 1100 0.33 450 nlv32t-056j- 0.068 5% 27 100 1000 0.36 450 nlv32t-068j- 0.082 5% 27 100 900 0.4 450 nlv32t-082j- 0.1 5% 28 100 700 0.44 450 nlv32t-r10j- 0.12 5% 30 25.2 500 0.22 450 nlv32t-r12j- 0.15 5% 30 25.2 450 0.25 450 nlv32t-r15j- 0.18 5% 30 25.2 400 0.28 450 nlv32t-r18j- 0.22 5% 30 25.2 350 0.32 450 nlv32t-r22j- 0.27 5% 30 25.2 320 0.36 450 nlv32t-r27j- 0.33 5% 30 25.2 300 0.4 450 nlv32t-r33j- 0.39 5% 30 25.2 250 0.45 450 nlv32t-r39j- 0.47 5% 30 25.2 220 0.5 450 nlv32t-r47j- 0.56 5% 30 25.2 180 0.55 450 nlv32t-r56j- 0.68 5% 30 25.2 160 0.6 450 nlv32t-r68j- 0.82 5% 30 25.2 140 0.65 450 nlv32t-r82j- 1 5% 30 7.96 120 0.7 400 nlv32t-1r0j- 1.2 5% 30 7.96 100 0.75 390 nlv32t-1r2j- 1.5 5% 30 7.96 85 0.85 370 nlv32t-1r5j- 1.8 5% 30 7.96 80 0.9 350 nlv32t-1r8j- 2.2 5% 30 7.96 75 1 320 nlv32t-2r2j- 2.7 5% 30 7.96 70 1.1 290 nlv32t-2r7j- 3.3 5% 30 7.96 60 1.2 260 nlv32t-3r3j- 3.9 5% 30 7.96 55 1.3 250 nlv32t-3r9j- 4.7 5% 30 7.96 50 1.5 220 nlv32t-4r7j- 5.6 5% 30 7.96 45 1.6 200 nlv32t-5r6j- 6.8 5% 30 7.96 40 1.8 180 nlv32t-6r8j- 8.2 5% 30 7.96 35 2 170 nlv32t-8r2j- measurement item product no. manufacturer l, q 4191a  16092a 4194a+16085a+16093b agilent technologies self-resonant frequency 8753c agilent technologies dc resistance vp-2941a panasonic
(11/14) inductors 001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm ? all specifications are subject to change without notice. nlv series y nlv32 type electrical characteristics characteristics specification table rated current: smaller value of either idc1 or idc2. idc1: when based on the inductance change rate (10% below the initial l value) idc2: when based on the temperature increase (temperature increase of 20c by self heating) ? : please specify internal code, pf (compatible with the rohs directive, exemption regulations apply) or ef (compatible with the rohs directive)  measurement equipment ? equivalent measurement equipment may be used. l q min. l, q measuring frequency (mhz) self-resonant frequency (mhz) min. dc resistance (  ) max. rated current (ma) max. part no. (h) tolerance 10 5% 30 2.52 30 2.1 150 nlv32t-100j- 12 5% 30 2.52 20 2.5 140 nlv32t-120j- 15 5% 30 2.52 20 2.8 130 nlv32t-150j- 18 5% 30 2.52 20 3.3 120 nlv32t-180j- 22 5% 30 2.52 20 3.7 110 nlv32t-220j- 27 5% 30 2.52 20 5 80 nlv32t-270j- 33 5% 30 2.52 17 5.6 70 nlv32t-330j- 39 5% 30 2.52 16 6.4 65 nlv32t-390j- 47 5% 30 2.52 15 7 60 nlv32t-470j- 56 5% 30 2.52 13 8 55 nlv32t-560j- 68 5% 30 2.52 12 9 50 nlv32t-680j- 82 5% 30 2.52 11 10 45 nlv32t-820j- 100 5% 20 0.796 10 10 40 nlv32t-101j- 120 5% 20 0.796 10 11 70 nlv32t-121j- 150 5% 20 0.796 8 15 65 NLV32T-151J- 180 5% 20 0.796 7 17 60 nlv32t-181j- 220 5% 20 0.796 7 21 50 nlv32t-221j- 270 5% 20 0.796 6 28 45 nlv32t-271j- 330 5% 20 0.796 5 34 40 nlv32t-331j- 390 5% 20 0.796 5 36 35 nlv32t-391j- 470 5% 20 0.796 4 40 25 nlv32t-471j- measurement item product no. manufacturer l, q 4191a  16092a 4194a+16085a+16093b agilent technologies self-resonant frequency 8753c agilent technologies dc resistance vp-2941a panasonic
(12/14) inductors 001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm ? all specifications are subject to change without notice. nlv series y nlv32 type electrical characteristics l frequency characteristics graph  measurement equipment ? equivalent measurement equipment may be used. 0.1 1 10 100 1000 0.001 10000 1000 0.1 1 10 100 0.01 frequency ( mhz ) inductance ( h ) 471j 391j 820j 181j 151j 331j 271j 121j 100j 8r2j 6r8j 3r9j 2r2j 1r8j 3r3j 2r7j 5r6j 4r7j 680j 560j 470j 270j 150j 120j 390j 330j 180j 220j r22j r10j 082j 039j r12j 068j r18j r15j 056j 047j 1r5j 1r2j 1r0j r82j r68j r56j r47j r39j r33j r27j 033j 027j 022j 018j 015j 012j 010j 221j 101j product no. manufacturer 4291a agilent technologies 4294a agilent technologies
(13/14) inductors 001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm ? all specifications are subject to change without notice. nlv series y nlv32 type electrical characteristics q frequency characteristics graph  measurement equipment ? equivalent measurement equipment may be used. 0 10 20 30 40 50 q 70 60 0.1 1 10 100 1000 frequency ( mhz ) 056j 012j 015j 018j 033j 039j 047j 027j 068j 082j r10j r12j r15j r22j r39j r18j r27j r33j 010j 3r3j 3r9j 5r6j 6r8j 100j 120j 150j 8r2j 330j 390j 470j 560j 680j 820j 220j 180j 270j 221j 391j 471j 181j 271j 331j 121j 101j 022j 4r7j 151j r47j r56j r68j 1r0j 1r2j 1r5j 1r8j 2r2j 2r7j r82j product no. manufacturer 4291a agilent technologies 4294a agilent technologies
(14/14) inductors 001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm ? all specifications are subject to change without notice. nlv series packaging style reel dimensions * these values are typical values. tape dimensions type a w1 w2 n e nlv25 ?180 9 13 ?60 0.5 nlv32 ?180 9 13 ?60 0.5 ?13.0 0.5 ?21.0 0.8 2.0 0.5 a ( 1.0 ) dimensions in mm n e w2 w1 fe w p0p2?d0 p1 a t b k dimensions in mm ty p e a b ?d0 e f p0 p1 p2 w k t nlv25 2.3 2.7 1.5+0.1/-0 1.750.1 3.500.05 4.000.10 4.000.10 2.000.05 8.000.30 2 0.4 nlv32 2.8 3.5 1.5+0.1/-0 1.750.1 3.500.05 4.000.10 4.000.10 2.000.05 8.000.30 2.3 0.4


▲Up To Search▲   

 
Price & Availability of NLV32T-151J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X