|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
inductors nl453232 4532 [1812 inch]* nl565050 5650 [2220 inch] * dimensions code jis[eia] february 2014 inductors for standard circuits wound ferrite nl series
(2/13) inductors 001-01 / 20140220 / inductor_commercial_standard_nl_en.fm reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. the storage period is less than 6 months. be sure to follow the storage conditions (temperature: 5 to 40c, humidity: 10 to 75 % rh or less). if the storage period elapses, the soldering of the terminal electrodes may deteriorate. do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.). before soldering, be sure to preheat components. the preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature does not exceed 150c. soldering corrections after mounting should be within the range of the conditions determined in the specifications. if overheated, a short circuit, performance deterioration, or lifespan shortening may occur. when embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions. self heating (temperature increase) occurs when the power is turned on, so the tolerance should be sufficient for the set therm al design. carefully lay out the coil for the circuit board design of the non-magnetic shield type. a malfunction may occur due to magnetic interference. use a wrist band to discharge static electricity in your body through the grounding wire. do not expose the products to magnets or magnetic fields. do not use for a purpose outside of the contents regulated in the delivery specifications. the products listed on this catalog are intended for use in general electronic equipment (av equipment, telecommunications equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment, industrial robots) under a normal operation and use condition. the products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to society, person or property. if you intend to use the products in the applications listed below or if you have special requirements exceeding the range or c onditions set forth in the each catalog, please contact us. (1) aerospace/aviation equipment (2) transportation equipment (cars, electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications when designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securi ng protection circuit/device or providing backup circuits in your equipment. reminders (3/13) inductors 001-01 / 20140220 / inductor_commercial_standard_nl_en.fm ? all specifications are subject to change without notice. inductors for standard circuits wound ferrite features resin mold type wound inductor for standard circuits. 1 to 10000h, e-12 series, wide lineup compatible with j (5%) tolerance, can be used for applications that need to meet strict l tolerance such as filter circuits. has excellent inductance temperature characteristics in the operating temperature range. application smart meters, av equipment, xdsl, electronic devices for communications infrastruct ure such as mobile base stations, industrial equipment, other part number construction operating temperature range, pack age quantity, product weight operating temperature range includes self-temperature rise. the storage temperature range is for after the circuit board is mounted. product compatible with rohs directive compatible with lead-free solders overview of the nl series nl 453232 t - 1r0 j - pf series name lwh dimensions packaging style inductance inductance tolerance internal code (mm) (h) 453232 4.53.23.2 t taping 1r0 1 j 5% 565050 5.65.05.0 100 10 101 100 102 1000 103 10000 ty p e temperature range package quantity individual weight operating temperature storage temperature c c (pieces/reel) mg nl453232 C40 to +105 C40 to +105 500 180 nl565050 C40 to +105 C40 to +105 400 380 rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://www.t dk.co.jp/rohs/ (4/13) inductors 001-01 / 20140220 / inductor_commercial_standard_nl_en.fm ? all specifications are subject to change without notice. overview of the nl series recommended reflow profile preheating soldering peak temp. time temp. time temp. time t1 t2 t1 t3 t2 t4 t3 150c 180c 90 to 120s 230c 40s 255c 10s max. natural cooling t3 t1 preheating t2 soldering t3 t3 t4 t2 t1 t: time peak t: temperature (5/13) inductors 001-01 / 20140220 / inductor_commercial_standard_nl_en.fm ? all specifications are subject to change without notice. nl series nl453232 type shape & dimensions recommended land pattern dimensions in mm r0.2 c0.5 102j 4.50.3 3.20.2 3.20.2 2.60.1 0.5 ( 3.3 )( 0.6 ) ( 0.6 ) dimensions in mm 2.8 1.5 3 1.5 (6/13) inductors 001-01 / 20140220 / inductor_commercial_standard_nl_en.fm ? all specifications are subject to change without notice. nl series y nl453232 type electrical characteristics characteristics specification table rated current: smaller value of either idc1 or idc2. idc1: when based on the inductance change rate (10% below the initial value) idc2: when based on the temperature increase (temperature increase of 20c by self heating) measurement equipment ? equivalent measurement equipment may be used. l q min. l, q measuring frequency (mhz) self-resonant frequency (mhz) min. dc resistance ( ) max. rated current (ma) max. part no. (h) tolerance 1 5% 50 7.96 100 0.5 450 nl453232t-1r0j-pf 1.2 5% 50 7.96 80 0.55 430 nl453232t-1r2j-pf 1.5 5% 50 7.96 70 0.6 410 nl453232t-1r5j-pf 1.8 5% 50 7.96 60 0.65 390 nl453232t-1r8j-pf 2.2 5% 50 7.96 55 0.7 380 nl453232t-2r2j-pf 2.7 5% 50 7.96 50 0.75 370 nl453232t-2r7j-pf 3.3 5% 50 7.96 45 0.8 355 nl453232t-3r3j-pf 3.9 5% 50 7.96 40 0.9 330 nl453232t-3r9j-pf 4.7 5% 50 7.96 35 1 315 nl453232t-4r7j-pf 5.6 5% 50 7.96 33 1.1 300 nl453232t-5r6j-pf 6.8 5% 50 7.96 27 1.2 285 nl453232t-6r8j-pf 8.2 5% 50 7.96 25 1.4 270 nl453232t-8r2j-pf 10 5% 50 2.52 20 1.6 250 nl453232t-100j-pf 12 5% 50 2.52 18 2 225 nl453232t-120j-pf 15 5% 50 2.52 17 2.5 200 nl453232t-150j-pf 18 5% 50 2.52 15 2.8 190 nl453232t-180j-pf 22 5% 50 2.52 13 3.2 180 nl453232t-220j-pf 27 5% 50 2.52 12 3.6 170 nl453232t-270j-pf 33 5% 50 2.52 11 4 160 nl453232t-330j-pf 39 5% 50 2.52 10 4.5 150 nl453232t-390j-pf 47 5% 50 2.52 10 5 140 nl453232t-470j-pf 56 5% 50 2.52 9 5.5 135 nl453232t-560j-pf 68 5% 50 2.52 9 6 130 nl453232t-680j-pf 82 5% 50 2.52 8 7 120 nl453232t-820j-pf 100 5% 40 0.796 8 8 110 nl453232t-101j-pf 120 5% 40 0.796 6 8 110 nl453232t-121j-pf 150 5% 40 0.796 5 9 105 nl453232t-151j-pf 180 5% 40 0.796 5 9.5 102 nl453232t-181j-pf 220 5% 40 0.796 4 10 100 nl453232t-221j-pf 270 5% 40 0.796 4 12 92 nl453232t-271j-pf 330 5% 40 0.796 3.5 14 85 nl453232t-331j-pf 390 5% 40 0.796 3 16 80 nl453232t-391j-pf 470 5% 40 0.796 3 26 62 nl453232t-471j-pf 560 5% 30 0.796 3 30 50 nl453232t-561j-pf 680 5% 30 0.796 3 30 50 nl453232t-681j-pf 820 5% 30 0.796 2.5 35 30 nl453232t-821j-pf 1000 5% 30 0.252 2.5 40 30 nl453232t-102j-pf measurement item product no. manufacturer l, q 4194a agilent technologies self-resonant frequency 8753c agilent technologies dc resistance vp-2941a panasonic (7/13) inductors 001-01 / 20140220 / inductor_commercial_standard_nl_en.fm ? all specifications are subject to change without notice. nl series y nl453232 type electrical characteristics l frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 0.01 0.1 1.0 100 10 1000 0.1 100000 100 1000 10000 1 10 inductance ( h ) frequency ( mhz ) 102j 821j 681j 561j 391j 221j 181j 471j 331j 271j 151j 820j 680j 390j 270j 101j 121j 560j 470j 330j 220j 120j 100j 6r8j 5r6j 4r7j 3r9j 180j 150j 3r3j 2r7j 2r2j 1r8j 1r5j 1r2j 1r0j 8r2j product no. manufacturer 4294a agilent technologies (8/13) inductors 001-01 / 20140220 / inductor_commercial_standard_nl_en.fm ? all specifications are subject to change without notice. nl series y nl453232 type electrical characteristics q frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 0 10 20 30 40 50 60 q 70 80 90 100 frequency ( mhz ) 0.01 0.1 1.0 100 10 1000 271j 821j 102j 331j 681j 391j 561j 471j 151j 121j 101j 820j 470j 330j 270j 560j 680j 220j 3r9j 5r6j 4r7j 6r8j 8r2j 100j 120j 150j 180j 1r0j 3r3j 2r7j 1r2j 2r2j 1r8j 1r5j 181j 390j 221j product no. manufacturer 4294a agilent technologies (9/13) inductors 001-01 / 20140220 / inductor_commercial_standard_nl_en.fm ? all specifications are subject to change without notice. nl series nl565050 type shape & dimensions recommended land pattern dimensions in mm 472j 5.60.3 50.3 50.3 c1 40.2 1 ( 4.6 )( 0.5 ) ( 0.5 ) 472j dimensions in mm 4.5 2 4 2 (10/13) inductors 001-01 / 20140220 / inductor_commercial_standard_nl_en.fm ? all specifications are subject to change without notice. nl series y nl565050 type electrical characteristics characteristics specification table rated current: smaller value of either idc1 or idc2. idc1: when based on the inductance change rate (10% below the initial value) idc2: when based on the temperature increase (temperature increase of 20c by self heating) measurement equipment ? equivalent measurement equipment may be used. l q min. l, q measuring frequency (mhz) self-resonant frequency (mhz) min. dc resistance ( ) max. rated current (ma) max. part no. (mh) tolerance 1.2 5% 30 0.252 1.5 17 75 nl565050t-122j-pf 1.5 5% 30 0.252 1.4 20 70 nl565050t-152j-pf 1.8 5% 30 0.252 1.3 30 60 nl565050t-182j-pf 2.2 5% 30 0.252 1.2 35 55 nl565050t-222j-pf 2.7 5% 30 0.252 1.1 55 45 nl565050t-272j-pf 3.3 5% 30 0.252 1 60 40 nl565050t-332j-pf 3.9 5% 30 0.252 1 70 38 nl565050t-392j-pf 4.7 5% 30 0.252 0.9 78 36 nl565050t-472j-pf 5.6 5% 30 0.252 0.8 85 33 nl565050t-562j-pf 6.8 5% 30 0.252 0.7 110 30 nl565050t-682j-pf 8.2 5% 30 0.252 0.6 125 28 nl565050t-822j-pf 10 5% 20 0.0796 0.5 150 25 nl565050t-103j-pf measurement item product no. manufacturer l, q 4194a agilent technologies self-resonant frequency 8753c agilent technologies dc resistance vp-2941a panasonic (11/13) inductors 001-01 / 20140220 / inductor_commercial_standard_nl_en.fm ? all specifications are subject to change without notice. nl series y nl565050type electrical characteristics l frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 0.001 0.01 0.1 1 10 1 100000 100 1000 10000 100000 10 frequency ( mhz ) inductance ( h ) 103j 472j 682j 562j 332j 272j 222j 182j 152j 122j 822j 392j product no. manufacturer 4294a agilent technologies (12/13) inductors 001-01 / 20140220 / inductor_commercial_standard_nl_en.fm ? all specifications are subject to change without notice. nl series y nl565050 type electrical characteristics q frequency characteristics graph measurement equipment ? equivalent measurement equipment may be used. 0 10 20 30 40 50 60 q 0.001 0.01 0.1 1 10 frequency ( mhz ) 103j 562j 822j 682j 472j 332j 122j 222j 182j 152j 272j 392j product no. manufacturer 4294a agilent technologies (13/13) inductors 001-01 / 20140220 / inductor_commercial_standard_nl_en.fm ? all specifications are subject to change without notice. nl series packaging style reel dimensions * these values are typical values. tape dimensions ty p e a w1 w2 n e nl453232 ?180 13 17 ?60 0.5 nl565050 ?180 13 17 ?60 0.5 ?13.0 0.5 ?21.0 0.8 2.0 0.5 a dimensions in mm ( 1.0 ) n e w2 w1 fe w p0p2?d0 p1 a t b k dimensions in mm ty p e a b ?d0 e f p0 p1 p2 w k t nl453232 3.6 4.9 1.5+0.1/-0 1.750.1 5.500.05 4.000.10 8.000.10 2.000.05 12.00.30 3.2 0.4 nl565050 5.4 5.8 1.5+0.1/-0 1.750.1 5.500.05 4.000.10 8.000.10 2.000.05 12.00.30 5.4 0.4 mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tdk: ? nlv25t-012j-pf? nlv25t-015j-pf? nlv25t-018j-pf? nlv25t-027j-pf? nlv25t-039j-pf? nlv25t-056j-pf? nlv25t-068j-pf? nlv25t-082j-pf? nlv25t-100j-pf? nlv25t-101j-pf? nlv25t-120j-pf? nlv25t-180j-pf? nlv25t-1r0j-pf? nlv25t-1r5j-pf? nlv25t-270j-pf? nlv25t-2r2j-pf? nlv25t-390j-pf? nlv25t-3r3j-pf? nlv25t-470j-pf? nlv25t-4r7j-pf? nlv25t-560j-pf? nlv25t-5r6j-pf? nlv25t-820j-pf? nlv25t-8r2j-pf? nlv25t-r22j-pf? nlv25t-r68j-pf? nlv32t-010j-pf? nlv32t-022j-pf? nlv32t-047j-pf? nlv32t-068j-pf? nlv32t-100j-pf? nlv32t-101j-pf? nlv32t-150j-pf? NLV32T-151J-PF? nlv32t-1r0j-pf? nlv32t-1r5j-pf? nlv32t-221j-pf? nlv32t-2r2j-pf? nlv32t-330j-pf? nlv32t-331j-pf? nlv32t-3r3j-pf? nlv32t-470j-pf? nlv32t-4r7j-pf? nlv32t-680j-pf? nlv32t-r10j-pf? nlv32t-r22j-pf? nlv32t-r68j-pf? nl453232t-100j-pf? nl453232t-102j-pf? nl453232t-271j-pf? nl453232t-331j-pf? nl453232t-471j-pf? nlv32t-018j-pf? nlv32t- 039j-pf? nlv32t-056j-pf? nlv32t-082j-pf? nlv32t-1r8j-pf? nlv32t-270j-pf? nlv32t-3r9j-pf? nlv32t-5r6j- pf? nlv32t-8r2j-pf? nlv32t-r18j-pf? nlv32t-r27j-pf? nlv32t-r56j-pf? nlv32t-r82j-pf? nl453232t-221j- pf? nl453232t-1r0j-pf? nl453232t-8r2j-pf? nl453232t-330j-pf? nl453232t-390j-pf? nl453232t-560j-pf? nl453232t-151j-pf? nl453232t-181j-pf? nl453232t-391j-pf? nl453232t-4r7j-pf? nl453232t-1r2j-pf? nl453232t-1r5j-pf? nl453232t-1r8j-pf? nl453232t-2r2j-pf? nl453232t-2r7j-pf? nl453232t-3r3j-pf? nl453232t-3r9j-pf? nl453232t-5r6j-pf? nl453232t-6r8j-pf? nl453232t-120j-pf? nl453232t-150j-pf? nl453232t-180j-pf? nl453232t-220j-pf? nl453232t-270j-pf? nl453232t-470j-pf? nl453232t-680j-pf? nl453232t-820j-pf? nl453232t-101j-pf? nl453232t-121j-pf? nl453232t-681j-pf? nl453232t-821j-pf? nlv32t-012j-pf? nlv32t-390j-pf? nlv32t-560j-pf |
Price & Availability of NLV32T-151J-PF |