Part Number Hot Search : 
SB22007 EM48AM MD82542B 12A50 BC847C FSS130D3 STU12L01 RF215506
Product Description
Full Text Search
 

To Download MUR140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mur120 ... mur160 mur120 ... mur160 ultrafast switching silicon rectifier diodes C ultraschnelle silizium-gleichrichterdioden version 2014-07-29 dimensions - ma?e [mm] nominal current nennstrom 1 a repetitive peak reverse voltage periodische spitzensperrspannung 200...600 v plastic case kunststoffgeh?use ~do-41 ~do-204ac weight approx. gewicht ca. 0.4 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert standard packaging taped in ammo pack standard lieferform gegurtet in ammo-pack maximum ratings grenzwerte type typ repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] surge peak reverse voltage sto?spitzensperrspannung v rsm [v] mur120 200 200 MUR140 400 400 mur160 600 600 max. average forward rectified current, r-load dauergrenzstrom in einwegschaltung mit r-last t a = 50c i fav 1 a 1 ) repetitive peak forward current periodischer spitzenstrom f > 15 hz i frm 6 a 1 ) peak forward surge current, 50/60 hz half sine-wave sto?strom fr eine 50/60 hz sinus-halbwelle t a = 25c i fsm 32/35 a rating for fusing C grenzlastintegral, t < 10 ms t a = 25c i 2 t 5 a 2 s junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -50...+175c -50...+175c 1 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden ? diotec semiconductor ag http://www.diotec.com/ 1 t y p e ? 0.77 0.07 ? 2.6 0.1 6 2 . 5 + 0 . 5 5 . 1 - 0 . 1 - 4 . 5
mur120 ... mur160 characteristics kennwerte type typ reverse recovery time sperrverzugszeit reverse recovery time sperrverzugszeit forward voltage durchlass-spannung t rr [ns] 1 ) t rr [ns] 2 ) v f [v] at / bei i f = [a] mur120 < 25 < 35 < 0.875 1 MUR140 ... mur160 < 50 < 75 < 1.25 1 leakage current sperrstrom t j = 25c t j = 100c v r = v rrm v r = v rrm i r i r < 5 a < 50 a thermal resistance junction to ambient air w?rme widerstand sperrschicht C umgebende luft r tha < 45 k/w 3 ) thermal resistance junction to leads w?rme widerstand sperrschicht C anschlussdraht r thl < 15 k/w 1 i f = 0.5 a through/ber i r = 1 a to/auf i r = 0.25 a 2 i f = 1.0 a, di/dt = -50 a/s, v r = 30 v 3 valid, if leads are kept at ambient temperature at a distance of 10 mm from case gltig, wenn die anschlussdr?hte in 10 mm abstand vom geh?use auf umgebungstemperatur gehalten werden 2 http://www.diotec.com/ ? diotec semiconductor ag 120 100 80 60 40 20 0 [%] i fav rated forward current versus ambient temperature ) zul. richtstrom in abh. von der umgebungstemp. ) 1 1 [c] t a 150 100 50 0 [a] i f forward characteristics (typical values) durchlasskennlinien (typische werte) [v] v f 10 1 0.1 10 10 -2 -3 mur120 MUR140...160 t = 25c j


▲Up To Search▲   

 
Price & Availability of MUR140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X