Part Number Hot Search : 
SL1461 NTD42 P6KE22 PAL16L8 2SK12 P8051 2MK35 SPL11A
Product Description
Full Text Search
 

To Download MTP30N06VL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 august, 2006 ? rev. 6 1 publication order number: MTP30N06VL/d MTP30N06VL preferred device power mosfet 30 amps, 60 volts, logic level n ? channel to ? 220 this power mosfet is designed to withstand high energy in the avalanche and commutation modes. designed for low voltage, high speed switching applications in power supplies, converters and power motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional safety margin against unexpected voltage transients. ? avalanche energy specified ? i dss and v ds(on) specified at elevated temperature maximum ratings (t c = 25 c unless otherwise noted) rating symbol value unit drain ? to ? source voltage v dss 60 vdc drain ? to ? gate voltage (r gs = 1.0 m ) v dgr 60 vdc gate ? to ? source voltage ? continuous ? non ? repetitive (t p 10 ms) v gs v gsm 15 20 vdc vpk drain current ? continuous drain current ? continuous @ 100 c drain current ? single pulse (t p 10 s) i d i d i dm 30 20 105 adc apk total power dissipation derate above 25 c p d 90 0.6 watts w/ c operating and storage temperature range t j , t stg ? 55 to 175 c single pulse drain ? to ? source avalanche energy ? starting t j = 25 c (v dd = 25 vdc, v gs = 5 vdc, peak i l = 30 apk, l = 0.342 mh, r g = 25 ) e as 154 mj thermal resistance ? junction to case thermal resistance ? junction to ambient r jc r ja 1.67 62.5 c/w maximum lead temperature for soldering purposes, 1/8 from case for 10 seconds t l 260 c 30 amperes 60 volts r ds(on) = 50 m preferred devices are recommended choices for future use and best overall value. device package shipping ordering information MTP30N06VL to ? 220ab 50 units/rail to ? 220ab case 221a style 5 1 2 3 4 http://onsemi.com n ? channel d s g marking diagram & pin assignment MTP30N06VL = device code ll = location code y = year ww = work week MTP30N06VL llyww 1 gate 3 source 4 drain 2 drain
MTP30N06VL http://onsemi.com 2 electrical characteristics (t j = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics drain ? to ? source breakdown voltage (v gs = 0 vdc, i d = 250 adc) temperature coefficient (positive) v (br)dss 60 ? ? 63 ? ? vdc mv/ c zero gate voltage drain current (v ds = 60 vdc, v gs = 0 vdc) (v ds = 60 vdc, v gs = 0 vdc, t j = 150 c) i dss ? ? ? ? 10 100 adc gate ? body leakage current (v gs = 15 vdc, v ds = 0 vdc) i gss ? ? 100 nadc on characteristics (note 1) gate threshold voltage (v ds = v gs , i d = 250 adc) threshold temperature coefficient (negative) v gs(th) 1.0 ? 1.5 4.0 2.0 ? vdc mv/ c static drain ? to ? source on ? resistance (v gs = 5 vdc, i d = 15 adc) r ds(on) ? 0.033 0.05 ohm drain ? to ? source on ? voltage (v gs = 5 vdc, i d = 30 adc) (v gs = 5 vdc, i d = 15 adc, t j = 150 c) v ds(on) ? ? ? ? 1.8 1.73 vdc forward transconductance (v ds = 6.25 vdc, i d = 15 adc) g fs 13 21 ? mhos dynamic characteristics input capacitance (v ds = 25 vdc, v gs = 0 vdc, f = 1.0 mhz) c iss ? 1130 1580 pf output capacitance c oss ? 360 500 transfer capacitance c rss ? 95 190 switching characteristics (note 2) turn ? on delay time (v dd = 30 vdc, i d = 30 adc, v gs = 5 vdc, r g = 9.1 ) t d(on) ? 14 30 ns rise time t r ? 260 520 turn ? off delay time t d(off) ? 54 110 fall time t f ? 108 220 gate charge (see figure 8) (v ds = 48 vdc, i d = 30 adc, v gs = 5 vdc) q t ? 27 40 nc q 1 ? 5 ? q 2 ? 17 ? q 3 ? 15 ? source ? drain diode characteristics forward on ? voltage (i s = 30 adc, v gs = 0 vdc) (i s = 30 adc, v gs = 0 vdc, t j = 150 c) v sd ? ? 0.98 0.89 1.6 ? vdc reverse recovery time (i s = 30 adc, v gs = 0 vdc, di s /dt = 100 a/ s) t rr ? 86.4 ? ns t a ? 49.6 ? t b ? 36.8 ? reverse recovery stored charge q rr ? 0.228 ? c internal package inductance internal drain inductance (measured from the drain lead 0.25 from package to center of die) l d ? 4.5 ? nh internal source inductance (measured from the source lead 0.25 from package to source bond pad) l s ? 7.5 ? nh 1. pulse test: pulse width 300 s, duty cycle 2%. 2. switching characteristics are independent of operating junction temperature.
MTP30N06VL http://onsemi.com 3 typical electrical characteristics r ds(on) , drain?to?source resistance (ohms) r ds(on) , drain?to?source resistance (normalized) 01 23 0 10 60 v ds , drain?to?source voltage (volts) figure 1. on ? region characteristics i d , drain current (amps) 135 10 0 0 20 50 60 i d , drain current (amps) v gs , gate?to?source voltage (volts) figure 2. transfer characteristics 01020 60 0.02 0.06 0.04 0.01 r ds(on) , drain?to?source resistance (ohms) 02030 60 0 0.02 0.04 0.06 i d , drain current (amps) figure 3. on ? resistance versus drain current and temperature i d , drain current (amps) figure 4. on ? resistance versus drain current and gate voltage ?50 0.6 0.8 1.2 1.6 1.8 01020 4050 60 10 100 t j , junction temperature ( c) figure 5. on ? resistance variation with temperature v ds , drain?to?source voltage (volts) figure 6. drain ? to ? source leakage current versus voltage i dss , leakage (na) ?25 0 25 50 75 100 125 150 v gs = 5 v i d = 15 a t j = 25 c v gs = 10 v 8 v 6 v 5 v 3 v v gs = 10 v t j = 100 c 25 c ?55 c 25 c t j = 25 c v gs = 5 v 10 v v gs = 0 v t j = 125 c 30 50 4 30 30 10 30 v ds 10 v t j = ?55 c 100 c 4 v 2 46 40 0.08 0 1 1.4 1000 1 100 c 567 8910 20 40 0.07 0.05 0.03 40 50 40 50 0.01 0.03 0.05 0.4 0.2 0 2 175
MTP30N06VL http://onsemi.com 4 power mosfet switching switching behavior is most easily modeled and predicted by recognizing that the power mosfet is charge controlled. the lengths of various switching intervals ( t) are determined by how fast the fet input capacitance can be charged by current from the generator. the published capacitance data is difficult to use for calculating rise and fall because drain ? gate capacitance varies greatly with applied voltage. accordingly, gate charge data is used. in most cases, a satisfactory estimate of average input current (i g(av) ) can be made from a rudimentary analysis of the drive circuit so that t = q/i g(av) during the rise and fall time interval when switching a resistive load, v gs remains virtually constant at a level known as the plateau voltage, v sgp . therefore, rise and fall times may be approximated by the following: t r = q 2 x r g /(v gg ? v gsp ) t f = q 2 x r g /v gsp where v gg = the gate drive voltage, which varies from zero to v gg r g = the gate drive resistance and q 2 and v gsp are read from the gate charge curve. during the turn ? on and turn ? off delay times, gate current is not constant. the simplest calculation uses appropriate values from the capacitance curves in a standard equation for voltage change in an rc network. the equations are: t d(on) = r g c iss in [v gg /(v gg ? v gsp )] t d(off) = r g c iss in (v gg /v gsp ) the capacitance (c iss ) is read from the capacitance curve at a voltage corresponding to the off ? state condition when calculating t d(on) and is read at a voltage corresponding to the on ? state when calculating t d(off) . at high switching speeds, parasitic circuit elements complicate the analysis. the inductance of the mosfet source lead, inside the package and in the circuit wiring which is common to both the drain and gate current paths, produces a voltage at the source which reduces the gate drive current. the voltage is determined by ldi/dt, but since di/dt is a function of drain current, the mathematical solution is complex. the mosfet output capacitance also complicates the mathematics. and finally, mosfets have finite internal gate resistance which effectively adds to the resistance of the driving source, but the internal resistance is difficult to measure and, consequently, is not specified. the resistive switching time variation versus gate resistance (figure 9) shows how typical switching performance is af fected by the parasitic circuit elements. if the parasitics were not present, the slope of the curves would maintain a value of unity regardless of the switching speed. the circuit used to obtain the data is constructed to minimize common inductance in the drain and gate circuit loops and is believed readily achievable with board mounted components. most power electronic loads are inductive; the data in the figure is taken with a resistive load, which approximates an optimally snubbed inductive load. power mosfets may be safely operated into an inductive load; however, snubbing reduces switching losses. figure 7. capacitance variation 10 0 10 52025 gate?to?source or drain?to?source voltage (volts) c, capacitance (pf) v gs v ds 4000 3000 2000 1000 0 t j = 25 c v ds = 0 v c iss c oss c rss 15 v gs = 0 v c iss c rss 5000 3500 2500 1500 500 4500 5
MTP30N06VL http://onsemi.com 5 v ds , drain?to?source voltage (volts) v gs , gate?to?source voltage (volts) drain ? to ? source diode characteristics 0.5 0.7 0.95 0.85 0.9 10 v sd , source?to?drain voltage (volts) figure 8. gate ? to ? source and drain ? to ? source voltage versus total charge i s , source current (amps) figure 9. resistive switching time variation versus gate resistance r g , gate resistance (ohms) 1 10 100 t, time (ns) t j = 25 c i d = 30 a v dd = 30 v v gs = 5 v t j = 25 c v gs = 0 v figure 10. diode forward voltage versus current 0 q t , total charge (nc) 510 2025 15 t j = 25 c i d = 30 a 0 15 20 30 1000 100 10 1 2.5 1.5 0.5 0 5 2 1 30 27 24 15 9 3 0 t f t d(off) t d(on) t r v gs q2 5 q3 qt q1 v ds 1 0.8 0.75 0.55 0.65 0.6 6 12 18 21 3 3.5 4 4.5 25 safe operating area the forward biased safe operating area curves define the maximum simultaneous drain ? to ? source voltage and drain current that a transistor can handle safely when it is forward biased. curves are based upon maximum peak junction temperature and a case temperature (t c ) of 25 c. peak repetitive pulsed power limits are determined by using the thermal response data in conjunction with the procedures discussed in an569, ?transient thermal resistance ? general data and its use.? switching between the off ? state and the on ? state may traverse any load line provided neither rated peak current (i dm ) nor rated voltage (v dss ) is exceeded and the transition time (t r ,t f ) do not exceed 10 s. in addition the total power averaged over a complete switching cycle must not exceed (t j(max) ? t c )/(r jc ). a power mosfet designated e ? fet can be safely used in switching circuits with unclamped inductive loads. for reliable operation, the stored energy from circuit inductance dissipated in the transistor while in avalanche must be less than the rated limit and adjusted for operating conditions differing from those specified. although industry practice is to rate in terms of energy , avalanche energy capability is not a constant. the energy rating decreases non ? linearly with an increase of peak current in avalanche and peak junction temperature. although many e ? fets can withstand the stress of drain ? to ? source avalanche at currents up to rated pulsed current (i dm ), the energy rating is specified at rated continuous current (i d ), in accordance with industry custom. the energy rating must be derated for temperature as shown in the accompanying graph (figure 12). maximum energy at currents below rated continuous i d can safely be assumed to equal the values indicated.
MTP30N06VL http://onsemi.com 6 safe operating area figure 11. maximum rated forward biased safe operating area di/dt t rr t a t p i s 0.25 i s time i s t b figure 12. maximum avalanche energy versus starting junction temperature 0.1 100 v ds , drain?to?source voltage (volts) figure 13. thermal response i d , drain current (amps) r ds(on) limit thermal limit package limit 10 v gs = 20 v single pulse t c = 25 c 1 figure 14. diode reverse recovery waveform r(t), normalized effective transient thermal resistance r jc (t) = r(t) r jc d curves apply for power pulse train shown read time at t 1 t j(pk) ? t c = p (pk) r jc (t) p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 10 100 1000 1 dc 100 s 1 ms 10 ms 10 s t, time (s) 1.00 0.10 0.01 0.2 d = 0.5 0.05 0.01 single pulse 0.1 1.0e?05 1.0e?04 1.0e?03 1.0e?02 1.0e?01 1.0e+00 1.0e+01 0.02 t j , starting junction temperature ( c) e as , single pulse drain?to?source avalanche energy (mj) 25 50 75 100 125 i d = 30 a 150 0 60 40 20 140 80 100 120 175 160
MTP30N06VL http://onsemi.com 7 package dimensions to ? 220 three ? lead to ? 220ab case 221a ? 09 issue aa style 5: pin 1. gate 2. drain 3. source 4. drain notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 ??? 1.15 ??? z ??? 0.080 ??? 2.04 b q h z l v g n a k f 123 4 d seating plane ? t ? c s t u r j on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 MTP30N06VL/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MTP30N06VL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X