Part Number Hot Search : 
2N6076 BC846BW 1N6134E3 CHP222PT PF0314 P6KE51 01112 TZ200B
Product Description
Full Text Search
 

To Download MPL90-12-S-TYPE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  o u te r d im e n s io n s t e r m in a l t y p e dimension(mm/inch) vrla rechargeable battery mpl90-12 technology measures innovation values b.b. battery co., ltd. powered by terminal hardware initial torque: b3 , i 2(5.5nm 5% ) t e rm in a l i 2 standard type t e r m i n a l b 3 7 . 0 ( 0 . 2 8 ) 25.0 (0.9 8) 7.3( 0.29 ) 1 1 . 0 ( 0 . 4 3 ) 2 4 . 5 ( 0 . 9 6 ) ( m 6 b o l t & n u t ) 3 0 6 .0 2 .0 [1 2 .0 5 0 .0 8 ] 2 3 0 . 0 2 . 0 [ 9 . 0 6 0 . 0 8 ] 2 0 0 . 0 2 . 0 [ 7 . 8 7 0 . 0 8 ] 1 7 3 .0 2 .0 [6 .8 1 0 .0 8 ] (v/cell) f.v. discharge time 5 min 10 min unit: w o o const ant po wer di scharg e char acteris tics at 25 c/77 f 15 min 20 min 25 min 30 min 40 min 50 min 60 min 90 min 3117 34943726 3878 3993 22912459 2560 2639 2690 19032013 2082 2129 2160 15911653 1696 1728 1751 13791420 1448 1471 1489 1211 12421262 1276 1288 975995 10091021 1031 818835 845 854 861 709720 728 735 741 504512 518 522 525 (v/cell) f.v. discharge time 5 min 10 min 15 min 20 min 25 min 30 min 40 min 50 min 60 min 90 min unit: a o o const ant cu rrent d ischar ge cha racter istics at 25 c/77 f 290 318339 352 363 201217 226 233 237 165174 180 185 188 136142 146 149 151 116 121124 126 128 101105 107 109 110 8183 85 86 87 6870 71 72 72 59.660.5 61.2 61.8 62.2 42.343.0 43.5 43.9 44.2 1.80v 1.75v1.70v 1.65v 1.60v 1.80v 1.75v1.70v 1.65v 1.60v application features t elecom golf-carts cable tv power station marine ups maintenance free(no water topping-up required) no free acid(non-spillable battery)low self-discharge rate, lower than 3% capacity loss per month can be used in any orientation(excluding used inverted) the battery is designed with very lower resistance and exceeding high power performanceflame-arrestor is installed to ensure safety absorbent glass mat technology for efficient gas recombination 3062.0 1732.0 2002.0 length width container height total height b3:2302.0 (12.05 0.08) (6.81 0.08) (7.87 0.08) (9.06 0.08) i 2:2072.0 (8.15 0.08) m6x1.0 2 . 0 ( 0 . 0 8 ) nominal voltage nominal capacity 88ah @ 10 hour rate f.v.(1.75v/cell) t erminals 4m 26.4 a oo o o charge 0 c ~5 0 c(32 f ~ 122 f) oo o o discharge -20 c ~6 0 c(-4 f ~ 140 f) oo o o storage. -20 c ~5 0 c(-4 f ~ 122 f) internal resistance 12 v max. charge current container material 29.8kg(65.7lbs.) specifications iec60896-21/22 jis c 8704-2gb/t 19638.2 approx. weight (fully charged ) operating tem perature range b3 (fitting m6 bolt & nut) i 2 is optional 2450 a 780 a short circuit current cold cranking amp @ -18 c standard: pp( ul 94-hb) mpl90-12 mpl90-12fr optional: flame retardant pp(ul 94-v0) rev. jul. 2 013 a/3 all d ata and artw orks sha ll be cha nge d w itho ut p rior noti ce, bb rese rves the righ t to exp lain and upd ate the info rma tion con tain ed h erei nto.


▲Up To Search▲   

 
Price & Availability of MPL90-12-S-TYPE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X