Part Number Hot Search : 
AD790SQ IR3084A 21020 D217ERU 1N6002B T74LS133 PHAP3301 CSNE121
Product Description
Full Text Search
 

To Download JAN2N3501UB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds -0 276-3 , rev . 1 (12 1564 ) ?201 2 microsemi corporation page 1 of 7 2n3501ub compliant radiation hardened npn silicon switching transistor qualified per mil - prf - 19500/3 66 qualified levels : jan , jantx, jantxv and jans description this 2n3501 epitaxial p lanar transistor is military qualified up to a jans level for high - reliability applications. th is device is also available in thru hole to - 5 and to - 39 packaging as well as a low profile u4 surface mount . microsemi also offers numerous other transistor pr oducts to meet higher and lower power ratings with various switching speed requirements in both through - hole and surface - mount packages. ub package also available in : to - 5 package (long - leaded) 2n3498l ? 2n3501l to - 39 (to - 205ad) package (leaded) 2n3498 ? 2n3501 u4 package (surface mount) 2n3498u4 ? 2n3501 u4 important: for the latest informatio n, visit our website http://www.microsemi.com . features ? surface mount equivalent of jedec registered 2n350 1 number . ? jan, jantx, jantxv and jans qualifications are available per mil - prf - 19500/366. (see part nomenclature for all available options.) ? rohs compliant by design . applications / benefits ? gene ral purpose transistors for medium power applications requiring high frequency switching. ? low profile ceramic package. ? lightweight. ? military and other high - reliability applications. maximum ratings @ t c = +25 oc unless otherwise noted msc ? lawrence 6 l ake street, lawrence, ma 01841 tel: 1 -800- 446- 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc ? ireland gort road business park, ennis, co. c lare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parameters / test conditions symbol value unit junction & storage temperature range t j , t stg - 65 to +200 c thermal resistance junction -to - ambient r ? ja 325 o c/w thermal resistance junction -to - solder pad r ? jsp 90 o c/w collector - emitter voltage v ceo 150 v collector - base voltage v cbo 150 v emitter - base voltage v ebo 6.0 v collector current i c 300 ma total power dissipation @ t a = +25 c (1) @ t sp = + 25 c (2) p t 0.5 1.5 w notes : 1. see figure 1 . 2. see figure 2 .
t4 - lds -0 276-3 , rev . 1 (12 1564 ) ?201 2 microsemi corporation page 2 of 7 2n3501ub mechanical and packaging ? case: ceramic . ? terminals: gold p lating over n ickel under plate. ? marking: part number, date co de, manufacturer?s id. ? tape & reel option: standard per eia - 418d . consult factory for quantities. ? weight: < 0.04 grams . ? see p ackage d imensions on last page. part nomenclature jan 2n3501 ub reliability lev el jan = jan level jantx = jantx level jantxv = jantxv level jans = jans level blank = commercial jedec type number (see electrical characteristics table) surface mount package symbols & definitions symbo l definition c obo c ommon - base open - circuit output capacitance i ceo c ollector cutoff current, base open i cex c ollector cutoff current, circuit between base and emitter i ebo e mitter cutoff current, collector open h fe c ommon - emitter static forward curren t transfer ratio v ceo c ollector - emitter voltage, base open v cbo c ollector - emitter voltage, emitter open v ebo e mitter - base voltage, collector open
t4 - lds -0 276-3 , rev . 1 (12 1564 ) ?201 2 microsemi corporation page 3 of 7 2n3501ub electrical characteristics @ t a = +25 c, unless otherwise noted parameters / test conditions symbo l min. max. unit off characteristics collector - emitter breakdown voltage i c = 10 ma , pulsed v (br)ceo 150 v collector - base cutoff current v cb = 75 v v cb = 150 v i cbo 50 10 n a a emitter - base cutoff current v eb = 4.0 v v eb = 6.0 v i ebo 25 10 n a a on characteristics (1 ) forward - current transfer ratio i c = 0.1 ma, v ce = 10 v i c = 1.0 ma, v ce = 10 v i c = 10 ma, v ce = 10 v i c = 150 ma, v ce = 10 v i c = 300 ma, v ce = 10 v h fe 35 50 75 100 20 300 collector - emitter saturation voltage i c = 10 ma, i b = 1.0 ma i c = 150 ma, i b = 15 ma v ce(sat) 0.2 0.4 v base - emitter saturation voltage i c = 10 ma, i b = 1.0 ma i c = 150 ma, i b = 15 ma v be(sat) 0.8 1.2 v dynamic characteristics forward current transfer ratio, magnitude i c = 20 ma, v ce = 20 v, f = 100 mhz |h fe | 1.5 8.0 output capacitance v cb = 10 v, i e = 0, 100 khz < f < 1.0 mhz c obo 8.0 pf input capacitance v eb = 0.5 v, i c = 0, 100 khz < f < 1.0 mhz c ibo 80 pf (1 ) pulse test: p ulse w idth = 300 s , d ut y c ycl e < 2.0%.
t4 - lds -0 276-3 , rev . 1 (12 1564 ) ?201 2 microsemi corporation page 4 of 7 2n3501ub electrical characteristics @ t a = +25 c, unless otherwise noted (continued) switching characteristics parameters / test conditions symbol min. max. unit turn - on time v eb = 5 v; i c = 150 ma; i b1 = 15 ma t on 115 n s turn - off time i c = 150 ma; i b1 = i b2 = 15 ma t off 1150 n s safe operating area (see soa figure and reference mil - std - 750 method 3053 ) dc tests t c = +25 o c, tr > 10 n s; 1 cycle , t = 1.0 s test 1 v ce = 10 v, i c = 113 ma test 2 v ce = 50 v, i c = 23 ma test 3 v ce = 80 v, i c = 1 4 ma clamped switching t a = +25 o c test 1 i b = 50 ma, i c = 300 ma collector to emitter voltage v ce (volts) maximum s afe o perating a rea collector current i c (milliamperes)
t4 - lds -0 276-3 , rev . 1 (12 1564 ) ?201 2 microsemi corporation page 5 of 7 2n3501ub graphs tc (c) (case) figure 1 derating for all devices (r jsp ) h tc (c) (case) figure 2 dera ting for all devices (r ja ) dc operation maximum rating (w) dc operation maximum rating (w)
t4 - lds -0 276-3 , rev . 1 (12 1564 ) ?201 2 microsemi corporation page 6 of 7 2n3501ub graphs time (s) figure 3 thermal impedance graph (r jsp ) theta ( o c/w)
t4 - lds -0 276-3 , rev . 1 (12 1564 ) ?201 2 microsemi corporation page 7 of 7 2n3501ub package dimensions symbol dimensions note symbol dimensions note inch millimeters inch millimeters min max min max min max min max bh .046 .056 1.17 1.42 ls 1 .036 .040 0.91 1.02 bl .115 .128 2.92 3.25 ls 2 .071 .079 1.80 2.01 bw .085 .108 2.16 2.74 lw .016 .024 0.41 0.61 cl - .128 - 3.25 r - .008 - 0.20 3 cw - .108 - 2.74 r 1 - .012 - 0.305 ll 1 .022 .038 0.56 0.97 r 2 - .022 - 0.559 ll 2 .017 .035 0.43 0.89 notes: 1. dimensions are in inches. 2. millimeters are given for general information only. 3. hatched areas on package denote metallized areas. 4. lid material: kovar. 5 . pad 1 = base, pad 2 = emitter, pad 3 = collector, pad 4 = shielding connected to the lid. 6 . in accordance with asme y14.5m, diameters are equivalent to x symbology. lid


▲Up To Search▲   

 
Price & Availability of JAN2N3501UB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X