Part Number Hot Search : 
GS18U18 KN4F3R 43650 TRB6536 2SK2322S ELM33400 TC7S02F MB3505G
Product Description
Full Text Search
 

To Download FZT751 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot223 pnp silicon planar high performance transistor issue 2 ? february 1995 features * 60 volt v ceo * 3 amp continuous current * low saturation voltage complementary type ? fzt651 partmarking detail ? FZT751 absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo -80 v collector-emitter voltage v ceo -60 v emitter-base voltage v ebo -5 v peak pulse current i cm -6 a continuous collector current i c -3 a power dissipation at t amb =25c p tot 2w operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. collector-base breakdown voltage v (br)cbo -80 v i c =-100 m a collector-emitter breakdown voltage v (br)ceo -60 v i c =-10ma* emitter-base breakdown voltage v (br)ebo -5 v i e =100 m a collector cut-off current i cbo -0.1 -10 m a m a v cb =-60v v cb =-60v, t amb =100c emitter cut-off current i ebo -0.1 m a v eb =-4v collector-emitter saturation voltage v ce(sat) -0.15 -0.45 0.3 0.6 v v i c =-1a, i b =-100ma* i c =-3a, i b =-300ma* base-emitter saturation voltage v be(sat) -0.9 -1.25 v i c =-1a, i b =-100ma* base-emitter turn-on voltage v be(on) -0.8 -1.0 v i c =-1a, v ce =-2v* static forward current transfer ratio h fe 70 100 80 40 200 200 170 150 300 i c =-50ma, v ce =-2v* i c =-500ma, v ce =-2v* i c =-1a, v ce =-2v* i c =-2a, v ce =-2v* transition frequency f t 100 140 mhz i c =-100ma, v ce =-5v f=100mhz switching times t on 40 ns i c =-500ma, v cc =-10v i b1 =i b2 =-50ma t off 450 ns output capacitance c obo 30 pf v cb =-10v, f=1mhz *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% spice parameter data is available upon request for this device FZT751 FZT751 c c e b 3 234 3 - 235 typical characteristics v ce(sat) v i c i c - collector current (amps) v - ( v olts) 0.01 0.1 10 1 10 0 0.1 0.2 0.4 0.5 0.3 0.6 0.001 0.0001 i c /i b =10 i c - collector current (amps) h fe v i c h - g ain 0.01 0.1 1 v ce =2v 125 175 225 75 0 i c - collector current (amps) v be(sat) v i c v - ( v ol t s) 0.6 0.8 1.0 1.2 1.4 0.01 10 0.1 1 0.0001 0.001 i c /i b =10 i c - collector current (amps) v be(on) v i c v - ( v ol ts ) 0.6 0.8 1.0 1.2 0.4 0.01 10 0.1 1 0.0001 0.001 v ce =2v switching speeds i c - collector current (amps) s witc hi ng ti m e 0.1 1 i b1 =i b2 =i c /10 ts tf td tr ts ns 0 td tr tf ns 100 120 40 20 60 80 140 0 500 600 200 100 300 400 700 single pulse test at t amb =25c 0.1 100 1s 100ms 10 dc 0.01 v ce - collector emitter voltage (v) safe operating area 10ms 1ms 100 m s 110 0.1 1
sot223 pnp silicon planar high performance transistor issue 2 ? february 1995 features * 60 volt v ceo * 3 amp continuous current * low saturation voltage complementary type ? fzt651 partmarking detail ? FZT751 absolute maximum ratings. parameter symbol value unit collector-base voltage v cbo -80 v collector-emitter voltage v ceo -60 v emitter-base voltage v ebo -5 v peak pulse current i cm -6 a continuous collector current i c -3 a power dissipation at t amb =25c p tot 2w operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. collector-base breakdown voltage v (br)cbo -80 v i c =-100 m a collector-emitter breakdown voltage v (br)ceo -60 v i c =-10ma* emitter-base breakdown voltage v (br)ebo -5 v i e =100 m a collector cut-off current i cbo -0.1 -10 m a m a v cb =-60v v cb =-60v, t amb =100c emitter cut-off current i ebo -0.1 m a v eb =-4v collector-emitter saturation voltage v ce(sat) -0.15 -0.45 0.3 0.6 v v i c =-1a, i b =-100ma* i c =-3a, i b =-300ma* base-emitter saturation voltage v be(sat) -0.9 -1.25 v i c =-1a, i b =-100ma* base-emitter turn-on voltage v be(on) -0.8 -1.0 v i c =-1a, v ce =-2v* static forward current transfer ratio h fe 70 100 80 40 200 200 170 150 300 i c =-50ma, v ce =-2v* i c =-500ma, v ce =-2v* i c =-1a, v ce =-2v* i c =-2a, v ce =-2v* transition frequency f t 100 140 mhz i c =-100ma, v ce =-5v f=100mhz switching times t on 40 ns i c =-500ma, v cc =-10v i b1 =i b2 =-50ma t off 450 ns output capacitance c obo 30 pf v cb =-10v, f=1mhz *measured under pulsed conditions. pulse width=300 m s. duty cycle 2% spice parameter data is available upon request for this device FZT751 FZT751 c c e b 3 234 3 - 235 typical characteristics v ce(sat) v i c i c - collector current (amps) v - ( v olts) 0.01 0.1 10 1 10 0 0.1 0.2 0.4 0.5 0.3 0.6 0.001 0.0001 i c /i b =10 i c - collector current (amps) h fe v i c h - g ain 0.01 0.1 1 v ce =2v 125 175 225 75 0 i c - collector current (amps) v be(sat) v i c v - ( v ol t s) 0.6 0.8 1.0 1.2 1.4 0.01 10 0.1 1 0.0001 0.001 i c /i b =10 i c - collector current (amps) v be(on) v i c v - ( v ol ts ) 0.6 0.8 1.0 1.2 0.4 0.01 10 0.1 1 0.0001 0.001 v ce =2v switching speeds i c - collector current (amps) s witc hi ng ti m e 0.1 1 i b1 =i b2 =i c /10 ts tf td tr ts ns 0 td tr tf ns 100 120 40 20 60 80 140 0 500 600 200 100 300 400 700 single pulse test at t amb =25c 0.1 100 1s 100ms 10 dc 0.01 v ce - collector emitter voltage (v) safe operating area 10ms 1ms 100 m s 110 0.1 1


▲Up To Search▲   

 
Price & Availability of FZT751

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X